Part Number Hot Search : 
EBE24B MC6800P 1N5297 TC110 TN5115 TA31136 BU32TA2W BSX53
Product Description
Full Text Search
 

To Download RB2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONQING G PINGYANG ELECTRONICS CO.,LTD.
BR2505 THRU BR2510
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE50-1000V CURRENT25.0A
FEATURES
* Plastic case with heatsink for Maximum Heat Dissipation *Surge overload ratings-300 Amperes *Low forward voltage drop
BR-25
.500 (12.7)
TYP.
M E TA L H E AT S IN K
.452 M AX (11.5) .480(12.2) .425(10.8) 1.142(29.0) 1.102(28.0) .673(17.1) .633(16.1)
MECHANICAL DATA
* Case:Metal or plastic shell with plastic encapsulation *Epoxy: UL 94V-0 rate flame retardant * Terminals: Plated .25"(6.35mm) Faston lugs, Solderable per MIL-STD- 202E, Method 208 guaranteed *Polarity: As marked *Mounting: Thru hole for 8# screw *Weight: 30 grams
.732(18.6) .692(17.6)
H O LE FO R NO . 8 SC REW
1.142(29.0)
AC AC
.6 73 (1 7.1) 1.102(28.0) .6 33 (1 6.1)
.582(14.8) .543(13.8)
.033x.250 (0.8x6.4)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL BR2505 BR251 BR252 BR254 BR256 BR258 RB2510 units Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Output Current at TC=55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Forward Voltage Drop per element at 12.5A DC Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C per element VRRM VRMS VDC Io IFSM VF IR 50 35 50 100 70 100 200 140 200 400 280 400 25 300 1.1 10 500 374 300 2.5 A2S pF
C/W
600 420 600
800 560 800
1000 700 1000
V V V A A V A
2 I2t I t Rating for Fusing (t<8.3ms) CJ Typical Junction Capacitance (Note 1) RJA Typical Thermal Resistance (Note 2) Notes: 1.Measured at 1MHz and applied reverse voltage of 4.0 volts 2.Thermal Resistance from Junction to Case per leg
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of RB2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X