Part Number Hot Search : 
S6416 MXO5026 100MR SR280 2SA1350 15N100 M053M32 232CB
Product Description
Full Text Search
 

To Download PXD16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L U M IN I S
4" Dia.X 6" extruded aluminum step poles
Specification
POLES
PXD
All exposed cast aluminum components are made of non corrosive pure aluminum copper free (Aluminum is less than .1% copper content.#356 alloy.) Finish: All polyester powder baked coatings preceded with a 5 baths preparation process. Meets military grade MIL-C781706 with a 2000 hours salt spray test. - Cast aluminum wiring access cover. - Set of 4 galvanized anchor bolts with 8 nuts and washers. - 6061 T6 alloy 6" O.D. Extruded aluminum pole with a fine surface of linear grooves to increase paint adherence and strength , with 4" O.D. x 125" thick aluminum center pole. - One-piece 1/2" thick cast aluminum base plate with pole collar adaptor and 4 reinforcing gussets. - Two piece cast aluminum base cover. - All stainless steel hardware.
PXD Pole (E.P.A) PXD10 10 FT PXD12 12 FT PXD14 14 FT PXD16 16 FT
6.8 5.2 3.1 2.2
5.2 3.8 2.2 1.3
4.1 2.9 1.5 1.1
3.3 2.3 1.2 0.8
2.8 1.9 1.0 N/A
4" O.D
6" 9" Dia. Bolt circle. 11" Dia. base plate
6" Dia. Ft. 60" 18" 4" 12" Hand hole wiring access cover Street side
Mounting
Base plate is provided with a 3 3/4" dia. opening for power entry . Galvanized anchor bolts : Set of 3/4-10 x 18" lg. anchor bolts. For options details and specifications, please refer to page 144
Model#
PXD : 4"X6" O.D. Extruded aluminum step base pole 1/8" wall. Ft. PXD10 PXD12 PXD14 10 12 14 PXD16 PXD18 PXD20 Ft. 16 18 20
Finish
(Refer to color chart) Standard selection WHT:Snow white BKT: Jet black BZT: Bronze GRT: Titanium gray DGT: Gun metal CHT: Champagne MST: Matte silver GNT: Forest green Optional colors CS: Custom color RAL: RAL# color BNR: BNR2: BNF: BNF80:
Options
Accessories Cast aluminum 2 piece pole clamp assembly. Fits with a 4" dia. O.D. pole. Pair 2 cast aluminum 2 piece pole clamp assembly. Fits with a 4" dia. O.D. pole. One banner arm factory preset in position. Set of 2 banner arms factory preset at 180 position. Electrical Fuse 120/277V photo cell 347V photo cell G.F.I . Ground fault interruption receptacle.
For .226 wall thickness, add -2 suffix to catalog number.
FS: PH1: PH2: GFI :
luminaires may be altered for design improvements or discontinued without prior notice.
Note: FS-PH1-PH2 Options are installed with pole when specified with a Luminaire. Web: www.luminis.com
Sept. 2006 Rev. Feb.2007
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Page 143
L U M I N IS
Side view 4 1/2"
Options and accessories
Important: E.P.A. banner rating (By others) Must be compatible with selected pole and luminaire E.P.A
POLES
BNR - BNR2
Single or double adjustable and removable banner arm E.P.A: 0.19 (Per arm)
9" 33"
24"
5"
BNR
BNR2
Cast aluminum 2 piece pole clamp assembly. Fits with a 4" dia. O.D. pole. On site installation.: Banner arm may rotate 360 around pole and and adjusted to desired height. Banner arm may be removed for storage and reinstalled as desired. Add. suffix to selected catalog pole number.
4" O.D.
Removable stopper disc
1 1/2" Dia. Clamp may rotate and slide along pole as desired
BNF (Single banner arm)
2"
Post top 6"
1 1/2" dia. aluminum tube
Important: E.P.A. banner rating (By others) Must be compatible with selected pole Banner arm tube sleeve is factory and luminaire E.P.A
Removable prefixed to fit with a removable banner tube support. Banner arm tube may be removed for storage and reinstalled as desired. Add. suffix BNF or BNF80 to selected catalog pole number. Street side
BNF: Single BNF80: Double
Pre-positionned banner arm. E.P.A: 0.17 (Per arm)
24"
BNF80 (2 banner arms at 180 deg.)
Post top 6" Side mount luminaire direction (Factory setting)
Side mount luminaire direction (Factory setting)
Banner
Unless otherwise specified, Banner arms are factory preset at 6" for post top.
House side * BNF80
Street side * BNF
House side
In line fuse Option: FS
In line protection fuse, factory installed with the pole
Light photo sensor Option: PH1 -120V
PH2 - 277 / 347V Photo electric sensor, factory installed with the pole or inside fixture when pole is not required.
GFI receptacle Option: GFI
Duplex gasketed ground fault interrupter receptacle.
Add selected option suffix code to pole catalog number
* Note: BNF banner arm is factory installed on house side position. 180 away from Luminaire side mount installation, and 6" down from post top. For other positions, BNF80 banner arms are factory installed 90 away from Luminaire side mount installation, and 6" down from post top. For other positions, Please consult factory Please consult factory
luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
Sept. 2006 Rev. Feb.2007
Page 144


▲Up To Search▲   

 
Price & Availability of PXD16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X