Part Number Hot Search : 
B1370 OP97EPZ CUPPB GI78L18 AMC431PK Z5241B 00F6TR G110DL
Product Description
Full Text Search
 

To Download PWA4805CS-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PWA_CS-2W & PWB_CS-2W Series
2W, ULTRAWIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT, DC/DC CONVERTER
multi-country patent protection FEATURES
High Efficiency up to 82% I/0 Isolation 1500VDC 4:1 wide input range Short circuit protection(automatic recovery) Operating Temperature: -40C to +85C Remote ON/OFF control Internal SMD construction Low Ripple and Noise UL94-V0 package RoHS Compliance
RoHS
PRODUCT PROGRAM
Input Part Number PWA2405CS-2W PWA2409CS-2W PWA2412CS-2W PWA2415CS-2W PWB2403CS-1W6 PWB2405CS-2W PWB2409CS-2W PWB2412CS-2W PWB2415CS-2W PWA4805CS-2W PWA4809CS-2W PWA4812CS-2W PWA4815CS-2W PWB4803CS-1W6 PWB4805CS-2W PWB4809CS-2W PWB4812CS-2W PWB4815CS-2W 48 18-72 80 24 9-36 40 Voltage (VDC) Nominal Range Max* Voltage (VDC) 5 9 12 15 3.3 5 9 12 15 5 9 12 15 3.3 5 9 12 15 Output Current (mA) Max 200 111 83 67 500 400 222 167 133 200 111 83 67 500 400 222 167 133 Min 20 11 8 7 50 40 22 16 13 20 11 8 7 50 40 22 16 13 76 78 80 79 70 76 78 80 79 76 78 81 80 72 76 78 81 80 Efficiency (%, Typ)
APPLICATIONS
The PWA_CS-2W & PWB_CS-2W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (voltage range 4:1); 2) Where isolation is necessary between input and output(isolation1500VDC); 3) Where the regulation of the output voltage and the output ripple noise are demanded.
* Input voltage over it may cause permanent damage to the device. Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Isolation Capacitance Test conditions Tested for 1 minute and 1 mA max Test at 500VDC Input/Output Min 1500 1000 80 Typ Max Units VDC M PF
OUTPUT SPECIFICATIONS
MODEL SELECTION PWA2405CS-2W
Rated Power Package Style Output Voltage Input Voltage Product Series
Item Output power Positive voltage accuracy Load regulation Line regulation Temperature drift Ripple& Noise** Switching frequency
Test Conditions See Below Products Program Refer To Recommended Circuit From 10% To 100% Load Input Voltage From Low To High Refer To Recommended Circuit 20MHz Bandwidth 100% Load, Nominal Input Voltage
Min 0.2
Typ 1 3 0.5 0.2 50 300
Max 2 3 5 1.5* 0.75 0.03 100
Units W
Negative voltage accuracy Refer To Recommended Circuit
%
%/C mVp-p KHz
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 http://www.mornsun-power.com
*Dual output models unbalanced load: 5%. **Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes. Note: 1.All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2.See below recommended circuits for more details.
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice. PWA_CS-2W & PW B_CS-2W A/2-2008 Page 1 of 2
COMMON SPECIFICATION
Item Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature Cooling Short circuit protection Case material MTBF Weight 1000 5.8 1.5mm from case for 10 seconds -40 -55 15 300 Free air convection Continuous ,Automatic Recovery Plastic(UL94-V0) K hours g Test Conditions Min Typ Max 95 85 125 C Units %
Recommended Circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1). Single output
Vc Vin C1 G ND
D 1 Ic R
Li C2
2
3 6 Cou t +Vo
1 9
D1 Ic Li R 3 2 6 7 1 9 Cout
0V
Dual output
Vc
TYPICAL TEMPERATURE CURVE
Vi n C1 G ND
+Vo 0V Cout -Vo
C2
(Figure 1) However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every
100
channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). General: Cin:10-100uF Cout:100uF Lin:4.7-120uH Output External Capacitor Table(Table 1) Single Vout Cout Dual Vout Cou (VDC) (uF) (VDC) (uF) 3.3 2200 5 680 5 1000 9 470 9 680 12 330 12 470 15 220 15 220 Input current Nominal input voltage range. The input current of the power supply must be sufficient to the startup current (Ip) of the DC/DC module (Figure 2).General:
Input Current(A)
Operating Temp.( C )
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
First Angle Pr ojection
26.00(1.024) RECOMMENDED FOO TPRINT Top view,grid:2.54mm(0.1inch), diameter:1.00mm(0.039inch )
2.50
(Botto m View)
Dual Output & S ingle Output 3 9
9
12.50
0.50
4.10
(Side View)
FO OTPRINT DETAILS Pin 1 2 3 6 7 8 9 Single GND Vin CTRL +Vo NC NC 0V Dual GND Vin CTRL +Vo 0V NC -Vo
Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0 .012inch) Pin tolerances: 0.10mm( 0.004inch) General tolerances: 0.25mm( 0.010inch)
Ip 1.4*Iin-max
NC:No Connection
Ip
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power. TRL Terminal When open or high impedance, the converter work well; When this pin is `high'; the converter shutdown; It should be note that the input current should between 5-10mA,exceeding the maximum 20mA will cause permanence damage to the converter. The value of R can be derived as follows:
Input Voltage Range
Input Voltage (V)
No parallel connection or plug and play.
Vc-VD-1.0
R= IC
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice. PWA_CS-2W & PW B_CS-2W A/2-2008 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of PWA4805CS-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X