Part Number Hot Search : 
PF501 60007 SC941160 EG2210A S3V39 25JPF20 BYX46 SDA006
Product Description
Full Text Search
 

To Download PSM-3-500B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSM-3 Series
PHASE SHIFTERS, MANUAL
5 to 1000 MHz / 0 to 180 Range / 10% Bandwidth / Screw Adjustment / SMA Connectors
PERFORMANCE SPECIFICATIONS
Model Number PSM-3-60 PSM-3-***B PSM-3-***B PSM-3-***B Center Freq., fo, MHz 60 5 to 300 300 to 500 500 to 1000 Usable Bandwidth, MHz 57 - 63 fo 5% fo 5% fo 5% Insertion Loss, dB, Max. 1.0 1.0 1.0 1.5 VSWR, Max. 1.5:1 1.5:1 1.5:1 1.8:1 Rotation for Maximum Phase Shift Quarter Turn Quarter Turn Multi-Turn Multi-Turn CW Power, W, Max. 1 1 1 1 Weight, oz. (g) Nom. 3.5 (100) 3.5 (100) 3.5 (100) 3.5 (100)
For complete Model Number replace *** with desired Center Frequency, fo in MHz.
Typical Performance
General Notes: 1. The PSM-3 phase shifters series provides continuous phase adjustment across a range of 0 to 180 using a precision screw adjustment. 2. Each unit in the series employs a lumped element quadrature hybrid with a tuned LC network acting as sliding short circuits on the outputs to delay the reflected signal. Similar phase shifters are available for higher frequencies and wider bandwidths. 3. All models may be supplied screened for compliance with specifications according to your requirements.
Package Outline
NOTES:
1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Insertion phase increases with clockwise rotation of screw. 3. Dimensions in inches over mm.
15Feb96
F rf t e if r to c n a tM ERRI AC /41 Faifel Pl,W estCal el,NJ,07006 / 973o ur h r n o ma in o t c M ri d . dw l 5751300 /FAX 973- 0531 575-


▲Up To Search▲   

 
Price & Availability of PSM-3-500B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X