Part Number Hot Search : 
2B100 A4558F LU3802PB 74210 IRF452 UTC78045 PIC32 11803
Product Description
Full Text Search
 

To Download PSA-30U-050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30W Universal Input PSA-30U Mini-Adaptor Series
Features * Compact Size * Light Weight Applications * Portable Equipment * Compact Peripherals Safety Approvals * UL1950 [E127643] * CSA 22.2 234 [LR56927-121]
* Reliable Design * Short Circuit Proof * Computer Networks * Business Machines * TUV EN60950 [S9452057] * MITI [91-54488], [91-54489] * Height: 36mm (1.42in) * Weight: 235gm (8.3oz)
Ripple (1) Max. P-P Regulation
Mechanical Characteristics Dimensions: * Length: 112mm (4.41in) * Width: 60mm (2.36in) Output Specifications
Model DC Output Voltage Min. Load
PSA-30U-050 (P)* PSA-30U-090 (P)* PSA-30U-120 (P)* PSA-30U-150 (P)* PSA-30U-180 (P)* PSA-30U-240 (P)*
5V 9V 12V 15V 18V 24V
0A 0A 0A 0A 0A 0A
4.0A 2.2A 2.5A 2.0A 1.6A 1.25A
50mV 90mV 120mV 150mV 180mV 240mV
+5% +5% +5% +5% +5% +5%
(1) Measured at output connector terminated with a 10mfd capacitor and a 0.1mfd ceramic in parallel. (P)* Indicated center positive output. Call regarding other voltages.
30W Universal Input PSA-30U Mini-Adaptor Series
Characteristics AC Input Voltage 90 to 264 VAC AC Input Frequency 47 to 63Hz AC Input Current 1Arms (110VAC) AC Leakage Current 3.5mA max. AC Inrush Current 25A at 110VAC, 25C AC Surge IEC 1000-4-5: 801-5 Level 3 Overcurrent Protection Short Circuit Protected Operation Temperature 0 to 40C Storage Temperature -40C to +85C MTBF 50,000 hrs. at full load and 25C Emissions FCC Class B VFG243 EN 50081-1: EN 55022 B Immunity EN 50082-1: IEC 801-2 Level 3 IEC 801-3 Level 2 IEC 801-4 Level 2 AC Connector EN 60320/13 DC Connector: 2.1mm coaxial, Center positive
ENTERPRISE CO., LTD.
PHIHONG Brazil - Minas Gerais:
Tel: 55-35-4715566 Fax: 55-35-4713577 E-mail: commercial@phihong_pwm.com.br www.phihong_pwm.com.br
Efficiency 75% typical, full load Hold-up Time 16msec., full load, 115VAC Switching Frequency 50KHz (typical) Overvoltage Protection 150% max., Non-condensing
PHIHONG China - Tianjin:
Tel: 86-22-66880040 Fax: 86-22-66880038 E-mail: eva_liu@phihong.com.tw
Dimension Diagram Unit: mm (inch)
PHIHONG Europe - Glasgow, UK:
Tel: 44-1698-816773 Fax: 44-1698-802290 E-mail:iaian@mariam.co.uk
PHIHONG Japan - Tokyo:
Tel: 81-3-59505105 Fax: 81-3-59505104
PHIHONG Taiwan - Taipei:
Tel: 886-2-29882126 886-2-29805255 Fax: 886-2-29817086 886-2-29833222 E-mail:phsales@phihong.com.tw www.phihong.com.tw
PHIHONG USA - Fremont:
Tel: 1-510-445-0100 Fax: 1-510-445-1678 E-mail:usasales@phihongusa.com www.phihongusa.com
30U,MA/0108


▲Up To Search▲   

 
Price & Availability of PSA-30U-050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X