Part Number Hot Search : 
BA4584FV I15E5 2N6969 RT964 I15E5 BC807 PJ2JJXX ADM802
Product Description
Full Text Search
 

To Download PMC-0701TS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMC-0701TS
Micro-SMD-Reed Switch for automated assembly
Features
* * * * * small size minimum height above PCB suitable for lead-free soldering suitable for automated assembly Tape & Reel packaging
Description
Subminiature size, more than 1 billion reliable operations at dry or low level circuits, no supply voltage and zero power consumption makes the PMC-0701TS the ideal switching component for all battery powered devices such as flip-phones, notebooks etc. It comes in standard T&R packaging for fully automated assembly. This and its most favourable pricing structure provides the perfect economical alternative to Hall IC-switches.
Applications
* * * * * * * * cellular phones portable PC automotive applications electro medical devices industrial equipment miniature sensors speedometers position detection
Absolute maximum ratings
Parameter Contact rating Switching current Carry current Switching voltage Breakdown voltage Shock (1/2 sin 11 ms) Vibration (50-2000 Hz) Ambient temperature Soldering temperature (max. 10 sec.) Temperature gradient Tamb Tsol T / t Symbol Ps Is Ic Us Ubd Value 10 10 500 700 150 120 200 50 10 +125 +300 10 Unit W VA mA mA VDC VAC VDC g g C C K/s
(c) PIC GmbH, Nurnberg (GERMANY) www.pic-gmbh.com
pmc0701ts_e Rev. 1.4 - 26.03.2007 (014)
page 1 of 5
PMC-0701TS
Micro-SMD-Reed Switch for automated assembly Electrical Characteristics
Contact form (ASA) Contact material Value Min. 0 0 0 0 0 0 80 100 109 200 0.3 0.1 0.4 120 150 1010 Typ. Max. 10 10 150 120 500 700 200 300 W VA VDC VAC mA mA m m VDC ms ms pF
@25C
A Ru
Parameter Contact rating Switching voltage Switching current Carry current Static contact resistance (initial) Dynamic contact resistance Insulation resistance Breakdown voltage Operate time (incl. bounce) Release time Capacitance
Symbol Ps Vs Is Ic CRs CRdyn Ri Vbd Top Trel C
Unit
Environmental Characteristics
Parameter Shock (1/2 sin 11 ms) Vibration (50-2000 Hz) Storage temperature Operating temperature Soldering temperature Electro magnetic compatibility Hermeticity Lead tensile strength 2.0 Tstg Top Tsol Emax Hmax -40 -40 Symbol Value Min. Typ. Max. 100 20 +125 +125 +300 200 10 2*10-8 g g C C C V/m
@25C
Unit
A/m m Pa s-1 kg
Magnetical Characteristics of unmodified switch measured in TC-010
Parameter Pull in range available Drop out Hysteresis
(c) PIC GmbH, Nurnberg (GERMANY) www.pic-gmbh.com
@25C
Value Typ. Max. 25 25 2.0 Unit AT AT AT
page 2 of 5
Symbol PI DO PI-DO
Min. 10.0 4.0
pmc0701ts_e Rev. 1.4 - 26.03.2007 (014)
PMC-0701TS
Micro-SMD-Reed Switch for automated assembly
Diagrams
Drop Out vs. Pull In
35 30 25 20 150 15 10 5 0 0 5 10 15 20 25 30 Pull In (AT) 100 50 0 0 300 250 200
Breakdown Voltage
5
10
15
20
25
30
Pull In (AT)
Contact Resistance
99.9 99 95 90 80 70 60 50 40 30 20 10 5 1 0.1 99.9 99 95 90 80 70 60 50 40 30 20 10 5 1 0.1
Insulation Resistance (100 VDC)
120
140
160
180
109
1010
1011
1012
Contact Resistance (m )
Insulation Resistance ( )
(c) PIC GmbH, Nurnberg (GERMANY) www.pic-gmbh.com
pmc0701ts_e Rev. 1.4 - 26.03.2007 (014)
page 3 of 5
PMC-0701TS
Micro-SMD-Reed Switch for automated assembly
Dimensions
max. 2.3 10 0.3 max. 7
position of contact blades not defined
Recommended PCB layout
1.5
solder pad
2
10.3
Mounting Force
F recommended mounting force Frec = 2 N maximum mounting force Fmax = 5 N
max. 2.0
8.8
all dimensions in mm
(c) PIC GmbH, Nurnberg (GERMANY) www.pic-gmbh.com pmc0701ts_e Rev. 1.4 - 26.03.2007 (014) page 4 of 5
PMC-0701TS
Micro-SMD-Reed Switch for automated assembly
Soldering Information
100 s 300 250 Temperature C 200 150 100 50 0 0 40 80 120 160 200 240 280 320 60 s 10 s
Time (sec.)
Tape
1.75
A
4 4
2.5
7.5
16
10.6
0.2
B
2
B A
1.9
A-A
B-B
Ordering Information
Type PMC-0701TS AT Range (measured in TC-010 at original length of 41.8mm) 1015 (10 to 15 AT) 1520 (15 to 20 AT) 2025 (20 to 25 AT)
Ordering example: PMC-0701TS1520 describes PMC-0701TS (15 to 20 AT). Packing unit 5,000 pcs. per 13"-Reel. For further details please contact us: info@pic-gmbh.com * Phone +49 911 995906-0 * Fax +49 911 995906-99 all dimensions in mm
(c) PIC GmbH, Nurnberg (GERMANY) www.pic-gmbh.com pmc0701ts_e Rev. 1.4 - 26.03.2007 (014) page 5 of 5


▲Up To Search▲   

 
Price & Availability of PMC-0701TS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X