Part Number Hot Search : 
EVALZ KBP203 CDBUR43 MC3340P FMM5829X 6953B 5KP40 CDBUR43
Product Description
Full Text Search
 

To Download PIN-1310-10LR-SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
d
10 GBPS 1310NM PIN + PREAMP SC AND LC ROSA PACKAGE
PIN-1310-10LR-SC
FEATURES:
SC ROSA PIN-1310-10LR-SC includes flex circuit High performance InGaAs PIN photodiode with separate transimpedance amplifier Low electrical parasitic TO46 package Data rates up to 11.3Gbps Separate PD supply for power monitoring Low bias currents and voltages Low power dissipation IEEE 10G-BASE-LR applications
The PIN-1310-10LR-SC uses a high-performance InGaAs PIN photo-detector packaged with a transimpedance amplifier designed to meet performance requirements for data rates up to 11.3Gbps data communication over singlemode and multi-mode optical fiber at 1310nm. Applications include Ethernet, Fiber Channel and ATM protocols. The optical assembly is designed to interface to single mode optical fiber. The PIN-1310-10LR-SC is designed to be paired with AOC FP and DFB TOSA products (see data sheets for FP-1310 and DFB-1310 and products).
Part Number
PIN-1310-10LR-SC
Description
5 pin SC ROSA, with separate PD bias, with flex circuit
PIN-1310-10LR-SC
10 GBPS 1310NM PIN + PREAMP ABSOLUTE MAXIMUM RATINGS
Parameter Storage Temperature Case Operating Temperature Lead Solder Temperature Power Supply Voltage Incident Optical Power Storage Temperature
Rating -40 to +85C -10 to +85C 260C, 10 sec. -0.5V to 4V +3 dBm average, +5 dBm peak -40 to +85C
Notice
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operations section for extended periods of time may affect reliability.
Notice
The inherent design of this component causes it to be sensitive to electrostatic discharge (ESD). To prevent ESD-induced damage and/or degradation to equipment, take normal ESD precautions when handling this product
PIN-1310-10LR-SC
10 GBPS 1310NM PIN + PREAMP
ELECTRO-OPTICAL CHARACTERISTICS
3.0V40
50
R0=50, DC 10GHZ DR = 10.3125Gbps Circadiant Test PR,OMA =-12dBm, (20%80%), PR =0W (Dark), 5MHz4 4 2,5 1,6 7
20 -50
NOTES:
1. 2. PR is the average optical power at the fiber face. PR,OMA is the peak to peak optical power at the fiber face (Optical Modulation Amplitude)
PR ,OMA
3. 4.
2 PR (ER - 1) ER + 1
where ER is the extinction ratio (linear) of the optical source.
Bandwidth and Low Frequency Cutoff are measured with a small signal sinusoidal light source with -10dBm average power Sensitivity is measured with an optical source with an extinction ratio of 6dB. For sensitivity measurements at 10.3125, 10.51875, 10.70923, 11.09573, 11.31764 Gb/s, PRBS 2^31-1, ER=6dB, BER < 10-12and with limiting of the TIA is assumed to be implemented at the front end of the post amplifier. Stress testing is done using a Circadiant test system Rise/Fall times are corrected for optical source Rise/Fall times.
2 2 2 TTIA = TMEASURED - TOPTICAL
5. 6. 7. 8. 9. 10.
Value shown is with no external power supply filtering. Group delay is a sensitive measurement to package interface, and includes the effects of PD, TIA and package. Measurement is made with TO leads as short as possible. DJTIA is specified as contributed DJ by the TIA, obtained from RJTIA is specified as contributed RJby the TIA, obtained from
2 2 2 DJ TIA = DJ TOTAL - DJ OPTICAL
2 2 2 RJ TIA = RJ TOTAL - RJ OPTICAL
The electrical performance of the ROSA is dependent upon the quality of the electrical connection between the TO can and the circuit board. AOC cannot guarantee all performance specifications for parts without the flex circuit attached.
PIN-1310-10LR-SC
10 GBPS 1310NM PIN + PREAMP
PINOUT:
PIN 1 2 3 4 5 6 Description Vcc CASE OUTP OUTN CASE VPD
Pin 6
Case
50
Vpd Case OUTN OUTP Case Vcc
Pin 1
PIN-1310-10LR-XX
INTERFACE EXAMPLE
VPD
100 VCC VCC VPD OUTN OUTP Case 50 50
20x
RSSI ~ 1V/mW
100
Note: 100 resistor only needed with high impedance limiting amplifiers
Optional 100 differential termination for high impedance limiting amplifiers is shown in red.
RECOMMENDED BIAS NETWORK
Note, better performance will be obtained if a ferrite bead is used in place of the inductor.
IN
22uH
Limiting Amp
100nF
OUT
100uF
100nF
PIN-1310-10LR-SC
10 GBPS 1310NM PIN + PREAMP
MECHANICAL DIMENSIONS (mm)
PIN-1310-LR-SC
PIN-1310-10LR-SC
10 GBPS 1310NM PIN + PREAMP
ADVANCED OPTICAL COMPONENTS
Finisar's ADVANCED OPTICAL COMPONENTS division was formed through strategic acquisition of key optical component suppliers. The company has led the industry in high volume Vertical Cavity Surface Emitting Laser (VCSEL) and associated detector technology since 1996. VCSELs have become the primary laser source for optical data communication, and are rapidly expanding into a wide variety of sensor applications. VCSELs' superior reliability, low drive current, high coupled power, narrow and circularly symmetric beam and versatile packaging options (including arrays) are enabling solutions not possible with other optical technologies. ADVANCED OPTICAL COMPONENTS is also a key supplier of Fabrey-Perot (FP) and Distributed Feedback (DFB) Lasers, and Optical Isolators (OI) for use in single mode fiber data and telecommunications networks
AOC CAPABILITIES
ADVANCED OPTICAL COMPONENTS' advanced capabilities include: 1, 2, 4, 8, and 10Gbps serial VCSEL solutions 1, 2, 4, 8, and 10Gbps serial SW DETECTOR solutions VCSEL and detector arrays 1, 2, 4, 8, and 10Gbps FP and DFB solutions at 1310 and 1550nm 1, 2, 4, 8, and 10Gbps serial LW DETECTOR solutions Optical Isolators from 1260 to 1600nm range Laser packaging in TO46, TO56, and Optical subassemblies with SC, LC, and MU interfaces for communication networks VCSELs operating at 670nm, 780nm, 980nm, and 1310nm in development Sensor packages include surface mount, various plastics, chip on board, chipscale packages, etc. Custom packaging options
LOCATION
Allen, TX - Business unit headquarters, VCSEL wafer growth, wafer fabrication and TO package assembly. Fremont, CA - Wafer growth and fabrication of 1310 to 1550nm FP and DFB lasers. Shanghai, PRC - Optical passives assembly, including optical isolators and splitters.
SALES AND SERVICE
Finisar's ADVANCED OPTICAL COMPONENTS division serves its customers through a worldwide network of sales offices and distributors. For application assistance, current specifications, pricing or name of the nearest Authorized Distributor, contact a nearby sales office or call the number listed below.
Phone:
1-866-MY-VCSEL USA (toll free) 1-214-509-2700 USA (Direct dial) 44 (0) 174 336 5533 Europe 886-935-409898 China & Taiwan 81-90-4437-1130 Japan 82-11-220-6153 Asia Pacific & Korea
Fax:
1-2140509-3709 USA
Email: support@adopco.com WEB: www.finisar.com/aoc.php
(c)2008 Finisar Corporation. All rights reserved. Finisar is a registered trademark of Finisar Corporation. Features and specifications are subject to change without notice.
02/09
Rev. C


▲Up To Search▲   

 
Price & Availability of PIN-1310-10LR-SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X