Part Number Hot Search : 
0915A CZ1W20V 0512S 855737 ANTX1 R6020 T5017A 344603
Product Description
Full Text Search
 

To Download PDC3015C-3R3YF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Power Inductors (Lead Free)
PDC3015C SERIES
1. PART NO. EXPRESSION :
PDC3015C-1R6YF
(a) (b) (c) (d) (e) (f)
(a) Series code (b) Dimension code (c) Type code
(d) Inductance code : 1R6 = 1.6uH (e) Tolerance code : M = 20%, Y = 30% (f) F : Lead Free
2. CONFIGURATION & DIMENSIONS :
A E
1.6
X' X Z D F W B
G
C
Y Y'
PCB Pattern
H
A 3.000.2 W 1.0 Typ.
B
C
D
E
F 0.40 Typ. Z' 3.200.1
G 0.30 Typ. Z 0.750.1
Z'
H 0.10 Typ.
3.000.2 1.50 Max. X' 3.400.1 X 0.600.1
0.80 Max. 1.10 Max. Y' 1.400.1 Y 0.700.1
3. SCHEMATIC :
4. MATERIALS : a b c (a) Core : Ferrite Core (b) Wire : Enamelled Copper Wire (c) Adhesive : Epoxy (d) Adhesive : Epoxy d e (e) Clip : Tin Clip
NOTE : Specifications subject to change without notice. Please check our website for latest information. 18.04.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
SMD Power Inductors (Lead Free)
PDC3015C SERIES
5. GENERAL SPECIFICATION : a) Test Frequency : 100KHz/0.3Vdc b) Ambient Temp. : 25C c) Idc(A) : Will cause L0 to drop by 30% and coil temp. rise T<45C d) Operating temp. : -40C to +105C ( include self-temp. rise ) e) Storage temp. : -40C to +85C 6. ELECTRICAL CHARACTERISTICS : Inductance ( H ) 1.6 30% 2.2 30% 3.3 30% 4.7 30% 6.8 30% 10 20% 22 20% Test Frequency ( Hz ) 0.3V/100K 0.3V/100K 0.3V/100K 0.3V/100K 0.3V/100K 0.3V/100K 0.3V/100K DCR () 20% 0.065 0.082 0.110 0.160 0.220 0.280 0.800 IDC (A) Max. 1.50 1.30 1.00 0.86 0.80 0.70 0.46
Part No. PDC3015C-1R6YF PDC3015C-2R2YF PDC3015C-3R3YF PDC3015C-4R7YF PDC3015C-6R8YF PDC3015C-100MF PDC3015C-220MF
6. ELECTRICAL CHARACTERISTICS :
PDC3015C-1R6YF TPC3015N-1R6
3 50
4
PDC3015C-2R2YF TPC3015N -2R2
50
2.4
40
40
INDUCTANCE(uH)
INDUCTANCE (uH)
3
TEMP. RISE( oC)
1.8
30
30 2 20
1.2
20
1 10
0.6
10
0
0
0
0
0
0.3
0.6
0.9
1.2
1.5
0
0.3
DC CURRENT(A)
0.6 0.9 DC CURRENT(A)
1.2
1.5
NOTE : Specifications subject to change without notice. Please check our website for latest information. 18.04.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
TEM P. RISE (oC)
SMD Power Inductors (Lead Free)
PDC3015C SERIES
7. CHARACTERISTICS CURVES :
PDC3015C-3R3YF
6
TPC3015N-3R3
PDC3015C-4R7YF
50
8
TPC3015N-4R7
50
40
40
INDUCTANCE(uH)
INDU CTANCE(uH)
6
TEMP. RISE(oC)
4 30
30 4 20
20 2 10
2 10
0
0
0
0
0
0.25
0.5 DC CURRENT(A)
0.75
1
0
0.2
0.4
0.6
0.8
1
DC CURRENT(A)
PDC3015C-6R8YF
10
TPC 3015N-6R8
PDC3015C-100MF
45 40
15
TPC3015N-100
50
8
35
12
40
INDU CTANCE( uH)
INDUCTANCE(uH)
30 6 25 20 4 15 2 10 5 0 0
TEMP . RIS E(oC)
9
30
6
20
3
10
0
0
0
0.2
0.4
0.6
0.8
0
0.2
DC CURRENT(A )
0.4 DC CURRENT(A)
0.6
0.8
PDC3015C-220MF
35
TPC3015N-220
60 55
28
50 45 40
INDUCTANCE(uH)
21
35 30
14
25 20 15
7
10 5
0
0
0
0.092
0.184 0.276 DC CURRENT(A)
0.368
0.46
NOTE : Specifications subject to change without notice. Please check our website for latest information. 18.04.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
TEMP. RISE(oC)
TEMP. RISE(oC)
TEMP . RIS E(oC)
SMD Power Inductors (Lead Free)
PDC3015C SERIES
8. ELECTRICAL CHARACTERISTICS :
ITEM
Mechanical Performance Test Solderability Test
PERFORMANCE
More than 90% of the terminal electrode should be covered with solder.
TEST CONDITION
Preheat : 150C, 60sec. Solder : DD930C Solder Temperature : 2455C Flux for lead free : rosin Dip Time : 31sec. Preheating Dipping
245C 150C
Natural cooling
60 seconds
31 seconds
Solder Heat Resistance
1. Appearance : No significant abnormality 2. Inductance change : Within 10%
Preheat : 150C, 60sec. Solder : DD930C Solder Temperature : 2655C Dip Time : 101sec.
265C 150C
Preheating Dipping Natural cooling
60 seconds
101 seconds
Reliability Test Thermal Shock 1. Appearance : No damage 2. Inductance change : Within 10% of initial value Measured : 50 times Conditions of 1 cycle.
Step 1 2 3 4 Temperature (C) -402 Room temp. +1052 Room temp. Times (min.) 303 15 303 15
Total : 50 cycles Humidity Resistance 1. Appearance : No damage 2. Inductance change : Within 10% of initial value Temperature : 402C Humidity : 90% to 95% Applied Current : Rated Current Time : 500 hours Temperature : 1052C Time : 500 hrs Applied Current : Rated Current
High Temperature Resistance Test
1. Appearance : No damage 2. Inductance change : Within 15% of initial value
REFLOW SOLDERING CONDITION
5sec max.
260C max. 230C
150~180C
30sec max. 90~120sec
Reflow times : 2 times max.
NOTE : Specifications subject to change without notice. Please check our website for latest information. 18.04.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
SMD Power Inductors (Lead Free)
PDC3015C SERIES
9. PACKAGING INFORMATION : 9-1. Reel Dimension
C
G
N
Type 13" x 12mm
A(mm) 330
C(mm) 12.50.5
G(mm) 13.00.5
N(mm) 1001.0
A
9-2 Tape Dimension / 12mm
20.3 40.3 1.5
+0.1 -0
1.750.3
t
F W
0.80.1
0.80.1
P Ao
Ko
Series PDC3015C
Ao(mm) 3.50.1
Bo(mm) 3.50.1
Ko(mm) 1.70.1
P(mm) 8.00.3
W(mm) 120.3
F(mm) 5.50.3
t(mm) 0.40.1
Trailer edge
Components
Empty pockets
Leader edge
Direction Feed
More than 100mm
More than 400mm
9-3. Packaging Quantity Size Chip / Reel Inner Box Carton PDC3015C 3000 12000 48000
NOTE : Specifications subject to change without notice. Please check our website for latest information. 18.04.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
Bo
SMD Power Inductors (Lead Free)
PDC3015C SERIES
9-4. Tearing Off Force F
165 to 180
The force for tearing off cover tape is 10 to 125 grams in the arrow direction under the following conditions.
Room Temp. (C) 5~35 Room Humidity (%) 45~85 Room atm (hPa) 860~1060 Tearing Speed (mm/min) 300
Top cover tape
Base tape
Application Notice
1. Storage Conditions : To maintain the solderabililty of terminal electrodes : a) Temperature and humidity conditions : Less than 40C and 70% RH. b) Recommended products should be used within 6 months from the time of delivery. c) The packaging material should be kept where no chlorine or sulfur exists in the air. 2. Transportation : a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils. b) The use of tweezers or vacuum pick up is strongly recommended for individual components. c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
NOTE : Specifications subject to change without notice. Please check our website for latest information. 18.04.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6


▲Up To Search▲   

 
Price & Availability of PDC3015C-3R3YF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X