Part Number Hot Search : 
LD2X10 IRF830 SKIIP2 S330D KE220 U2730 34PN100 H11N1SVM
Product Description
Full Text Search
 

To Download PAN202K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PAN202K / PANP202K / PAN217
SURFACE MOUNT SWITCHING DIODES
SWITCHING DIODE 100m AMPERRES 80 VOLTS
SOT-23
.014(0.35) .020(0.51)
TOP VIEW
.033(0.85) .041(1.05) .018(0.46) .039(1.00) 0.0004(0.01) .005(0.13) 1.06(2.70) 1.22(3.10)
.047(1.19) 083(2.10) .055(1.4) 1.18(3.0)
.067(1.70) .083(2.10)
.035(0.89) .043(1.10)
.0118(0.30) .024(0.61)
.003(0.076) .0098(0.25)
FEATURES
*Low Current Leakage *Low Forward Voltage *Ultra High Speed Switching *Small Outline Surface Mount SOT-23 Package
MAXIMUM RATING Characteristic
Reverse Voltage Forward Current
(E A C H D IO D E )
Symbol
VR IF(AV) IFSM
p AN202K p ANP202K
80 100 300
p AN217
Unit
Volts
mA mA
Peak Forward Surge Current
THERMAL CHARACTERISTICS Characteristic
Total Device Dissipation FR-5 * Board*1,TA=25 C Derate Above 25 C
Symbol
PD R qq JA T J ,T s tg
Max
200 1.6 625 -55 to + 150
Unit
mW m W/ C C/W C
h Thermal Resistance Junction to Ambient
Junction and Storage Temperature
* 1 E R -5 = 1 .0 x 0 .7 5 x 0 .0 6 2 in
www.paceleader.tw
1
PAN202K / PANP202K / PAN217
SURFACE MOUNT SWITCHING DIODES
SWITCHING DIODE 100m AMPERRES 80 VOLTS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
o
Characteristic
Reverse Breakdown Voltage (IR = 100 A) Reverse Voltage Leakage Current VR=70V Diode Capacition(V R=6vDC,f=1.0MHz) Forward Voltage IF = 100mAdc Reverse Recovery Time(Figure1.) I R = 5.0mAdc, VR = 6.0Vdc
Symbol
V(BR)R IR CD VF
Min
80
Max
Unit
Volts
0.1 3.5 1.2 4.0
Adc pF
Vdc
trr
nS
DEVICE MARKING Item P AN202K P AP202K P AN217 Marking A4 A1 A7 Eqivalent Circuit diagram
3 3 3 1 2 1 2 1 2
www.paceleader.tw
2
PAN202K / PANP202K / PAN217
SURFACE MOUNT SWITCHING DIODES
SWITCHING DIODE 100m AMPERRES 80 VOLTS
Figure 1. Recovery Time Equivalent Test Circuit
0.01F D.U.T.
50 20
PULSE GENERATOR OUTPUT 50
5 50
SAMPLING OSCILLOSCOPE
FORWARD CURRENT : (mA)
10 5 2 1 0.5 0.2 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
T a=85 C 50 C 25 C 0 C -30 C
INPUT
100ns
OUTPUT
trr
0.1IR
IR
IF
0
VF FORWARD VOLTAGE :
(Volts)
Fig.2 Forward characteristics
1000
T a=100 C 75 C 50 C
CD CAPACITANCE BETWEEN TERMINALS : (pF)
f=1MHz 4
I R REVERSE CURRENT : (nA)
100
10
25 C 0 C -25 C
1
2
0.1
0.01 0
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
14
16
18
20
VR REVERSE VOLTAGE : (Volts)
VR REVERSE VOLTAGE :
(Volts)
Fig.3 Reverse characteristics
Fig.4 Capacitance
www.paceleader.tw
3


▲Up To Search▲   

 
Price & Availability of PAN202K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X