|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PIC GmbH * Nibelungenstr. 5A 90530 Wendelstein, Germany Phone +49 911 99 59 06-0 Fax +49 911 99 59 06-99 info@pic-gmbh.com * www.pic-gmbh.com Mains switching Reed Sensor Electrical Characteristics Contact form Contact rating max. Switching current max. Carry current max. Switching voltage max. Breakdown voltage min. Contact resistance (initial) max. Insulation resistance min. Capacitance typ. W / VA A A VDC VAC VDC m pF A 10 0.5 1.5 200 260 450 100 1010 0.2 MS-217-5 Pb Lead free Magnetical Characteristics Pull in range available 1 1 AT 20-35 AT range stated for unmodified Reed Switch Operating Characteristics Operate time (incl. bounce) max. Release time max. Switching frequency max. Resonant frequency typ. Vibration (50-2000 Hz) Shock (1/2 sin 11 ms) Operating temperature ms ms Hz Hz g g C 0.6 0.2 400 3,900 30 100 -20 to +85 Dimensions in mm 40.1 0.3 O 6.0 0.1 500 Wire: AWG 24, black, stripped and tinned Ordering Information Series MS-217-5 AT Range 3 = 20-25 / 4 = 25-30 / 5 = 30-35 Ordering example: MS-217-5-4 describes MS-217-5 with 25-30 AT Customized types available. PIC GmbH, Nurnberg (GERMANY) ms2175_e Rev. 1.1 (004) Page 1 of 1 |
Price & Availability of MS-217-5-3 |