Part Number Hot Search : 
P2500 AN79M07 AN4417 SMCJ10A 6041068 74AUP HCD190 SG6980
Product Description
Full Text Search
 

To Download MBR6090PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR6035PT - MBR60150PT
60 AMPS. Schottky Barrier Rectifiers TO-3P/TO-247AD
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon rectifier, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.17"(4.3mm)from case
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic body Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 10 in. - lbs. max Weight: 0.2 ounce, 5.6 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics o
6035 PT 35 24 35 6045 PT 45 31 45 6050 PT 50 35 50 6060 PT 60 42 60 60 60 420 1.0 0.70 0.60 0.82 1.0 30 0.75 0.65 0.93
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBR MBR MBR MBR MBR MBR MBR Units Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=125OC Peak Repetitive Forward Current (Rated V R, Square Wave, 20KHz) at Tc=120oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=30A, Tc=25OC IF=30A, Tc=125OC IF=60A, Tc=25OC Maximum Instantaneous Reverse Current @Tc=25 oC at Rated DC Blocking Voltage Per Leg @ Tc=125 oC (Note 1) Voltage Rate of Change at (Rated VR) Typical Thermal Resistance Per Leg (Note 3) Operating Junction Temperature Range Storage Temperature Range
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF IR dV/dt R JC TJ TSTG
6090 60100 60150 PT PT PT 90 100 150 63 70 105 90 100 150
V V V A A A A
0.84 0.98 1.0 10
20 1,000 1.2 -65 to +150 -65 to +175
0.92 1.02 0.98 0.1 5.0
o
V
mA mA V/uS
C/W o C o C
Notes:
1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg
Version: A06
RATINGS AND CHARACTERISTIC CURVES (MBR6035PT THRU MBR60150PT)
FIG.1- FORWARD CURRENT DERATING CURVE
75 600
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD 60
500 400 300 200 100 0
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
45
30
15
0 0 50 100 o CASE TEMPERATURE. ( C) 150
1
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
500 Pulse Width=300 s 1% Duty Cycle 100 Tj=125 0C MBR6050PT-MBR60150PT 10 50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT. (mA)
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=125 0C 1
10 Tj=25 0C MBR6050PT-MBR60150PT
Tj=75 0C 0.1
1
Tj=125 0C MBR6035PT-MBR6045PT
0.01 Tj=25 0C
Tj=25 0C MBR6035PT-MBR6045PT
0.1 0.001 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V) 0 20 40 60
MBR6035PT-MBR6045PT MBR6050PT & MBR60150PT 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
5,000 100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
JUNCTION CAPACITANCE.(pF)
Tj=25 0C f=1.0MHz Vsig=50mVp-p
1,000
10.0
1
100 0.1
MBR6035PT-MBR6045PT MBR6050PT & MBR6060PT MBR6090PT-MBR60150PT
1 10 REVERSE VOLTAGE. (V) 100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: A06


▲Up To Search▲   

 
Price & Availability of MBR6090PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X