Part Number Hot Search : 
XLUGR2 DTQS3 AG668FT MC145 ST72C216 DTQS3 M215FAN SMAJ4480
Product Description
Full Text Search
 

To Download MAX423008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2164; Rev 8; 10/08
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
General Description
The MAX4230-MAX4234 single/dual/quad, high-outputdrive CMOS op amps feature 200mA of peak output current, rail-to-rail input, and output capability from a single 2.7V to 5.5V supply. These amplifiers exhibit a high slew rate of 10V/s and a gain-bandwidth product (GBWP) of 10MHz. The MAX4230-MAX4234 can drive typical headset levels (32), as well as bias an RF power amplifier (PA) in wireless handset applications. The MAX4230 comes in a tiny 5-pin SC70 package and the MAX4231, single with shutdown, is offered in the 6-pin SC70 package and a 1.5mm x 1.0mm x 0.5mm ultra-thin DFN package. The dual op-amp MAX4233 is offered in the space-saving 10-bump chip-scale package (UCSPTM), providing the smallest footprint area for a dual op amp with shutdown. These op amps are designed to be part of the PA control circuitry, biasing RF PAs in wireless headsets. The MAX4231/MAX4233 offer a SHDN feature that drives the output low. This ensures that the RF PA is fully disabled when needed, preventing unconverted signals to the RF antenna. The MAX4230 family offers low offsets, wide bandwidth, and high-output drive in a tiny 2.1mm x 2.0mm spacesaving SC70 package. These parts are offered over the automotive temperature range (-40C to +125C). 30mA Output Drive Capability Rail-to-Rail Input and Output 1.1mA Supply Current per Amplifier 2.7V to 5.5V Single-Supply Operation 10MHz Gain-Bandwidth Product High Slew Rate: 10V/s 100dB Voltage Gain (RL = 100k) 85dB Power-Supply Rejection Ratio No Phase Reversal for Overdriven Inputs Unity-Gain Stable for Capacitive Loads to 780pF Low-Power Shutdown Mode Reduces Supply Current to < 1A Available in 5-Pin SC70 Package (MAX4230) and 6-Pin, Thin DFN Package (MAX4231) Available in 10-Bump UCSP Package (MAX4233)
Features
MAX4230-MAX4234
Ordering Information
PART MAX4230AXK+T TEMP RANGE PINPACKAGE TOP MARK ACS ABZZ ABA ABNF +AI
-40C to +125C 5 SC70 -40C to +125C 5 SOT23 -40C to +125C 6 SC70 -40C to +125C 6 SOT23 -40C to +125C 6 Thin DFN
Applications
RF PA Biasing Controls in Handset Applications Portable/Battery-Powered Audio Applications Portable Headphone Speaker Drivers (32) Audio Hands-Free Car Phones (Kits) Laptop/Notebook Computers/TFT Panels Sound Ports/Cards Set-Top Boxes Digital-to-Analog Converter Buffers Transformer/Line Drivers Motor Drivers
MAX4230AUK+T MAX4231AXT+T MAX4231AUT+T MAX4231AYT+TG65
Ordering Information continued at end of data sheet.
+Denotes a lead-free/RoHS-compliant package. T = Tape and reel.
Typical Operating Circuit
ANTENNA
2.7V TO 5.5V DAC RISO
PA IOUT = 30mA
MAX4231
Selector Guide appears at end of data sheet. Pin Configurations appear at end of data sheet.
C
SHDN
CLOAD
UCSP is a trademark of Maxim Integrated Products, Inc.
R
RF
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD to VSS) ....................................................6V All Other Pins ....................................(VSS - 0.3V) + (VDD + 0.3V) Output Short-Circuit Duration to VDD or VSS (Note 1) ................10s Continuous Power Dissipation (TA = +70C) 5-Pin SC70 (derate 3.1mW/C above +70C) ..............247mW 5-Pin SOT23 (derate 7.1mW/C above +70C)............571mW 6-Pin SC70 (derate 3.1mW/C above +70C) ..............245mW 6-Pin SOT23 (derate 8.7mW/C above +70C)............696mW 6-Pin Thin DFN (derate 2.1mW/C above +70C)...170.2mW 8-Pin SOT23 (derate 8.9mW/C above +70C)............714mW Note 1: Package power dissipation should also be observed. 8-Pin MAX(R) (derate 4.5mW/C above +70C) ..........362mW 10-Pin MAX (derate 5.6mW/C above +70C) ..........444mW 10-Bump UCSP (derate 6.1mW/C above +70C) .....484mW 10-Pin TDFN (derate 24.4mWC above +70C) ........1951mW 14-Pin SO (derate 8.3mW/C above +70C) ...............667mW Operating Temperature Range .........................-40C to +125C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
MAX is a registered trademark of Maxim Integrated Products, Inc.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = (VDD/2), RL = connected to (VDD/2), V SHDN = VDD, TA = +25C, unless otherwise noted.) (Note 2)
PARAMETER Operating Supply Voltage Range Input Offset Voltage Input Bias Current Input Offset Current Input Resistance Common-Mode Input Voltage Range Common-Mode Rejection Ratio Power-Supply Rejection Ratio Shutdown Output Impedance Output Voltage in Shutdown Large-Signal Voltage Gain SYMBOL VDD VOS IB IOS RIN VCM CMRR PSRR ROUT Inferred from CMRR test VSS < VCM < VDD VDD = 2.7V to 5.5V V SHDN = 0V (Note 3) VSS 52 73 70 85 10 68 100 85 74 98 80 400 360 80 70 8 7 70 mA 200 VDD - VOH VOL - VSS VDD - VOH VOL - VSS 128 112 240 224 200 175 320 300 mV 500 500 120 120 14 14 mV dB 120 VCM = VSS to VDD VCM = VSS to VDD CONDITIONS Inferred from PSRR test MIN 2.7 0.85 50 50 1000 VDD TYP MAX 5.5 6 UNITS V mV pA pA M V dB dB mV
VOUT(SHDN) V SHDN = 0V, RL = 200 (Note 3) RL = 100k VSS + 0.20V < VOUT AVOL RL = 2k < VDD - 0.20V RL = 200 RL = 32 VDD - VOH VOL - VSS VDD - VOH VOL - VSS VDD - VOH VOL - VSS
Output Voltage Swing
VOUT
RL = 200 RL = 2k
Output Source/Sink Current
IOUT
VDD = 2.7V, VIN = 100mV VDD = 5V, VIN = 100mV IL = 10mA VDD = 2.7V VDD = 5V
Output Voltage IL = 30mA
2
_______________________________________________________________________________________
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
DC ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = (VDD/2), RL = connected to (VDD/2), V SHDN = VDD, TA = +25C, unless otherwise noted.) (Note 2)
PARAMETER Quiescent Supply Current (per Amplifier) Shutdown Supply Current (per Amplifier) (Note 3) SHDN Logic Threshold (Note 3) SHDN Input Bias Current SYMBOL IDD IDD(SHDN) CONDITIONS VDD = 5.5V, VCM = VDD / 2 VDD = 2.7V, VCM = VDD / 2 V SHDN = 0V, RL = Shutdown mode Normal mode VSS < V S HDN < VDD (Note 3) VDD = 5.5V VDD = 2.7V MIN TYP 1.2 1.1 0.5 0.1 VSS + 0.3 VDD - 0.3 50 MAX 2.3 2.0 1 1 UNITS mA A V pA
MAX4230-MAX4234
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = (VDD/2), RL = connected to (VDD/2), V SHDN = VDD, TA = -40 to +125C, unless otherwise noted.) (Note 2)
PARAMETER Operating Supply Voltage Range Input Offset Voltage Offset-Voltage Tempco Common-Mode Input Voltage Range Common-Mode Rejection Ratio Power-Supply Rejection Ratio Output Voltage in Shutdown Large-Signal Voltage Gain SYMBOL VDD VOS VOS /T VCM CMRR PSRR VOUT(SHDN) AVOL Inferred from CMRR test VSS < VCM < VDD VDD = 2.7V to 5.5V V SHDN < 0V, RL = 200 (Note 3) VSS + 0.2V < VDD - 0.2V RL = 32, TA = +85C Output Voltage Swing VOUT RL = 200 RL = 2k IL = 10mA Output Voltage IL = 30mA, TA = -40C to +85C VDD = 2.7V RL = 2k RL = 200 VDD - VOH VOL - VSS VDD - VOH VOL - VSS VDD - VOH VOL - VSS VDD - VOH VOL - VSS VDD - VOH VDD = 5V VOL - VSS 370 76 67 650 650 150 150 20 20 250 230 400 mV mV VSS 46 70 150 3 VDD CONDITIONS Inferred from PSRR test MIN 2.7 TYP MAX 5.5 8 UNITS V mV V/C V dB dB mV dB
_______________________________________________________________________________________
3
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
DC ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = (VDD/2), RL = connected to (VDD/2), V SHDN = VDD, TA = -40 to +125C, unless otherwise noted.) (Note 2)
PARAMETER Quiescent Supply Current (per Amplifier) Shutdown Supply Current (per Amplifier) (Note 3) SYMBOL IDD IDD(SHDN) CONDITIONS VDD = 5.5V, VCM = VDD/2 VDD = 2.7V, VCM = VDD/2 V SHDN < 0V, RL = VDD = 5.5V VDD = 2.7V MIN TYP MAX 2.8 2.5 2.0 2.0 UNITS mA A
AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = (VDD/2), RL = connected to (VDD/2), V SHDN = VDD, TA = +25C, unless otherwise noted.) (Note 2)
PARAMETER Gain-Bandwidth Product Full-Power Bandwidth Slew Rate Phase Margin Gain Margin Total Harmonic Distortion Plus Noise Input Capacitance Voltage-Noise Density Channel-to-Channel Isolation Capacitive-Load Stability Shutdown Time Enable Time from Shutdown Power-Up Time tSHDN tENABLE tON SYMBOL GBWP FPBW SR PM GM THD+N CIN en f = 1kHz f = 10kHz f = 1kHz, RL = 100k AVCL = 1V/V, no sustained oscillations (Note 3) (Note 3) f = 10kHz, VOUT = 2VP-P, AVCL = 1V/V VCM = VDD/2 VOUT = 2VP-P, VDD = 5V CONDITIONS MIN TYP 10 0.8 10 70 15 0.0005 8 15 12 125 780 1 1 5 MAX UNITS MHz MHz V/s Degrees dB % pF nV/Hz dB pF s s s
Note 2: All units 100% tested at +25C. All temperature limits are guaranteed by design. Note 3: SHDN logic parameters are for the MAX4231/MAX4233 only.
4
_______________________________________________________________________________________
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
__________________________________________Typical Operating Characteristics
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RL = , connected to VDD/2, V SHDN = VDD, TA = +25C, unless otherwise noted.)
GAIN AND PHASE vs. FREQUENCY (CL = 250pF)
120 90 60 PHASE (DEGREES) 30 0 -30 -60 -90 -120 AV = 1000V/V 1k 10k 100k 1M -150 -180 10M 100M 70 60 50 40 GAIN (dB) 30 20 10 0 -10 -20 AV = 1000V/V CL = 250pF 1k 10k 100k 1M
MAX4230-MAX4234
GAIN AND PHASE vs. FREQUENCY
70 60 50 40 GAIN (dB) 30 20 10 0 -10 -20
MAX4230 toc01
MAX4230 toc02
120 90 60 PHASE (DEGREES) 30 0 -30 -60 -90 -120 -150
-30 0.01k 0.1k
-30 0.01k 0.1k
-180 10M 100M
FREQUENCY (Hz)
FREQUENCY (Hz)
POWER-SUPPLY REJECTION RATIO vs. FREQUENCY
MAX4230 toc03
OUTPUT IMPEDANCE vs. FREQUENCY
MAX4230 toc04
0 -10 -20 -30 PSRR (dB) -40 -50 -60 -70 -80 -90 -100 0.01k 0.1k 1k 10k 100k AV = 1V/V
1000
OUTPUT IMPEDANCE ()
100
10
1
0.1 AV = 1V/V 0.01 1M 10M 1k 10k 100k FREQUENCY (Hz) 1M 10M FREQUENCY (Hz)
SUPPLY CURRENT vs. TEMPERATURE
MAX4230 toc05
SUPPLY CURRENT vs. TEMPERATURE (SHDN = LOW)
MAX4230 toc06
2.0 1.8 1.6 SUPPLY CURRENT (mA) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
110 100 SUPPLY CURRENT (nA) 90 80 70 60 50 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
SHDN = VSS
_______________________________________________________________________________________
5
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
____________________________Typical Operating Characteristics (continued)
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RL = , connected to VDD/2, V SHDN = VDD, TA = +25C, unless otherwise noted.)
SUPPLY CURRENT PER AMPLIFIER vs. SUPPLY VOLTAGE
MAX4230 toc07
INPUT OFFSET VOLTAGE vs. TEMPERATURE
MAX4230 toc08
OUTPUT SWING HIGH vs. TEMPERATURE
100 80 VDD - VOUT (mV) 60 40 20 VDD = 5.0V RL = 200 VDD = 2.7V RL = 200
MAX4230/34 toc09
2.0 1.8 1.6 SUPPLY CURRENT (mA) 1.4
2 VDD = 2.7V 1 VOS (mV)
1.2 1.0 0.8 0.6 0.4 0.2 0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 SUPPLY VOLTAGE (V)
0
VDD = 5.0V
-1
-2 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
OUTPUT SWING LOW vs. TEMPERATURE
MAX4230/3 toc10
INPUT OFFSET VOLTAGE vs. COMMON-MODE VOLTAGE
MAX4230/3 toc11
SUPPLY CURRENT PER AMPLIFIER vs. COMMON-MODE VOLTAGE
MAX4230/3 toc12
140 120 100 VOUT - VSS (mV) 80 60 40 20 0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C) VDD = 2.7V RL = 200 VDD = 5.0V RL = 200
1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 0 0.5 1.0 1.5 2.0 2.5 COMMON-MODE VOLTAGE (V)
1.2
INPUT OFFSET VOLTAGE (mV)
1.0 SUPPLY CURRENT (mA)
0.8
0.6
0.4
VDD = 2.7V
0.2 0 0.5 1.0 1.5 2.0 2.5 COMMON-MODE VOLTAGE (V)
SUPPLY CURRENT PER AMPLIFIER vs. COMMON-MODE VOLTAGE
MAX4230/34 toc13
TOTAL HARMONIC DISTORTION PLUS NOISE vs. FREQUENCY
MAX4230/34 toc14
TOTAL HARMONIC DISTORTION PLUS NOISE vs. PEAK-TO-PEAK OUTPUT VOLTAGE
f = 10kHz VDD = 5V 1 RL = 25 THD+N (%) RL = 100k
MAX4230/34 toc15
1.4 1.2 SUPPLY CURRENT (mA) 1.0
0.45 0.40 0.35 0.30 THD+N (%) 0.25 0.20 0.15
10 RL = 2k RL = 250
VOUT = 2VP-P 500kHz LOWPASS FILTER
0.8 0.6 VDD = 5.0V 0.4 0.2 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 COMMON-MODE VOLTAGE (V)
0.1
0.10 0.05 0 10 100 1k
RL = 32 RL = 10k 10k 100k FREQUENCY (Hz)
0.001 0.0001 4.0 4.2 4.4 4.6 4.8 5.0 PEAK-TO-PEAK OUTPUT VOLTAGE (V)
6
_______________________________________________________________________________________
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
____________________________Typical Operating Characteristics (continued)
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = VDD/2, RL = , connected to VDD/2, V SHDN = VDD, TA = +25C, unless otherwise noted.)
SMALL-SIGNAL TRANSIENT RESPONSE (NONINVERTING)
MAX4230/34 toc16
SMALL-SIGNAL TRANSIENT RESPONSE (INVERTING)
MAX4230/34 toc17
LARGE-SIGNAL TRANSIENT RESPONSE (NONINVERTING)
MAX4230/34 toc18
IN
IN
IN
50mV/div OUT
50mV/div OUT
1V/div OUT
400ns/div
400ns/div
400ns/div
LARGE-SIGNAL TRANSIENT RESPONSE (INVERTING)
MAX4230/34 toc19
OUTPUT CURRENT vs. OUTPUT VOLTAGE (SOURCING, VDD = 2.7V)
MAX4230/34 toc20
OUTPUT CURRENT vs. OUTPUT VOLTAGE (SINKING, VDD = 2.7V)
VDIFF = 100mV -10 OUTPUT CURRENT (mA) -20 -30 -40 -50 -60 -70 -80
MAX4230/34 toc21
80 70 OUTPUT CURRENT (mA) 60 50 40 30 20 10 0
0
VDIFF = 100mV
IN
1V/div
OUT
400ns/div
1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 OUTPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
OUTPUT VOLTAGE (V)
OUTPUT CURRENT vs. OUTPUT VOLTAGE (SOURCING, VDD = 5.0V)
MAX4230/34 toc22
OUTPUT CURRENT vs. OUTPUT VOLTAGE (SINKING, VDD = 5.0V)
VDIFF = 100mV
MAX4230/34 toc23
INPUT VOLTAGE NOISE vs. FREQUENCY
MAX4230/34 toc24
250
VDIFF = 100mV
0
200 100 INPUT VOLTAGE NOISE (nV/Hz) 10 100
200 OUTPUT CURRENT (mA)
-50 OUTPUT CURRENT (mA)
150
-100
100
-150
50
-200
0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 OUTPUT VOLTAGE (V)
-250 0 0.5 1.0 1.5 2.0 2.5 3.0 OUTPUT VOLTAGE (V)
1k
10k
100k
FREQUENCY (Hz)
_______________________________________________________________________________________
7
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
Pin Description
PIN MAX4230 SOT23/ SC70 1 2 3 4 5 -- -- -- -- -- -- -- -- -- -- MAX4231 SOT23/ SC70/Thin DFN 1 2 3 4 6 5 -- -- -- -- -- -- -- -- -- MAX4232 SOT23/ MAX -- 4 -- -- 8 -- 3 2 1 5 6 7 -- -- -- MAX4233 MAX/ TDFN -- 4 -- -- 10 5, 6 3 2 1 7 8 9 -- -- -- MAX4233 UCSP -- B4 -- -- B1 C4, A4 C3 C2 C1 A3 A2 A1 -- -- -- MAX4234T SSOP/ SO -- 11 -- -- 4 -- 3 2 1 5 6 7 10, 12 9, 13 8, 14 NAME FUNCTION
IN+ VSS INOUT VDD SHDN, SHDN1, SHDN2 IN1+ IN1OUT1 IN2+ IN2OUT2
Noninverting Input Negative Supply Input. Connect to ground for single-supply operation. Inverting Input Amplifier Output Positive Supply Input Shutdown Control. Tie to high for normal operation. Noninverting Input to Amplifier 1 Inverting Input to Amplifier 1 Amplifier 1 Output Noninverting Input to Amplifier 2 Inverting Input to Amplifier 2 Amplifier 2 Output
IN3+, IN4+ Noninverting Input to Amplifiers 3 and 4 IN3-, IN4OUT3, OUT4 Inverting Input to Amplifiers 3 and 4 Amplifiers 3 and 4 Outputs
Detailed Description
Rail-to-Rail Input Stage
The MAX4230-MAX4234 CMOS operational amplifiers have parallel-connected n- and p-channel differential input stages that combine to accept a common-mode range extending to both supply rails. The n-channel stage is active for common-mode input voltages typically greater than (V SS + 1.2V), and the p-channel stage is active for common-mode input voltages typically less than (VDD - 1.2V).
power dissipation is not exceeded for any of the package types offered. There are some exceptions to this rule, however. The absolute maximum power-dissipation rating of each package should always be verified using the following equations. The equation below gives an approximation of the package power dissipation: PIC(DISS) VRMS IRMS COS where: VRMS = RMS voltage from VDD to VOUT when sourcing current and RMS voltage from VOUT to VSS when sinking current. IRMS = RMS current flowing out of or into the op amp and the load. = phase difference between the voltage and the current. For resistive loads, COS = 1.
Applications Information
Package Power Dissipation
Warning: Due to the high output current drive, this op amp can exceed the absolute maximum power-dissipation rating. As a general rule, as long as the peak current is less than or equal to 40mA, the maximum package
8
_______________________________________________________________________________________
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
3.6V CIN LEFT AUDIO INPUT R C VIN = 2VP-P R
MAX4230 MAX4231
RF RIN COUT HEADPHONE JACK TO 32 STEREO HEADSET VBIAS
MAX4230
32
CIN RIGHT AUDIO INPUT
RIN COUT
RF
Figure 1. MAX4230/MAX4231 Used in Single-Supply Operation Circuit Example
Figure 2. Circuit Example: Adding a Coupling Capacitor Greatly Reduces Power Dissipation of its Package
For example, the circuit in Figure 1 has a package power dissipation of 196mW:
RMS VDD - VDC +
VRMS =
VPEAK 2 1.0V 2 = 0.707VRMS = 0A + 1.0V / 32 2
(
)
VPEAK 2 1.0V
= 2.507VRMS 2 I 1.8V 1.0V / 32 IRMS IDC + PEAK = + 32 2 2 = 78.4mARMS where: VDC = the DC component of the output voltage. IDC = the DC component of the output current. VPEAK = the highest positive excursion of the AC component of the output voltage. IPEAK = the highest positive excursion of the AC component of the output current. Therefore: PIC(DISS) = VRMS IRMS COS = 196mW Adding a coupling capacitor improves the package power dissipation because there is no DC current to the load, as shown in Figure 2:
= 3.6V - 1.8V +
I IRMS IDC + PEAK 2 = 22.1mARMS Therefore:
PIC(DISS) = VRMS IRMS COS = 15.6mW If the configuration in Figure 1 were used with all four of the MAX4234 amplifiers, the absolute maximum powerdissipation rating of this package would be exceeded (see the Absolute Maximum Ratings section).
60mW Single-Supply Stereo Headphone Driver
Two MAX4230/MAX4231s can be used as a single-supply, stereo headphone driver. The circuit shown in Figure 2 can deliver 60mW per channel with 1% distortion from a single 5V supply. The input capacitor (CIN), in conjunction with RIN, forms a highpass filter that removes the DC bias from the incoming signal. The -3dB point of the highpass filter is given by: f -3dB = 1 2RINCIN
_______________________________________________________________________________________
9
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
C1 0.1F 0.5VP-P 3V 3V 2 R5 51k 3 8 MAX4232 1 4 R3 10k 6 7 5 1/2 MAX4232 R4 10k 32 fs = 100Hz R1 16k R2 82k 1/2
VCC = 3.0V RL = 100k IN 1V/div
C2 0.1F
R6 51k
OUT 1V/div
5s/div
Figure 3. Dual MAX4230/MAX4231 Bridge Amplifier for 200mW at 3V
Figure 4. Rail-to-Rail Input/Output Range
Choose gain-setting resistors RIN and RF according to the amount of desired gain, keeping in mind the maximum output amplitude. The output coupling capacitor, COUT, blocks the DC component of the amplifier output, preventing DC current flowing to the load. The output capacitor and the load impedance form a highpass filer with the -3dB point determined by: f -3dB = 1 2RLCOUT
Rail-to-Rail Output Stage
The minimum output is within millivolts of ground for single-supply operation, where the load is referenced to ground (VSS). Figure 4 shows the input voltage range and the output voltage swing of a MAX4230 connected as a voltage follower. The maximum output voltage swing is load dependent; however, it is guaranteed to be within 500mV of the positive rail (VDD = 2.7V) even with maximum load (32 to ground). Observe the Absolute Maximum Ratings for power dissipation and output short-circuit duration (10s, max) because the output current can exceed 200mA (see the Typical Operating Characteristics.)
For a 32 load, a 100F aluminum electrolytic capacitor gives a low-frequency pole at 50Hz.
Bridge Amplifier
The circuit shown in Figure 3 uses a dual MAX4230 to implement a 3V, 200mW amplifier suitable for use in size-constrained applications. This configuration eliminates the need for the large coupling capacitor required by the single op-amp speaker driver when single-supply operation is necessary. Voltage gain is set to 10V/V; however, it can be changed by adjusting the 82k resistor value.
Input Capacitance
One consequence of the parallel-connected differential input stages for rail-to-rail operation is a relatively large input capacitance CIN (5pF typ). This introduces a pole at frequency (2RCIN)-1, where R is the parallel combination of the gain-setting resistors for the inverting or noninverting amplifier configuration (Figure 5). If the pole frequency is less than or comparable to the unity-gain bandwidth (10MHz), the phase margin is reduced, and the amplifier exhibits degraded AC performance through either ringing in the step response or sustained oscillations. The pole frequency is 10MHz when R = 2k. To maximize stability, R << 2k is recommended.
Rail-to-Rail Input Stage
The MAX4230-MAX4234 CMOS op amps have parallelconnected n- and p-channel differential input stages that combine to accept a common-mode range extending to both supply rails. The n-channel stage is active for common-mode input voltages typically greater than (V SS + 1.2V), and the p-channel stage is active for common-mode input voltages typically less than (VDD 1.2V).
10
______________________________________________________________________________________
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
INVERTING Cf
2500
VIN
R VOUT MAX4230 R = R || Rf RfCf = RCIN
CAPACITIVE LOAD (pF)
Rf
2000
UNSTABLE
1500 STABLE 1000
500 VDD = 5.0V RL TO VDD/2 1 10 100 1k 10k 100k
0
NONINVERTING VIN VOUT MAX4230
RESISTIVE LOAD ()
Figure 6. Capacitive-Load Stability
Rf Cf
20mV/div
R
R = R || Rf RfCf = RCIN
20mV/div
Figure 5. Inverting and Noninverting Amplifiers with Feedback Compensation
VDD = 3.0V, CL = 1500pF RL = 100k, RISO = 0 1s/div
Figure 7. Small-Signal Transient Response with Excessive Capacitive Load
To improve step response when R > 2k, connect small capacitor Cf between the inverting input and output. Choose Cf as follows: Cf = 8(R / Rf) [pf] where Rf is the feedback resistor and R is the gain-setting resistor (Figure 5).
20mV/div
Driving Capacitive Loads
The MAX4230-MAX4234 have a high tolerance for capacitive loads. They are stable with capacitive loads up to 780pF. Figure 6 is a graph of the stable operating region for various capacitive loads vs. resistive loads. Figures 7 and 8 show the transient response with excessive capacitive loads (1500pF), with and without the addition of an isolation resistor in series with the output. Figure 9 shows a typical noninverting capacitive-load-driving circuit in the unity-gain configuration.
20mV/div VDD = 3.0V, CL = 1500pF RL = 100k, RISO = 39 1s/div
Figure 8. Small-Signal Transient Response with Excessive Capacitive Load with Isolation Resistor
11
______________________________________________________________________________________
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
SHDN 2V/div
RISO
IDD 1mA/div
CL
OUT 2V/div
100s/div
Figure 9. Capacitive-Load-Driving Circuit
Figure 11. Shutdown Enable/Disable Supply Current
1V/div
VDD 2V/div
1V/div
IDD 1mA/div
4s/div
40s/div
Figure 10. Shutdown Output Voltage Enable/Disable
Figure 12. Power-Up/Down Supply Current
The resistor improves the circuit's phase margin by isolating the load capacitor from the op amp's output.
Selector Guide
PART MAX4230 MAX4231 MAX4232 MAX4233 MAX4234 AMPS PER PACKAGE Single Single Dual Dual Quad SHUTDOWN MODE -- Yes -- Yes --
Power-Up and Shutdown Modes
The MAX4231/MAX4233 have a shutdown option. When the shutdown pin (SHDN) is pulled low, supply current drops to 0.5A per amplifier (VDD = 2.7V), the amplifiers are disabled, and their outputs are driven to VSS. Since the outputs are actively driven to VSS in shutdown, any pullup resistor on the output causes a current drain from the supply. Pulling SHDN high enables the amplifier. In the dual MAX4233, the two amplifiers shut down independently. Figure 10 shows the MAX4231's output voltage to a shutdown pulse. The MAX4231-MAX4234 typically settle within 5s after power-up. Figures 11 and 12 show IDD to a shutdown plus and voltage power-up cycle.
When exiting shutdown, there is a 6s delay before the amplifier's output becomes active (Figure 10).
12
______________________________________________________________________________________
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Pin Configurations
TOP VIEW
VDD IN+ 1 5 VDD IN+ 1 MAX4231 6 VDD 4 SHDN 5 OUT 6 OUT1 1 IN1- 2 VSS 2 5 SHDN 8 VDD 7 OUT2
MAX4230-MAX4234
VSS 2
MAX4230
MAX4232 MAX4231
IN1+ 3 3 INVSS 4 6 IN25 IN2+
IN- 3
4
OUT
IN- 3
4
OUT +
1 IN+
2 VSS
SOT23/SC70 1
OUT1 1 IN1IN1+ VSS SHDN1 2 3 4 5 10 VDD 9 OUT2 IN2VDD
SC70/SOT23 2
IN2-
SOT23/MAX
SHDN2
6 OUT1 1 14 OUT4 13 IN412 IN4+ IN1- 2 IN1+ 3
Thin DFN
OUT2
3
IN2+
4
10
9
8
A
OUT2
MAX4233
SHDN2
8
7 IN2+ B 6 SHDN2
IN2+
7
IN2-
VDD
MAX4233
VSS
MAX4233
VDD 4 IN2+ 5
MAX4234
11 VSS 10 IN3+ 9 IN38 OUT3
MAX
C
OUT1
IN1-
IN1+ SHDN1 1 2 3 4 5
IN2- 6 OUT2 7
OUT1
IN1-
IN1+
VSS
SHDN1
UCSP
TSSOP/SO
TDFN
TDFN EXPOSED PAD CONNECTED TO VSS
Power Supplies and Layout
The MAX4230-MAX4234 can operate from a single 2.7V to 5.5V supply, or from dual 1.35V to 2.5V supplies. For single-supply operation, bypass the power supply with a 0.1F ceramic capacitor. For dual-supply operation, bypass each supply to ground. Good layout improves performance by decreasing the amount of stray capacitance at the op amps' inputs and outputs. Decrease stray capacitance by placing external components close to the op amps' pins, minimizing trace and lead lengths.
Ordering Information (continued)
PART MAX4232AKA+T MAX4232AUA+T MAX4233AUB+T MAX4233ABC+T MAX4233ATB+T MAX4234AUD TEMP RANGE PINPACKAGE TOP MARK AAKW -- -- ABE +AQH -- --
-40C to +125C 8 SOT23 -40C to +125C 8 MAX -40C to +125C 10 MAX -40C to +125C 10 UCSP -40C to +125C 10 TDFN-EP* -40C to +125C 14 TSSOP
MAX4234ASD -40C to +125C 14 SO +Denotes a lead-free/RoHS-compliant package. T = Tape and reel. *EP = Exposed pad.
Chip Information
MAX4230 TRANSISTOR COUNT: 230 MAX4231 TRANSISTOR COUNT: 230 MAX4232 TRANSISTOR COUNT: 462 MAX4233 TRANSISTOR COUNT: 462 MAX4234 TRANSISTOR COUNT: 924
______________________________________________________________________________________ 13
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. PACKAGE TYPE 5 SC70 6 SC70 5 SOT23 6 SOT23 8 MAX 8 SOT23 10 UCSP 10 TDFN-EP 6 Thin DFN 14 TSSOP 14 SO PACKAGE CODE X5-1 X6SN-1 U5-1 U6SN-1 U8-1 K8-5 B12-4 T1033-1 Y61A1-1 U14-1 S14-1 DOCUMENT NO. 21-0076 21-0077 21-0057 21-0058 21-0036 21-0078 21-0104 21-0137 21-0190 21-0066 21-0041
SC70, 5L.EPS
PACKAGE OUTLINE, 5L SC70
21-0076
E
1 1
14
______________________________________________________________________________________
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
MAX4230-MAX4234
______________________________________________________________________________________
SC70, 6L.EPS
15
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
16
______________________________________________________________________________________
SOT-23 5L .EPS
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
MAX4230-MAX4234
PACKAGE OUTLINE, SOT 6L BODY
21-0058
I
1
2
______________________________________________________________________________________
6LSOT.EPS
17
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
PACKAGE OUTLINE, SOT 6L BODY
21-0058
I
2
2
18
______________________________________________________________________________________
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
MAX4230-MAX4234
______________________________________________________________________________________
8LUMAXD.EPS
19
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
MARKING
0
0
PACKAGE OUTLINE, SOT-23, 8L BODY
21-0078
H
1 1
20
______________________________________________________________________________________
SOT23, 8L.EPS
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
MAX4230-MAX4234
PACKAGE OUTLINE, 4x3 UCSP 21-0104 F
1 1
______________________________________________________________________________________
12L, UCSP 4x3.EPS
21
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
22
______________________________________________________________________________________
6, 8, &10L, DFN THIN.EPS
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
MAX4230-MAX4234
COMMON DIMENSIONS SYMBOL A D E A1 L k A2 MIN. 0.70 2.90 2.90 0.00 0.20 MAX. 0.80 3.10 3.10 0.05 0.40
PACKAGE VARIATIONS PKG. CODE T633-2 T833-2 T833-3 T1033-1 T1033-2 T1433-1 T1433-2 N 6 8 8 10 10 14 14 D2 1.500.10 1.500.10 1.500.10 1.500.10 1.500.10 1.700.10 1.700.10 E2 2.300.10 2.300.10 2.300.10 2.300.10 2.300.10 2.300.10 2.300.10 e 0.95 BSC 0.65 BSC 0.65 BSC 0.50 BSC 0.50 BSC 0.40 BSC 0.40 BSC JEDEC SPEC MO229 / WEEA MO229 / WEEC MO229 / WEEC MO229 / WEED-3 MO229 / WEED-3 ------b 0.400.05 0.300.05 0.300.05 0.250.05 0.250.05 0.200.05 0.200.05 [(N/2)-1] x e 1.90 REF 1.95 REF 1.95 REF 2.00 REF 2.00 REF 2.40 REF 2.40 REF
0.25 MIN. 0.20 REF.
______________________________________________________________________________________
23
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
24
______________________________________________________________________________________
6L ULTRA THINLGA.EPS
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
MAX4230-MAX4234
TABLE 1
TABLE 2
______________________________________________________________________________________
25
High-Output-Drive, 10MHz, 10V/s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 MAX4230-MAX4234
Revision History
REVISION NUMBER 7 8 REVISION DATE 7/08 10/08 DESCRIPTION Added 6-pin DFN package for the MAX4231 Corrected top mark for MAX4321, 6 SOT23 package; changed MAX4320 and 4321 to lead-free packages PAGES CHANGED 1, 2, 8, 13 1
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 26
(c) 2008 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX423008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X