Part Number Hot Search : 
S424GH 17001 RRS2K0 DR060 SFA84G 2SC5380A E000805 MT5016A
Product Description
Full Text Search
 

To Download MASS241575ADA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS12/24ADA Signaling Strobes
A Division of Pittway 3825 Ohio Avenue, St. Charles, IL 60174 1-800-SENSOR2 (736-7672), Fax 630-377-6495 http://www.systemsensor.com
SS1215ADA Signaling Strobe
MASS241575ADA Strobe with Multi-AlertTM Horn
Features
* 93mA avg. current draw at 24VDC, regulated power supply for SS241575ADA * Multiple light intensities -24 VDC: 15, 15/75, 75, or 110 cd models -12 VDC: 15 or 15/75 cd * No measurable in-rush in excess of peak current * Intended for primary signaling * Installer Easy strobe features -Mounts to single gang box with MP-SF plate -Plug-in terminal strip -Wire strip gauge and wiring diagram on back * Available with Multi-AlertTM horn, Sound ChoiceTM SP101, or V400 Series speaker * 3 year warranty System Sensor SS12/24ADA Series signaling strobes comply with the Americans with Disabilities Act (ADA) and the demanding requirements of the Underwriters Laboratories Standard UL 1971 for the Hearing Impaired. The 15/75 strobe models are UL 1971 listed at 15 cd. To insure compliance with ADA and UL 1971, use the System Sensor 75 candela models for non-sleeping areas, and the wall-mounted 110 candela models for sleeping areas. Available in red or beige at 12 or 24 VDC, the SS12/24ADA series of signaling strobes can be surface mounted directly to a standard 4 backbox or can be mounted to our semi-flush plate for recessed electrical boxes. They are also available in combination with System Sensor Multi-Alert horns and Sound Choice SP101 or V400 speakers for both visible and audible signaling. Dimensions:
TOP TOP
Specifications
Input terminals: Shipping Weight: SS Series Strobes: MASS Series Horn/Strobes: Operating Temperature Range: Mounting: Surface: Semiflush: 18 - 12 AWG 5 oz. (141g)
4 4
10.4 oz. (293g) 32 F to 120 F (0 C to 49 C) 4 x 4 x 11/2 standard backbox (21/8 recommended) 4 x 4 x 11/2 standard backbox (21/8 recommended) with MP-SF semi-flush mounting plate (order separately)
4 23/4 3
1/4
4
33/4 53/32
111/32
SS12/24ADA Series
MASS12/24ADA Series
APPROVED
(c) System Sensor 8/96
This document is not intended to be used for installation purposes.
A05-206-04
Engineering Specifications
Strobe shall be a System Sensor Model ______ listed to Standard UL 1971 for the Hearing Impaired and shall be approved for Fire Protective Service. Strobe shall be wired as a Primary Signaling Notification appliance. Strobe shall also comply with the Americans with Disabilities Act requirements for visible signaling appliances. Strobe shall operate on 12 or 24VDC from a regulated DC supply or full-wave rectified, unfiltered supply. The signaling strobe shall be powered from a non-coded power supply when powered with the horn or powered independently. Strobe shall have no measurable in-rush current in excess of operating peak current. Visual signaling devices are to be installed in all non-sleeping/corridor and sleeping areas per plans and specifications. The strobe light shall consist of a xenon flash tube and associated lens/reflector system. All strobes shall be capable of mounting to a standard 4 x 4 x 11/2 backbox, in either a surface mount or semiflush mount with separate mounting plate.
Sound Output Selection Guide
Multi-Alert Sounder - MA12/24D Available Sounds Slow Whoop 800 Hz continuous (factory setting) 800-1000 Hz Alternating 2400 Interrupted 2400 Continuous 1200 Interrupted Swept Frequency Fast Warble Clips on Tabs (ABC)1 ABC BC AC AB C B A None Current (mA) DC Regulated/FWR Unfiltered2 12V 24V 30V 21/40 38/56 46/72 15/24 17/32 19/23 21/31 13/19 17/24 15/27 28/45 34/46 35/56 38/59 23/33 34/47 30/47 35/55 43/58 43/64 46/73 27/41 43/60 38/59 Average* 12V 24V 85 92 87 85 89 85 85 85 85 93 92 90 94 91 92 92 Sound Output (dBA) Peak* UL (dBA) Ratings 12V 24V 12V 24V 93 100 79 85 94 91 96 93 95 96 93 99 98 98 104 101 101 100 79 79 79 79 75 79 79 85 85 85 85 82 85 85
Multi-Alert Sounder - MA12/24EH Current (mA) Sound Output (dBA) Average* Peak* UL (dBA) Ratings Clips on DC Regulated/FWR Unfiltered2 Available Sounds Tabs (ABC)1 12V 24V 30V 12V 24V 12V 24V 12V 24V Fast Whoop ABC 21/40 38/56 46/72 85 92 93 100 79 85 800 Hz Continuous BC 15/24 28/45 35/55 87 93 96 101 79 85 800/1000 Hz Fast Dual AC 17/32 34/46 43/58 85 92 95 101 79 85 Chirp AB 19/23 35/56 43/64 89 90 93 104 79 85 2400 Hz Continuous C 21/31 38/59 46/73 85 94 96 98 79 85 Bell B 13/19 23/33 27/41 85 91 91 98 75 82 Laser A 17/24 34/47 43/60 85 92 94 99 79 85 Electro-Mechanical None 15/27 30/47 38/59 85 92 93 100 79 85 (factory setting) * dBA measured in anechoic room at 10 feet. 1.See Tone Selection diagram below for tab clip removal and storage. 2.All models can be powered using uncoded full wave rectified, unfiltered supplies. Under no circumstances can the MA12/24 or SS12/24 Series device input voltage exceed 33 VDC or be less than 9.6 VDC.
MA Sounder Tone Selection
COVER SLOT
FO SL R CL ID E CO
IP
ST
VE
R E
OR
AG
TONE SELECTION TABS TAB A TAB B TAB C
CLIP STORAGE CLIPS REMOVED OR ADDED TO SELECT DESIRED TONE. FOR STORING UNUSED CLIPS: SLIDE COVER BACK TO ALIGN COVER SLOT WITH CLIP STORAGE POST.
USE A SMALLBLADED SCREWDRIVER TO REMOVE CLIPS
Page 2
A05-206-04
Standard Light Distribution
Vertical Dispersion
ZERO AXIS
Horizontal Dispersion
Degree 0 5-30 5 35 40 45 10 50 55 15 60 65 70 20 75 80 85 25 90
0
W A L L
90 85 80 75 70 65 60 55
50
45 40 FLOOR
35
30
Percent of Rating 100 90 65 46 34 27 22 18 16 15 13 12 12 12
0
Degree 0 5-25 30-45 50 55 60 65 70 75 80 85 -90 90 Percent of Rating 100 90 75 55 45 40 35 35 30 30 25 25
45
-45
LIGHT 90 WALL
A polar light distribution in both horizontal and vertical directions is mandated for the strobes by the Standard UL 1971 for the Hearing Impaired, with specific minimum intensity percentages as shown in the graphs above.
Wiring
To Next Device or EOL
To Next Device
- VDC
- VDC
STROBE
IN(-) OUT(-) IN(+) OUT(+)
(-)IN (-)OUT (+)IN (+)OUT
or EOL
CAN BE SOUNDER CODED SUPPLY
+ VDC - VDC + VDC
NONCODED SUPPLY
Break off tab To Next Device or EOL From panel or previous device Note: Jumpers (included in screw-pack) must be installed as shown for tandem operation. - VDC + VDC
NONCODED SUPPLY
+ VDC From panel or previous device
From panel or previous device
Strobe Only
Horn/Strobe Independent
Horn/Strobe Combination
Mounting
MA-12/24D
TO
P
Signal Strobe
Signal Strobe
Strobe Surface Mount
Horn/Strobe Surface Mount
MP-SF
MP-SF
MA-12/24D
Signal Strobe
Signal Strobe
TO
P
Horn/Strobe Semiflush Mount
Strobe Semiflush Mount
Page 3
A05-206-04
Electrical Ratings - Strobe Only
Model Red SS2415ADA SS241575ADA SS2475ADA SS24110ADA SS1215ADA SS121575ADA Beige SS2415ADAB SS241575ADAB SS2475ADAB SS24110ADAB SS1215ADAB SS121575ADAB Supply Voltage Range 20-30 VDC 20-30 VDC 20-30 VDC 20-30 VDC 12-14 VDC 12-14 VDC Average Operating Current from Regulated Supply (mA) 75 93 170 210 170 225 In-rush Current in Excess of Peak Operating Current (mA) 0 0 0 0 0 0 Peak Operating Current (mA) 180 220 400 500 380 560 Average Operating Current from Full Wave Rectified, Unfiltered Supply (mArms)* 90 120 200 245 200 270
* For additional information, see installation manual D900-01-00 Actual 12 volt operating voltage cannot be less than 9.6 VDC or greater than 15.4 VDC; actual 24 volt operating voltage cannot be less than 16 VDC or greater than 33 VDC
Ordering Information
Models - ADA Compliant, UL 1971 Listed Electromechanical Red Beige(B)/White(W) Tone Signaling Strobes SS2415ADA SS2415ADAB SS241575ADA SS241575ADAB SS2475ADA SS2475ADAB SS24110ADA SS24110ADAB SS1215ADA SS1215ADAB SS121575ADA SS121575ADAB Multi-Alert Sounder with Signaling Strobe MASS2415ADA MASS2415ADAB MAEH2415ADA MASS241575ADA MASS241575ADAB MAEH241575ADA MASS2475ADA MASS2475ADAB MAEH2475ADA MASS24110ADA MASS24110ADAB MAEH24110ADA MASS1215ADA MASS1215ADAB MAEH1215ADA MASS121575ADA MASS121575ADAB MAEH121575ADA V400 Series Speaker with Signaling Strobe V4R2415ADA V4R241575ADA V4R2475ADA V4R24110ADA SP101 Series Speaker with Signaling Strobe SP1R2415ADA SP1W2415ADA SP1R241575ADA SP1W241575ADA SP1R2475ADA SP1W2475ADA SP1R24110ADA SP1W24110ADA *Total current = strobe current + sounder current Note: All 1575ADA strobe products are recommended for 20 x 20 areas or Product Signaling Signaling Signaling Signaling Signaling Signaling Sounder Sounder Sounder Sounder Sounder Sounder Speaker Speaker Speaker Speaker Speaker Speaker Speaker Speaker less. Strobe Strobe Strobe Strobe Strobe Strobe Signaling Signaling Signaling Signaling Signaling Signaling Signaling Signaling Signaling Signaling Signaling Signaling Signaling Signaling Strobe Strobe Strobe Strobe Strobe Strobe Strobe Strobe Strobe Strobe Strobe Strobe Strobe Strobe Operating Voltage 24 24 24 24 12 12 24 24 24 24 12 12 24 24 24 24 24 24 24 24 VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC Strobe Current (Average mA) 75 93 170 210 170 225 * * * * * * 75 93 170 210 75 93 170 210 Candela 15 15/75 75 110 15 15/75 15 15/75 75 110 15 15/75 15 15/75 75 110 15 15/75 75 110
with with with with with with with with with with with with with with
How to Order
SS1215ADAB
B=Beige Strobe 15 = 15 cd, UL 1971 Strobe 1575 = 15 cd, UL 1971, 75 cd on axis 75 = 75 cd, UL 1971 Strobe 110 = 110 cd, UL 1971 Strobe 12 = 12 Volt 24 = 24 Volt SS = Signal Strobe MASS = Multi-Alert Sounder/Strobe MAEH = Multi-Alert Sounder/Strobe with Electromechanical Tone V4R = 400 Series Speaker, Red SP1R = SP101 Series Speaker (Strobe), Red SP1W = SP101 Series Speaker (Strobe), White
System Sensor Worldwide Distribution
In Canada: System Sensor Canada 6581 Kitimat Road, Unit #7 Mississauga, Ontario Canada L5N 3T5 Telephone: 905-812-0767 Fax: 905-812-0771 Page 4 In the United Kingdom: System Sensor Europe, Ltd. Horsham Gates III, North St. Horsham, West Sussex RH13 5PJ, United Kingdom Telephone: 44-1403-276500 Fax: 44-1403-276501 In India: System Sensor India A-204 Maheshwari Nagar Orkay Mills Lane Andheri East, Mumbai 400093 Telefax: 91-022-8202564 In the Far East: System Sensor Pittway Far East, Ltd. Suite 706, New T&T Centre 7 Canton Road Tsimshatsui, Kowloon, Hong Kong Telephone: 852-2730-9090 Fax: 852-2736-6580 A05-206-04


▲Up To Search▲   

 
Price & Availability of MASS241575ADA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X