Part Number Hot Search : 
2SC4008 UTC1353 133TQI W742C810 BYD72D TLP361 GP10M LC758
Product Description
Full Text Search
 

To Download MAPD-008185-C20720 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
2 Way 0 Power Divider 50-120MHz
Features
* * * * * * Surface Mount 2 Way 0 Power Divider 260C Reflow Compatible RoHS* Compliant RoHS version of ESSM-2-9-75 Available on Tape and Reel. Reel Quantity 2000
MAPD-008185-C20720 V2
Schematic
Description
M/A-COM's MAPD-008185-C20720 is a 2 Way 0o Power Divider in a low cost, surface mount package. ideally suited for high volume cellular, wireless and CATV applications. No external resistor is required with this part.
Case Style: SM-114
Pin Configuration
Pin No.
1 2 3 4
Function
Port 1 Input Ground Port 2
Ordering Information
Part Number
MAPD-008185-C20720 MAPD-008185-C207TB
Dimensions in inches [mm] Tolerance: .xx .02, .xxx .010
Package
2000 Customer Test Board
Note: Reference Application Note M513 for reel size information. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
* North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
RoHS Compliant
2 Way 0 Power Divider 50-120MHz MAPD-008185-C20720 V2
Electrical Specifications: TA = 25C, Z0 = 75 1
Parameter
Insertion Loss Isolation
Frequency
5 - 120 MHz 5 - 50MHz 50 - 60MHz 60 - 120MHz 5 - 120MHz 5 - 120 MHz
Units
dB dB dB dB dB
o
Min
--
Typ
00.3
Max
00.6
23 22 21
--
--
--
-- --
--
-- --
00.5 2.0o
Amplitude Unbalance Phase Unbalance
--
--
Absolute Maximum Ratings 1,2
Parameter
RF Power Internal Load Dissipation Pin Temp (10 Sec) Operating/Storage Temperature
Recommended PCB Configuration
Absolute Maximum
1 Watt 0.125 Watt 260C -55C to +100C
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
* North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
RoHS Compliant
2 Way 0 Power Divider 50-120MHz
Typical Performance Curves: TA = 25C, Z0 = 75 1
MAPD-008185-C20720 V2
Insertion Loss 1: Pin 4 to 1
-3. 00 - 3 . 10 -3. 20
Insertion Loss 2: Pin 4 to 6
-3.00 - 3 . 10 -3.20 -3.30 -3.40
-3. 30 -3. 40
dB
dB
-3. 50
-3.50 -3.60 -3.70 -3.80 -3.90 -4.00
-3. 60 -3. 70
-3. 80 -3. 90
-4. 00 5 28 51 74 97 12
5
28
51
74
97
12 0
Frequency (MHz)
Frequency (MHz)
Amplitude Unbalance
0.00 -0. 02
Phase Unbalance
0.50 0.45 0.40
-0. 04
Degrees
0.35 0.30 0.25 0.20 0 . 15 0 . 10
dB
-0. 06
-0. 08
- 0 . 10
- 0 . 12
0.05
- 0 . 14 5 28 51 74 97 12 0
0.00 5 28 51 74 97 12 0
Frequency (MHz)
Isolation
0 -5 - 10 - 15 - 20 - 25 - 30 - 35 5 28 51 74 97 120
Frequency (MHz)
dB
3
Frequency (MHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
* North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAPD-008185-C20720

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X