Part Number Hot Search : 
IR2C30N 060PT M400015 I1504RW LT1188CK WE9192A C4851 AN2352
Product Description
Full Text Search
 

To Download MAPD-008016-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAPD-008016-000100
Low Cost Two-Way GMIC SMT Power Divider 1940- 2340 MHz
Features
* * * * * * * * * * * Designed for UMTS Band Small Size and Low Profile Industry Standard SOT-26 SMT Plastic Package Typical Insertion Loss: 0.4 dB Typical Isolation: 19 dB @ 2140MHz 1 Watt Power Handling Lead-Free SOT-26 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS Compliant Rev. V2
Functional Diagram
RF 1 GND RF 2
GND RF IN GND
Description
M/A-COM's MAPD-008016-000100 is an IC-based monolithic power divider using M/A-COM's GMIC technology in a low cost SOT-26 plastic package. This 2-way power divider is ideally suited for applications where small size, low insertion loss, superior phase/amplitude tracking and low cost are required. Typical applications include personal communication systems and other communication applications where size and PCB real estate are at a premium. Available in tape and reel. The MAPD-008016-000100 is fabricated using a passive-integrated circuit process. The process features full-chip passivation for increased performance and reliability.
Pin Configuration
Pin No.
1 2 3
Function
RF1 GND RF2
Pin No.
4 5 6
Function
GND RF IN GND
Ordering Information
Part Number
MAPD-008016-000100 MAPD-008016-0001TR MAPD-008016-0001TB
Package
Bulk Packaging 1000 piece reel Sample Test Board
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAPD-008016-000100
Low Cost Two-Way GMIC SMT Power Divider 1940- 2340 MHz
Electrical Specifications: TA = 25C1
Parameter Insertion Loss Above 3.0 dB Isolation VSWR Input RF1, RF2 Outputs Amplitude Balance Phase Balance Units
dB dB -- -- dB degrees
Rev. V2
Min
-- 13 -- -- -- --
Typ
0.4 19.0 1.3:1 1.4:1 0.05 0.5
Max
0.7 -- 1.4:1 1.5:1 0.1 2.0
1. All specifications apply with a 50-ohm source and load impedance.
Absolute Maximum Ratings 2,3
Parameter
Input Power
4
Recommended PCB Configuration
Absolute Maximum
1W CW -40C to +85C
Operating Temperature 2. 3. 4.
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. With internal load dissipation of 0.125 W maximum.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
GMIC Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAPD-008016-000100
Low Cost Two-Way GMIC SMT Power Divider 1940- 2340 MHz
Typical Performance Curves @ 25C
Insertion Loss vs. Frequency
1.00
Rev. V2
VSWR vs. Frequency
2.00
Insertion Loss (dB)
0.75
VSWR
1.75
0.50
1.50
0.25
1.25
0.00 1890
1990
2090
2190
2290
2390
1.00 1890
1990
2090
2190
2290
2390
Frequency (MHz)
RF1 RF2
Frequency (MHz)
RFin RF1 RF2
Insertion Loss vs. Temperature
1.00
Phase Balance vs. Frequency (Relative to RF1)
1.00
Insertion Loss (dB)
0.75
Phase (Degrees)
0.50
0.50
0.00
0.25
-0.50
0.00 1890
1990
2090
2190
2290
2390
-1.00 1890
1990
2090
2190
2290
2390
Frequency (MHz)
IL@-40 IL@+85 IL@+25
Frequency (MHz)
Isolation vs. Frequency
-10 -15 Isolation (dB) -20 -25 -30 -35 1890
1990
2090
2190
2290
2390
Frequency (MHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAPD-008016-000100
Low Cost Two-Way GMIC SMT Power Divider 1940- 2340 MHz
Lead-Free SOT-26
Rev. V2
Reference Application Note M538 for lead-free solder reflow recommendations.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAPD-008016-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X