Part Number Hot Search : 
302U060A D2M80 SK956 2SA2122G NLVHC 2N3646 ON2001 AD8531
Product Description
Full Text Search
 

To Download MAL204313101E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 041 - 043 ASH
Vishay BCcomponents
Aluminum Capacitors Axial Standard, High Voltage
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte
Fig.1 Component outlines
041/043 ASH low voltage lighting applications 042/043 AMH-ELB 85 C AHH-ELB 105 C
RoHS * Axial leads, cylindrical aluminum case, COMPLIANT insulated with a blue sleeve * Mounting ring version not available in insulated form * Taped versions up to case O 15 x 30 mm available for automatic insertion * Useful life: 5000 to 15 000 hours at 85 C * High rated voltage: up to 450 V * Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
* General purpose, industrial, power supply, audio-video * Smoothing, filtering, buffering at high voltages * Boards with restricted mounting height, vibration and shock resistant
021 ASM 138 AML
QUICK REFERENCE DATA
DESCRIPTION VALUE Nominal case sizes 6.5 x 18 10 x 30 (O D x L in mm) to 10 x 25 to 21 x 38 Rated capacitance range, CR 1 to 220 F - 10 to + 50 % Tolerance on CR 160 to 450 V Rated voltage range, UR - 40 to + 85 C Category temperature range (450 V: - 25 to + 85 C) 8000 hours Endurance test at 85 C 2000 hours (450 V: 5000 hours) 15 000 hours Useful life at 85 C 5000 hours (450 V: 10 000 hours) 1.8 x IR applied: 1.4 x IR 240 000 hours applied: Useful life at 40 C (450 V: 120 000 hours 160 000 hours) Shelf life at 0 V, 85 C 500 hours 500 hours Based on sectional IEC 60384-4/EN130300 specification Climatic category IEC 60068 40/085/56 (450 V: 25/085/56)
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (T for - 10 to + 50 %) * Rated voltage (in V) * Upper category temperature (85 C) * Date code, in accordance with IEC 60062 * Code indicating factory of origin * Name of manufacturer * Band to indicate the negative terminal * `+' sign to identify the positive terminal * Series number (041, 042 or 043)
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 1.0 2.2 4.7 6.8 10 15 22 33 47 68 100 150 220 UR (V) 160 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 250 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 350 10 x 18 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 385 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 18 x 38 21 x 38 400 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 18 x 38 21 x 38 450 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 www.vishay.com 187
Document Number: 28329 Revision: 05-May-08
For technical questions, contact: aluminumcaps1@vishay.com
041 - 043 ASH
Vishay BCcomponents
Aluminum Capacitors Axial Standard, High Voltage
DIMENSIONS in millimeters AND AVAILABLE FORMS
73 1.6 OD L Od I L 33 1
OD
+ F Form BR: Taped on reel case O D x L = 6.5 x 18 to 15 x 30 mm Form BA: Taped in box (ammopack) case O D x L = 6.5 x 18 to 10 x 25 mm F Form AA: Axial in box case O D x L = 10 x 30 to 21 x 38 mm
Fig.2 Forms BA and BR
Table 1
Fig.3 Form AA
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODXL 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 CASE CODE 4 5 6 7 00 01 02 03 04 05 AXIAL: FORM AA, BA, AND BR Od 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 l 55 1 55 1 55 1 55 1 34 1 34 1 O Dmax. 6.9 8.5 10.5 10.5 10.5 13.0 15.5 18.5 18.5 21.5 Lmax. 18.5 18.5 18.5 25.5 30.5 30.5 30.5 30.5 39.5 39.5 Fmin. 25 25 25 30 35 35 35 35 44 44 MASS (g) 1.3 1.7 2.5 3.3 4.8 7.4 11.7 12.9 19.0 24.0 PACKAGING QUANTITIES FORM FORM FORM AA BA BR 1000 1000 500 500 500 500 500 500 340 500 260 400 200 250 120 125 100 -
Note Detailed tape dimensions see section `PACKAGING'.
D 120 C (3 x) D3
-
90 2 (3 x)
3.6 + 0.2 - 0.2 1.05 + 0.03 (3 x) - 0.1 1.3 + 0 (3 x) - 0.05 L
Case O D x L = 15 x 30 to 21 x 38 mm Case not insulated (insulation on request) Especially for applications with severe shocks and vibrations
d2 1.3 + 0.1 (3 x) 0 Mounting holes
+ 1.0 1 - 0.5 O D2 O d1
Fig.4
Table 2
Mounting hole digram and outline; Form MR: With mounting ring and pins
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
Nominal CASE SIZE ODxL 15 x 30 18 x 30 18 x 38 21 x 38 www.vishay.com 188 CASE code 02 03 04 05 MOUNTING RING: Form MR O d1 0.8 0.8 0.8 0.8 O d2 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 O Dmax. 15.5 18.5 18.5 21.5 O D2max. 17.5 19.5 19.5 22.5 D3 16.5 0.2 18.5 0.2 18.5 0.2 21.5 0.2 Lmax. 33 33 42 42 MASS (g) 11.7 12.9 19.0 24.0 PACKAGING QUANTITIES 200 240 100 100
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28329 Revision: 05-May-08
041 - 043 ASH
Aluminum Capacitors Axial Standard, High Voltage
ELECTRICAL DATA
SYMBOL CR IR IL1 IL5 tan ESR DESCRIPTION rated capacitance at 100 Hz, tolerance - 10 to + 50 rated RMS ripple current at 100 Hz, 85 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR max. dissipation factor at 100 Hz equivalent series resistance at 100 Hz (calculated from tan max. and CR)
Vishay BCcomponents
ORDERING EXAMPLE
Electrolytic capacitor 041 series 10 F/250 V; - 10/+ 50 % Nominal case size: O 10 x 25 mm; Form BA Ordering code: MAL204133109E3 Former 12NC: 2222 041 33109
Z max. impedance at 10 kHz Note Unless otherwise specified, all electrical values in Table 3 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %.
ELECTRICAL DATA AND ORDERING INFORMATION
CR UR 100 Hz (V) (F) 4.7 10 22 22 33 47 68 100 150 220 2.2 4.7 10 10 15 22 33 47 68 100 4.7 6.8 10 15 22 33 47 68 1 2.2 4.7 6.8 10 15 22 33 47 68 NOMINAL IR IL1 IL5 Z CASE ESR CASE 100 Hz tan SIZE 100 Hz 10 kHz 1 min 5 min CODE 85 C 100 Hz () () ODxL (A) (A) (mA) (mm) 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 10 x 18 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 18 x 38 21 x 38 4 5 7 00 01 02 02 03 04 05 4 5 7 00 01 01 02 03 04 05 6 00 01 01 02 03 04 05 4 5 7 00 01 02 03 04 04 05 50 70 150 190 270 350 420 580 760 940 35 55 90 130 180 220 290 400 520 650 60 110 150 180 250 350 450 560 20 40 70 110 150 210 290 380 450 570 38 68 130 42 58 78 110 150 230 330 28 55 95 33 44 60 84 120 160 240 69 32 42 57 79 110 160 220 19 42 71 34 45 62 86 120 170 250 8 14 25 25 36 49 69 100 150 220 6 11 19 19 27 37 54 75 110 150 14 18 25 36 50 73 100 150 4 8 15 20 27 39 55 80 110 160 0.15 0.15 0.15 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 51 24 11 6.8 4.5 3.2 2.2 1.5 1.0 0.7 72 34 16 15 10 6.8 4.5 3.2 2.2 1.5 34 22 15 10 6.8 4.5 3.2 2.2 160 72 34 22 15 10 6.8 4.5 3.2 2.2 26 12 5.5 5.5 3.1 2.1 1.4 1.0 0.7 0.5 50 23 11 11 7.4 5.0 3.4 2.3 1.7 1.1 22 14 10 6.7 4.5 3.1 2.1 1.4 100 45 22 14 10 6.0 4.1 2.7 2.1 1.4 ORDERING CODE MAL2.......... IN BOX FORM AA 04211229E3 04211339E3 04211479E3 04211689E3 04211101E3 04311151E3 04311221E3 04213109E3 04213159E3 04213229E3 04213339E3 04213479E3 04313689E3 04313101E3 04215688E3 04215109E3 04215159E3 04215229E3 04215339E3 04315479E3 04315689E3 04218688E3 04218109E3 04218159E3 04218229E3 04318339E3 04318479E3 04318689E3 TAPED ON REEL FORM BR 04121478E3 04121109E3 04121229E3 04221229E3 04221339E3 04221479E3 04221689E3 04123228E3 04123478E3 04123109E3 04223109E3 04223159E3 04223229E3 04223339E3 04125478E3 04225688E3 04225109E3 04225159E3 04225229E3 04128108E3 04128228E3 04128478E3 04228688E3 04228109E3 04228159E3 TAPED IN BOX FORM BA 04131478E3 04131109E3 04131229E3 04133228E3 04133478E3 04133109E3 04135478E3 04138108E3 04138228E3 04138478E3 MOUNTING RING FORM MR 04241479E3 04241689E3 04241101E3 04341151E3 04341221E3 04243339E3 04243479E3 04343689E3 04343101E3 04245229E3 04245339E3 04345479E3 04345689E3 04248159E3 04248229E3 04348339E3 04348479E3 04348689E3
160
250
350
385
Document Number: 28329 Revision: 05-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 189
041 - 043 ASH
Vishay BCcomponents
Aluminum Capacitors Axial Standard, High Voltage
ELECTRICAL DATA AND ORDERING INFORMATION
CR UR 100 Hz (V) (F) 6.8 10 15 22 33 47 68 6.8 10 15 22 33 47 68 NOMINAL IR IL1 IL5 Z CASE ESR CASE 100 Hz tan SIZE 100 Hz 10 kHz 1 min 5 min CODE 85 C 100 Hz () ODxL () (A) (A) (mA) (mm) 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 18 x 38 21 x 38 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 00 01 02 03 04 04 05 00 01 01 02 03 04 05 110 150 210 290 380 450 560 110 150 180 240 350 440 550 220 240 250 280 320 370 440 230 240 260 290 330 390 460 110 110 110 120 130 140 150 110 110 110 120 130 140 160 0.055 0.055 0.055 0.055 0.055 0.055 0.055 0.10 0.10 0.10 0.10 0.10 0.10 0.10 11.5 7.5 5.0 3.5 2.3 1.7 1.2 22 15 10 6.8 4.5 3.2 2.2 7.3 4.6 3.1 2.1 1.4 1.1 0.7 14 10 6 4.1 2.7 2.1 1.4 ORDERING CODE MAL2.......... IN BOX FORM AA 04216688E3 04216109E3 04216159E3 04216229E3 04316339E3 04316479E3 04316689E3 04217688E3 04217109E3 04217159E3 04217229E3 04217339E3 04317479E3 04317689E3 TAPED ON REEL FORM BR 04226688E3 04226109E3 04226159E3 04227688E3 04227109E3 04227159E3 04227229E3 TAPED IN BOX FORM BA MOUNTING RING FORM MR 04246159E3 04246229E3 04346339E3 04346479E3 04346689E3 04247229E3 04247339E3 04347479E3 04347689E3
400
450
ADDITIONAL ELECTRICAL DATA
Value PARAMETER Voltage Surge voltage Reverse voltage Current After 1 minute: case O D x L = 6.5 x 18 to 10 x 25 mm: CV 1000 C CV > 1000 C case O D x L = 10 x 30 to 21 x 38 mm: UR = 160 to 385 V UR = 400 and 450 V After 5 minutes: UR = 160 to 385 V: CV 1000 C CV > 1000 C UR = 400 and 450 V case O D x L mm: 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 UR = 160 to 250 V UR = 350 to 450 V Us 1.15 x UR Us 1.1 x UR Urev 1 V Conditions Axial mounting ring
IL1 0.05 CR x UR or 5 A, whichever is greater IL1 0.03 CR x UR + 20 A IL1 0.009 CR x UR + 10 A IL1 0.009 CR x UR + 200 A
Leakage current
IL5 0.01 CR x UR or 1 A, whichever is greater IL5 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 100 A
Inductance typ. 15 nH typ. 35 nH typ. 69 nH typ. 38 nH typ. 38 nH typ. 46 nH typ. 48 nH typ. 50 nH typ. 54 nH typ. 59 nH typ. 39 nH typ. 39 nH typ. 39 nH typ. 39 nH
Equivalent series inductance (ESL)
www.vishay.com 190
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28329 Revision: 05-May-08
041 - 043 ASH
Aluminum Capacitors Axial Standard, High Voltage
CAPACITANCE (C)
1.2 C C0 1.1
Vishay BCcomponents
1.0
0.9
0.8 - 40 - 20 0 20 40 60 80 100
C0 = capacitance at 20 C, 100 Hz
Tamb (C)
Fig.5 Typical multiplier of capacitance as a function of ambient temperature
EQUIVALENT SERIES RESISTANCE (ESR)
102 ESR ESR 0 10 2 1 Curve 1: case O D x L = 10 x 30 to 21 to 38 mm Curve 2: case O D x L = 6.5 x 18 to 10 to 25 mm 1.6 1.4 1.2 1.0 0.8 1 0.6 0.4 0.2 10 -1 - 50 0 50 100 Tamb (C) 0 10 2 103 10 4 10 5 f (Hz) 10 6 2 1 1 3 1 2 Curve 1: case O D x L = 10 x 30 mm Curve 2: case O D x L = 21 x 38 mm Curve 3: case O D x L = 6.5 x 18 to 10 x 25 mm ESR0 = typical at 20 C, 100 Hz
ESR0 = typical at 20 C, 100 Hz
ESR0 = typical at 20 C, 100 Hz
Fig.6 Typical multiplier of ESR as a function of ambient temperature
Fig.7 Typical multiplier of ESR as a function of frequency
Document Number: 28329 Revision: 05-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 191
041 - 043 ASH
Vishay BCcomponents
IMPEDANCE (Z)
Aluminum Capacitors Axial Standard, High Voltage
102 Z () 2 1 Curve 1: case O D x L = 10 x 30 to 21 to 38 mm Curve 2: case O D x L = 6.5 x 18 to 10 to 25 mm
103 Z () 1 2 3 Curve 1: 2.2 F Curve 2: 4.7 F Curve 3: 10 mF
10
102
1
10
10
-1
1 - 50 0 50 100 Tamb (C) 10 2 103 10 4 10 5 f (Hz) 10 6
Z0 = impedance at 20 C, 100 Hz
Case O D x L = 8 x 18 mm
Tamb (C)
Fig.8 Typical impedance of capacitance as a function of ambient temperature
Fig.7 Typical impedance as a function of frequency
103 Z () 1 102 2 3 Curve 1: 4.7 F Curve 2: 10 F Curve 3: 22 F
103
102 1 2 3 10
10 1
4 5 6 7 8 9 10 2 103 10 4 10 5 f (Hz) 10 6
1 10 2 103 10 4 10 5 f (Hz) 10 6
10-1
Case O D x L = 10 x 18 mm to 10 x 25 mm
Tamb (20 C)
Case O D x L = 12.5 x 30 mm
Fig.10 Typical impedance as a function of frequency
Fig.11 Typical impedance as a function of frequency at different ambient temperatures
Curve 1: 10 F, 350 and 385 V; - 40 C Curve 2: 15 F, 250 V; - 40 C Curve 3: 33 F, 160 V; - 40 C Curve 4: 10 F, 350 and 385 V; 20 C Curve 5: 15 F, 250 V; 20 C Curve 6: 33 F, 160 V; 20 C Curve 7: 10 F, 350 and 385 V; 85 C Curve 8: 15 F, 250 V; 85 C Curve 9: 33 F, 160 V; 85 C
www.vishay.com 192
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28329 Revision: 05-May-08
041 - 043 ASH
Aluminum Capacitors Axial Standard, High Voltage
RIPPLE CURRENT AND USEFUL LIFE
Vishay BCcomponents
CCC205 3.3 IA IR 3.2 3.1 3.0
2.8
2.6
2.4 lifetime multiplier 2.2
1. 0
2.0
2. 0
1. 5
1.8
4. 0
3. 0
1.6 1.4 IA = actual ripple current at 100 Hz IR = rated ripple at 100 Hz, 85 C
(1)
6 .0 10 15
1.2 1.0 0.8
70 50 30
20
(1)
Useful life at 85 C and IR applied; case O D x L = 6.5 x 18 to 10 x 25 mm: 5000 hours case O D x L = 6.5 x 18 to 10 x 25 mm: 5000 hours (450 V: 10 000 hours)
0.5 0.0
40
50
60
70
80
90
100 Tamb (C)
Fig.12 Multiplier of useful life as a function of ambient temperature and ripple current load
Table 3
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 IR MULTIPLIER 0.75 1.00 1.15 1.30 1.40 1.50
Document Number: 28329 Revision: 05-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 193
041 - 043 ASH
Vishay BCcomponents
Aluminum Capacitors Axial Standard, High Voltage
Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 case O D x L: 6.5 x 18 to 10 x 25 mm: 2000 hours; 10 x 30 to 21 x 38 mm 8000 hours (450 V: 5000 hours) Useful life CECC 30301 subclause 1.8.1 Tamb = 85 C; UR and IR applied; case O D x L: 6.5 x 18 to 10 x 25 mm: 5000 hours; 10 x 30 to 21 x 38 mm: 15 000 hours (450 V: 10 000 hours) PROCEDURE (quick reference) Tamb = 85 C; UR applied; REQUIREMENTS UR = 160 V; C/C: 15 % UR = 250 to 450 V; C/C: 10 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit UR = 160 V; C/C: 45 % UR = 250 to 450 V; C/C: 30 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 3 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 C; no voltage applied; 500 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement C/C, tan , Z: for requirements see `Endurance test' above IL5 2 x spec. limit
www.vishay.com 194
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28329 Revision: 05-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL204313101E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X