Part Number Hot Search : 
2SD1380 2SK1451 AK8776 WT78L05 1N3254 MBT39 SS220 UF5403
Product Description
Full Text Search
 

To Download LP24-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSFORMER
1. CONFIGURATION & DIMENSIONS :
LP24-100 (F) SERIES
40.00 (1.575) 1.00 (0.041) PC terminal plug-in mounting B H Max. B B
6.00 (0.236)
1 2
5 6 8 7
A
W
4 3
L
PCB Pattern UNIT : mm (inch)
SIZE 2
L 48.10 (1.894)
W 38.10 (1.500)
H 17.00 (0.669)
A 40.50 (1.594)
B 9.50 (0.374)
gram 141.75
2. SCHEMATIC :
3 7
Primaries 4 115/230V 50/60Hz 2
8 6
1 indicates polarity
5
3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. NO Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size AC 115/230 V 50/60 Hz . Less Than 25mA . Less Than 25mA . Series AC 39.20V . Parallel AC 19.60V . Series 100mA . Parallel 200mA . Less Than 35mA . Less Than 45mA . Series 24.00V . Parallel 12.00V . Primary = 1080 Ohm . = 1080 Ohm . Secondary = 37.80 Ohm . = 37.80 Ohm . DC 500V 100Meg Ohm Of More . AC 1500V 60Hz 1 Minutes . Less Than 60 Deg C . UI-29 x 5.30 m/m .
NOTE : Specifications subject to change without notice. Please check our website for latest information.
B
05.06.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1


▲Up To Search▲   

 
Price & Availability of LP24-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X