Part Number Hot Search : 
2FTR16SG EC12E12 680TL C330M SM2827 AUIRF MAX9986 A2603
Product Description
Full Text Search
 

To Download LHA10TRA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Adam Technologies, Inc.
.100" HEADER & HOUSING CONNECTOR SYSTEM
LHA, LHS, MTA & MTS SERIES
INTRODUCTION: Adam Tech Friction Lock Header & Housing set was designed to attach wires to a PCB. This series features a friction locking header which mates to a polarized wire housing with crimp contacts. This set provides a secure, easy to mate connection with superior electrical characteristics. FEATURES: Precision .025" sq. posts Secure friction lock Polarized anti-vibration design Available in 2 - 20 positions MATING CONNECTORS: All industry standard .100 centerline compatible latching headers and housings SPECIFICATIONS: Material: Insulator: Nylon 66, rated UL94V-2 Insulator Color: White Contacts: Phosphor bronze and Brass Contact Plating: Tin over copper underplate overall Electrical: Operating voltage: 250V AC max. Current rating: 3 Amps max. Insulation resistance: 1000 M min. Dielectric withstanding voltage: 500V AC for 1 minute Mechanical: Recommended wire size: 22 to 28 Awg with .059" O.D. insulation max. Temperature Rating: Operating temperature: -40C to +105C PACKAGING: Anti-ESD plastic bags SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
ORDERING INFORMATION FRICTION LOCK HEADER LHA 10 TS
SERIES INDICATOR LHA = Locking Header LHS = Short Back Locking Header POSITIONS 2 thru 20
PIN ANGLE TS = Straight TRA = Right Angle TRB = Reverse Right Angle
HOUSING MTA 10
SERIES INDICATOR MTA = Wire housing MTS = Short back wire housing
POSITIONS 2 thru 20
CRIMP CONTACT MTA-C
Pb
UL
(R)
R
PACKAGING B = 1,000 piece loose cut R = 6,000 pieces on reel
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
SERIES INDICATOR MTA-C = Crimp contact MTS-C = Crimp contact
280
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT


▲Up To Search▲   

 
Price & Availability of LHA10TRA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X