Part Number Hot Search : 
MKV5100 DTC123 TC74LC MC9S1 4B12T15 SK210 D45C6 Z00AV
Product Description
Full Text Search
 

To Download KHP101E106M552AT00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
/
?FEATURES
(High Reliability)
1. Small mounting area. 2. Small in size and large capacitance. (maximum 200MF) 3. High rated ripple current. 4. Excellent temperature cycle durability and most suitable for aluminum substrate. 5. Y5U temperature characteristics. 6. Excellent high frequency characterisitics. 7. 200Vdc items are available. 8. For reflow soldering use.
?APPLICATIONS
1. Smoothing circuit of switching mode AC-DC or DC-DC converter. 2. On-board power supply. 3. Noise suppressor for various kinds of equipments.
?CUSTOM MADE PRODUCTS
We can offer custom made one element metal cap type capacitors for request of customers. Please contact us if you have questions for details.
?CONSTRUCTION
Chip Ceramic Capacitor Metal Cap
Soldering
Termination
?RATINGS
1. 2. 3. 4. 5. 6. Category Temperature Range Rated Voltage Range Rated Capacitance Range Rated Capacitance Tolerance Temperature Characteristics Rated Ripple Current -55K+125C 16, 25, 50, 100, 200Vdc 0.45 to 200MF M(P20%), Z(P80%) 20 E(JIS) Y5U(EIA) See No.5 on the following table
?SPECIFICATIONS
No. 1 2 Items Withstand Voltage Insulation Resistance Specification No abnormality. 1000/CR(MO) or 10000(MO) whichever is less. Within specified tolerance. Test Condition 250% of rated voltage shall be applied for 5 seconds. Rated voltage shall be applied for 60P5 seconds at temperature 20P2C. Temperature Frequency Voltage Temperature Frequency Voltage 55 3.0 76 4.0 : 20P2C : 1P0.1kHz (]100MF, 120Hz) : 1P0.2Vrms : 20P2C : 1P0.1kHz (]100MF, 120Hz) : 1P0.2Vrms
3
Rated Capacitance
4
Dissipation Factor
5.0% maximum
5
Rated Ripple Current
Size Arms
43 1.5
10kHzK1MHz (sine curve) Ripple voltage Vp shall be less than the rated voltage.
(1/4)
CAT. No. E1002I
METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
/
?SPECIFICATIONS
No. 6 Items Temperature Cycle Specification Appearance : No visible damage. DC/C : P15% D.F. : To meet the initial specification. I.R. : To meet the initial specification. Withstand voltage : No abnormality. Test Condition Step Temperature (C) 1 Min. Category temperature P3 2 Room temperature 3 Max. Category temperature P2 4 Room temperature THP series : 100 cycles TMP series : 500 cycles Temperature : 40P2C Humidity : 90 to 95%RH Voltage : Rated voltage Time : 500P24hours 0 (min.) 30P3 3 max. 30P3 3 max.
7
Humidity Load Life
Appearance : No abnormality. DC/C : P20% D.F. : 7% max. I.R. : 50/CR(MO) or 1000(MO) whichever is less. Withstand voltage : No abnormality. Appearance : No abnormality. DC/C : P20% D.F. : 7% max. I.R. : 100/CR(MO) or 1000(MO) whichever is less. Withstand voltage : No abnormality.
8
Endurance
Temperature : 85P2C Voltage : 200% of rated voltage. Time : 1000P48hours 0 Temperature : 125P3C Voltage : Rated voltage Time : 1000P48hours 0
*CR : Rated Capacitance(MF)
?Note of mountig for THP series.
1. The face of wider gap between a capacitor and a substrate shall be the mounting face. 2. To prevent degredation of heat cycling capability, if need to be careful about amount of solder that would not go into the inner side of terminations.
Substrate
Gap
(2/4)
CAT. No. E1002I
METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
K HP 2 5 0 E 4 7 6 M 5 5 2A T 0 0
Supplement code Taping code Terminal code Size code Capacitance tolerance code Nominal Capacitance code Temperature characteristics code Rated voltage code Series code Category
?THP SERIES STANDARD RATINGS
Part Number KHP160E336M432AT00 KHP160E476M432AT00 KHP160E686M552AT00 KHP160E107M552AT00 KHP160E157M762BT00 KHP160E207M762BT00 KHP250E156M432AT00 KHP250E206M432AT00 KHP250E336M552AT00 KHP250E476M552AT00 KHP250E686M552AT00 KHP250E107M762BT00 KHP500E455M432AT00 KHP500E685M432AT00 KHP500E106M552AT00 KHP500E156M552AT00 KHP500E226M552AT00 KHP500E336M762BT00 KHP500E476M762BT00 KHP101E155M432AT00 KHP101E205M432AT00 KHP101E305M432AT00 KHP101E475M552AT00 KHP101E685M552AT00 KHP101E106M552AT00 KHP101E156M762BT00 KHP201E454M432AT00 KHP201E684M432AT00 KHP201E105M432AT00 KHP201E155M552AT00 KHP201E225M552AT00 KHP201E335M762BT00 KHP201E475M762BT00 Rated voltage (Vdc) Rated Capacitance (mF) 33 47 68 100 150 200 15 20 33 47 68 100 4.5 6.8 10 15 22 33 47 1.5 2.0 3.0 4.7 6.8 10 15 0.45 0.68 1.0 1.5 2.2 3.3 4.7 Dimensions(mm) L 4.8P0.4 6.0P0.4 7.8P0.5 4.8P0.4 6.0P0.4 7.8P0.5 4.8P0.4 6.0P0.4 7.8P0.5 4.8P0.4 W 3.5P0.4 5.0P0.4 6.6P0.5 3.5P0.3 5.0P0.4 6.6P0.5 3.5P0.3 5.0P0.4 6.6P0.5 3.5P0.3 Tmax. 5.5 5.0 5.6 6.5 5.5 4.5 5.6 6.5 5.5 4.5 5.6 6.5 5.5 4.5 5.6 6.5 5.5 4.5 5.6 6.5 1.5P0.3 1.3P0.3 a 1.3P0.3 1.3P0.3 1.5P0.3 1.3P0.3 1.3P0.3 1.5P0.3 1.3P0.3 1.3P0.3 Previous Part Number
(Just for your reference)
16
25
50
100
6.0P0.4 7.8P0.5 4.8P0.4 6.0P0.4 7.8P0.5
5.0P0.4 6.6P0.5 3.5P0.3 5.0P0.4 6.6P0.5
1.3P0.3 1.5P0.3 1.3P0.3 1.3P0.3 1.5P0.3
200
THP50E1C336MT002 THP50E1C476MT002 THP60E1C686MT002 THP60E1C107MT002 THP70E1C157MT002 THP70E1C207MT002 THP50E1E156MT002 THP50E1E206MT002 THP60E1E336MT002 THP60E1E476MT002 THP60E1E686MT002 THP70E1E107MT002 THP50E1H455MT002 THP50E1H685MT002 THP60E1H106MT002 THP60E1H156MT002 THP60E1H226MT002 THP70E1H336MT002 THP70E1H476MT002 THP50E2A155MT002 THP50E2A205MT002 THP50E2A305MT002 THP60E2A475MT002 THP60E2A685MT002 THP60E2A106MT002 THP70E2A156MT002 THP50E2D454MT002 THP50E2D684MT002 THP50E2D105MT002 THP60E2D155MT002 THP60E2D225MT002 THP70E2D335MT002 THP70E2D475MT002
?DIMENSIONS
43, 55 size
L
76 size
L
a W W
a
T
T
(3/4)
CAT. No. E1002I
METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
K MP 2 5 0 E 4 7 6 M 5 5 2 E T 0 0
Supplement code Taping code Terminal code Size code Capacitance tolerance code Nominal Capacitance code Temperature characteristics code Rated voltage code Series code Category
?TMP SERIES STANDARD RATINGS
Part Number KMP250E336M552ET00 KMP250E476M552ET00 KMP250E686M762ET00 KMP250E107M762ET00 KMP500E106M552ET00 KMP500E156M552ET00 KMP500E226M552ET00 KMP500E336M762ET00 KMP500E476M762ET00 KMP101E475M552ET00 KMP101E685M552ET00 KMP101E106M762ET00 KMP101E156M762ET00 KMP201E155M552ET00 KMP201E225M552ET00 KMP201E335M762ET00 KMP201E475M762ET00 Rated voltage (Vdc) Rated Capacitance (mF) 33 47 68 100 10 15 22 33 47 4.7 6.8 10 15 1.5 2.2 3.3 4.7 Dimensions(mm) L 6.0P0.4 7.8P0.5 6.0P0.4 7.8P0.5 6.0P0.4 7.8P0.5 6.0P0.4 7.8P0.5 W 5.0P0.4 6.6P0.5 5.0P0.4 6.6P0.5 5.0P0.4 6.6P0.5 5.0P0.4 6.6P0.5 Tmax. 5.0 6.5 5.0 6.5 5.0 6.5 5.0 6.5 a 1.3P0.3 1.5P0.3 1.3P0.3 1.5P0.3 1.3P0.3 1.5P0.3 1.3P0.3 1.5P0.3 Previous Part Number
(Just for your reference)
25
50
100
200
TMP60E1E336MT002 TMP60E1E476MT002 TMP70E1E686MT002 TMP70E1E107MT002 TMP60E1H106MT002 TMP60E1H156MT002 TMP60E1H226MT002 TMP70E1H336MT002 TMP70E1H476MT002 TMP60E2A475MT002 TMP60E2A685MT002 TMP70E2A106MT002 TMP70E2A156MT002 TMP60E2D155MT002 TMP60E2D225MT002 TMP70E2D335MT002 TMP70E2D475MT002
?DIMENSIONS
L
W
a
Spring mechanism
T
(4/4)
CAT. No. E1002I


▲Up To Search▲   

 
Price & Availability of KHP101E106M552AT00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X