Part Number Hot Search : 
A143Z EP2600TS EP2600TS RB520S KR100 0M25V DSPIC33 08226
Product Description
Full Text Search
 

To Download KDW2503N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Dual N-Channel 2.5V Specified PowerTrench MOSFET KDW2503N
IC IC
Features
5.5 A, 20 V. RDS(ON) = 0.021 RDS(ON) = 0.035 Fast switching speed High performance trench technology for extremely low RDS(ON) Extended VGSS range ( 12V) for battery applications @ VGS = 4.5 V @ VGS =2.5V
TSSOP-8
Unit: mm
Absolute Maximum Ratings Ta = 25
Parameter Drain to Source Voltage Gate to Source Voltage Drain Current Continuous (Note 1a) Drain Current Pulsed Power Dissipation for Single Operation (Note 1a) Power Dissipation for Single Operation (Note 1b) Operating and Storage Temperature Thermal Resistance Junction to Ambient (Note 1a) Thermal Resistance Junction to Ambient (Note 1b) TJ, TSTG R R
JA JA
Symbol VDSS VGS ID
Rating 20 12 5.5 30
Unit V V A A W
PD
1 0.6 -55 to 175 125 208
/W /W
www.kexin.com.cn
1
SMD Type
KDW2503N
Electrical Characteristics Ta = 25
Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient IDSS IGSSF IGSSR VGS(th) Symbol BVDSS Testconditons VGS = 0 V, ID = 250 ID = 250 A Min 20 14 1 100 -100 0.6 0.8 -3.2 17 24 23 30 26 1082 VDS = 10 V, VGS = 0 V,f = 1.0 MHz 277 130 8 VDD = 10 V, ID = 1 A,VGS = 4.5 V, RGEN = 6 8 24 8 12 VDS = 10 V, ID = 5.5 A,VGS=4.5V(Note 2) 2 3 0.83 VGS = 0 V, IS = 0.83 A (Not 2) 0.7 1.2 20 27 38 16 17 21 35 34 1.5 Typ Max
IC IC
Unit V mV/ A nA nA V mV/
A, Referenced to 25
VDS = 16 V, VGS = 0 V VGS = 12 V, VDS = 0 V VGS = -12 V, VDS = 0 V VDS = VGS, ID = 250 ID = 250 A
A, Referenced to 25
VGS =4.5 V, ID =5.5 A Static Drain-Source On-Resistance RDS(on) VGS = 2.5 V, ID = 4.2 A VGS = 4.5 V, ID =5.5 A,TJ = 125 On-State Drain Current Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Vgs=5V Gate-Source Charge Gate-Drain Charge Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Notes: 1R
JA
m
ID(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD
VGS = 4.5 V, VDS = 5V VDS = 5 V, ID = 5.5A
A S pF pF pF ns ns ns ns nC nC nC A V
is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
JC
defined as the solder mounting surface of the drain pins. R by the user's board design.
is guaranteed by design while R CA is determined
a) R JA is 125 /W (steady state) when mounted on a 1 inch2 copper pad on FR-4. b) R JA is 208 /W (steady state) when mounted on a minimum copper pad on FR-4. 300 s, Duty Cycle 2.0%
2. Pulse Test: Pulse Width
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KDW2503N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X