Part Number Hot Search : 
M37451M8 AQG22124 2S335A 7461117 2V7HCB 70MIT SUR510EF FR6G05
Product Description
Full Text Search
 

To Download KDB3682 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOSFET
N-Channel PowerTrench MOSFET KDB3682 (FDB3682)
TO-263
+0.1 1.27-0.1
Features
rDS(ON) =32m (Typ.), VGS = 10V, ID =32A Qg(tot) = 18.5nC (Typ.), VGS = 10V Low Miller Charge
+0.1 1.27-0.1
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
UIS Capability (Single Pulse and Repetitive Pulse)
+0.2 5.28-0.2
0.1max
+0.1 0.81-0.1
2.54 5.08
+0.1 -0.1
+0.2 2.54-0.2
+0.2 15.25-0.2
Low QRR Body Diode
+0.2 8.7-0.2
+0.2 2.54-0.2
0.4
+0.2 -0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current-Continuous TC=25 TA=25 Power dissipation Derate above 25 Thermal Resistance Junction to Ambient Thermal Resistance, Junction-to-Case Channel temperature Storage temperature ReJA ReJC Tch Tstg PD Symbol VDSS VGSS ID Rating 100 20 32 6 95 0.63 43 1.58 175 -55 to +175 Unit V V A A W W/ /W /W
5.60
1 Gate 2 Drain 3 Source
www.kexin.com.cn
1
SMD Type
MOSFET
KDB3682 (FDB3682)
Electrical Characteristics Ta = 25
Parameter Drain to source breakdown voltage Drain cut-off current Gate leakage current Gate threshold voltage Symbol VDSS IDSS IGSS VGS(th) ID=250iA Testconditons VGS=0V Min 100 1 250 100 2.0 4.0 0.032 0.036 0.040 0.060 0.080 0.090 1250 VDS=25V,VGS=0,f=1MHZ 190 45 VGS = 0V to 10V VGS = 0V to 2V 18.5 2.4 6.5 VDS = 50 V, ID = 32A,Ig=1.0mA 4.1 4.6 83 9 VDD = 50 V, ID = 32A, VGS = 10 V, RGS = 16 46 26 32 87 ISD=32A ISD=16A ISD = 32A, dISD/dt =100A/is ISD = 32A, dISD/dt =100A/is 1.25 1.0 55 90 28 3.6 pF pF pF nC nC nC nC nC ns ns ns ns ns ns V V ns nC U Typ Max Unit V A A nA V
VDS=80V,VGS=0 VDS=80V,VGS=0,TC=150 VGS= 20V VDS = VGS, ID = 250iA VGS=10V,ID=32A
Drain to source on-state resistance
RDS(on)
VGS=16V,ID=16A VGS=10V,ID=32A,TC=175
Input capacitance Output capacitance Reverse transfer capacitance Total Gate Charge at 10V Threshold Gate Charge Gate to Source Gate Charge Gate Charge Threshold to Plateau Gate to Drain "Miller" Charge Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time Source to Drain Diode Voltage Reverse Recovery Time Reverse Recovered Charge
Ciss Coss Crss Qg(TOT) Qg(TH) Qgs Qgs2 Qgd tON td(ON) tr td(OFF) tf tOFF VSD trr QRR
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KDB3682

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X