Part Number Hot Search : 
C881D 2SC3390 CXP82300 STK740C 2SK35 140G2AR ST721004 X4043
Product Description
Full Text Search
 

To Download IV0503SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 Watts IV Series
* * * * * * * Single & Dual Output Industry Standard Pinout SIP or DIP Package
DC-DC
xppower.com
3000 VDC Isolation (Optional 6000 VDC) Short Circuit Protection -40 C to +85 C Operation MTBF >1.2 MHrs
Specification
Input
Input Voltage Range Input Current (no load) Input Reflected Ripple Input Reverse Voltage Protection * * * * Nominal 10% See table 20 mA pk-pk None
Input Voltage
No Load Input Current 30 30 30 30 30 30 20 20 20 20 20 20 10 10 10 10 10 10 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA
Output Voltage 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 V V V V V V V V V V V V V V V V V V
Output Current 300 200 112 84 66 42 300 200 112 84 66 42 300 200 112 84 66 42 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA
Efficiency 75% 78% 75% 76% 76% 72% 74% 74% 75% 77% 78% 75% 75% 77% 75% 78% 78% 78%
Model Number(1,2) IV0503SA IV0505SA IV0509SA IV0512SA IV0515SA IV0524SA IV1203SA IV1205SA IV1209SA IV1212SA IV1215SA IV1224SA IV2405SA IV2405SA IV2409SA IV2412SA IV2415SA IV2424SA
5 VDC
Output
Output Voltage Minimum Load Line Regulation Load Regulation * * * * See table None(5) 1.2%/1% Vin 10% 20-100% load change (3.3 V models 20%) 3% 75 mV pk-pk, 20 MHz BW 0.02%/C 1 s max 100 F
12 VDC
Setpoint Accuracy * Ripple & Noise * Temperature Coefficient * Short Circuit Protection * Maximum Capacitive * Load
24 VDC
Available from Farnell. See pages 204-206.
Mechanical Details
SIP Package
0.76 (19.50) 0.24 (6.00) (6) 0.40 (10.16)
DIP Package
0.80 (20.32)
General
Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency MTBF * * * * * * See table 3000 VDC minimum 109 60pF typical Variable >1.2 MHrs
0.02 (0.50)
0.37 (9.50)
0.27 (6.88)
Environmental
Operating Temperature Storage Temperature Case Temperature Cooling * * * * -40 C to +85 C -40 C to +125 C 100 C max Convection-cooled
0.12 (3.05)
0.10 (2.54)
0.12 (3.05)
-Vin
NC
0.01 (0.25)
+Vin -Vin -Vout +Vout +Vin 0V +Vout
0.30 (7.62)
0.60 (15.24)
0.01 (0.25)
0.60 (15.24)
Single Output
Single Output
-Vin NC
Notes
0.01 (0.25)
1. For dual output, delete suffix `A', and split current equally between rails. 2. For DIP package, replace `S' in part number with `D'. 3. All dimensions in inches (mm). 4. For 48 V nominal input, replace the 3rd & 4th digits of the model number with 48 e.g. IV4812SA. A 4.7-47 F capacitor is required across the input. 5. Operation at no load will not damage unit but it may not meet all specifications. 6. 48 V model dimension is 0.28 (7.20). 7. For 6000 VDC isolation, add suffix `H6'.
+Vin -Vin
-Vout 0V +Vout +Vin -Vout 0V +Vout
0.30 (7.62)
0.60 (15.24)
0.05 (1.25)
0.01 (0.25)
0.60 (15.24)
Dual Output
Dual Output
Notes: 1. Pin diameter: 0.020.002 (0.50.05) 2. Pin pitch tolerance: 0.014 (0.35) 3. Case tolerance: 0.02 (0.5)
19-Nov-08


▲Up To Search▲   

 
Price & Availability of IV0503SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X