Part Number Hot Search : 
SE090 1A156 25064 2N656 LB1663 2SA1804 150CA FLC107
Product Description
Full Text Search
 

To Download HR0805-105-NBG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH MEGOHM CHIP RESISTORS
RESISTORS CAPACITORS COILS DELAY LINES
HR SERIES
RoHS
Term.W is RoHS compliant & 260C process compatible
107
HR SERIES - Industry's Highest Value Chip Resistors!
RCD's HR Series offers excellent stability for applications requiring high ohmic values such as X-Ray equipment, photomultipliers, inoization detectors and other circuits whoc involve low signal detection or amplification. The excellent performance of the HR Series also makes them ideal as an input resistor in many high impedance voltage dividers.
Resistance Range: 1M to 1T (1012) Standard Tol: 5% up to 500M, 10/20/50% >500M Choice of terminations: lead-free, tin/lead, or gold Low cost, popular models available from stock Excellent thermal, voltage, and environmental stabilty
SPECIFICATIONS
R C D Ty p e HR0 4 0 2 HR0 5 0 3 HR0 6 0 3 HR0 8 0 5 HR1 2 0 6 HR1 2 1 0 HR2 0 1 0 HR2 5 1 2
1
Wa tta g e .0 6 3 W .0 3 W .1W .1 2 5 W .2 5 W .3 3 W .5 W 1W
Ma x . W o r k in g Vo lta g e 50V 50V 50V 150V 200V 200V 200V 250V
Te rmin a tio n Ty p e W S W W W W W W
R e s is t a n c e R a n g e 1 A .0 1 [ 2 .5 4 ] 1M - 470M 1M - 100M 1M - 10G 1M - 1T 1M - 1T 1M - 470M 1M - 470M 1M - 1G .0 2 [.5 1 ] .0 2 5 [.6 4 ] .0 3 1 [1 .3 ] .0 5 [1 .2 5 ] .0 6 2 [1 .6 ] .0 9 8 [2 .5 ] .1 0 2 [2 .6 ] .1 2 5 [3 .2 ]
D im e n s io n s B .0 1 [ 2 .5 4 ] .0 4 [1 .0 2 ] .0 5 [1 .2 7 ] .0 6 1 [1 .5 5 ] .0 7 9 [2 .0 ] .1 2 6 [3 .2 ] .1 2 6 [3 .2 ] .1 9 7 [5 .0 ] .2 5 [6 .3 5 ] H Ma x . .0 1 8 [.4 5 ] .0 2 4 [.6 ] .0 2 2 [.5 5 ] .0 2 6 [.6 6 ] .0 2 6 [.6 6 ] .0 2 6 [.6 6 ] .0 2 6 [.6 6 ] .0 2 8 [.7 ] t Ty p . .0 1 [.2 5 ] .0 1 2 [.3 ] .0 1 2 [0 .3 ] .0 1 2 [0 .3 ] .0 1 6 [0 .4 ] .0 2 [0 .5 ] .0 2 [0 .5 ] .0 2 [0 .5 ]
Consult factory for resistance values outside of the standard range
TYPICAL PERFORMANCE CHARACTERISTICS
Voltage Coef. 5V-15V* .01%/ V up to 108, .05%/ V 109, .2%/ V 1010, 1%/ V 1011, 300ppm<107, 500ppm107 - 109, 1000ppm >109-1010, 2000ppm >1010-1011, 2500ppm >1011-1012 0.5% R 1% R 0.5% R 0.5% R 0.25% R 0.5% R 1.0% R within tol. @ 50V 25C
B H t A Termination Type W: Wraparound (standard on all sizes except HR0503) A t H B Termination Type S: Single Sided (HR0503)
Temperature Coef. (25-125C) Thermal Shock (-55 to +125C) Short Time Overload (2 x Max V, 5S) Low Temp. Operation (-55C, 1 hr) High Temp. Exposure (125C, 100 hrs) Resistance to Solder Heat Moisture Resistance Load Life(1000 hrs.) DC Resistance
* VC is based on HR1206 and larger (smaller sizes have higher VC's)
DERATING CURVE
Resistors may be operated up to full rated power & voltage, with consideration of mounting layout and environmental conditions
% OF RATED POWER
P/N DESIGNATION:
HR0805
RCD Type Resis.Code: 2 digits & multiplier (105=1M, 106=10M, 107=100M, 1G0=1G, 10G=10G, 100G=100G, 1T0=1T Tolerance Code: N=50%, M=20%, K=10%, J=5% Packaging: B = Bulk, T = Tape & Reel
-
107 - J T
100 80 60 40 20 0 -55 40 50 60 70 80 90 100 110 120 AMBIENT TEMPERATURE (C) 130 140 150
Termination: W= Lead-free (Tin-plated), Q= Tin/Lead, G= Gold plated
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA103A Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
26


▲Up To Search▲   

 
Price & Availability of HR0805-105-NBG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X