Part Number Hot Search : 
P6KE300 BA782 Z1210AI AD630SE 18N20 SM3100B ZMM5227 FTR24T
Product Description
Full Text Search
 

To Download HID35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 30 WATTS SWITCHING MODE POWER SUPPLIES HID35 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES MEET UNIVERSAL SAFETY STANDARD AND INDUSTRIAL UL 508 INDUSTRIAL POWER SUPPLIES FOR SNAP-ON MOUNTING ON DIN-RAILS EMI MEET CISPR PUB. 22 & FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac. Input Connector: M-T plug connector. Input Frequency: 47-63Hz. Inrush Current: 30.6A (rms) @230Vac. Input Current: 0.51A @115Vac, 0.28A @230Vac. Dielectric Withstand: Meet IEC 60950-1. EMI: Meet CISPR EN 55022 & FCC B. No Load Operation: No damage. Hold-up Time: 18.2mS @115Vac/ 69.6mS @230Vac. Earth Leakage: Less than 0.41mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 30W continuous. Output Connector: M-T plug connector. Line Regulation: Typ. 0.1%. Load Regulation: Vary with output voltage. Typ. 0.4%. Noise & Ripple: Typ. 1% peak to peak. OVP: Built-in (Latch). Adjustability: Available at VO1. LED Indicator: Output indicating. Overload Protection (OLP): Fully protected against output overload and short circuit. Typically set at 115% max. load. Consult the factory for special OLP setting. Operating Temperature: -10 to +70C. Derating from +60 C to +70C by derating 2%/C. Storage Temperature: -25 to +85C. Temperature Coefficient: Typ. 0.03% /C. Cooling: Convection cooling for Ta < +60C. Moving air is request for Ta >+ 60C full load operation. Construction format: Enclosure metal box with DIN-clips format. MTBF Demonstrated: >380,000 hours at full load and 25C ambient conditions.
GENERAL SPECIFICATION
Efficiency: Typ. 76%. Switching Frequency: Fixed freq. 56K Hz. Circuit Topology: Fixed frequency flyback circuit. Transient Response: Peak transient typ. 150mV, recovers in 50.6mS following a 50% load change. Safety Standard: IEC 60950-1/UL 60950-1 Class I. Power Density: 1.4 Watt/ Cubic Inch. Industrial Grade UL 508.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
In application
-27-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HID35-S050060 HID35-S120030 HID35-S240012 HID35-S480008 MAIN VO1 @ Typ. 6.0A 3.0A 1.2A 0.8A Volt. 5.0V 12.0V 24.0V 48.0V Peak 6.0A 3.0A 1.4A 0.9A
Symbol: "@"Adjustable. " " OVP built-in . Remark: Peak load less than 60 sec. with duty cycle <10%.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 370.0g(13.04 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
ASSIGNMENT CNTR & PIN # AC-LINE P1-3(L) AC INPUT AC-NEUTRAL P1-2(N) AC-GROUND P1-1(G) SINGLE OUTPUT VO1 DC COM P2-1 P2-2
-28-


▲Up To Search▲   

 
Price & Availability of HID35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X