Part Number Hot Search : 
DTB114T 001SMB BR204 200N3C25 08783 48M05F LR8K4 XFATM
Product Description
Full Text Search
 

To Download HES22-240100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES HES22 SERIES
FEATURES:
UNIVERSAL AC SOURCES DESKTOP IEC320 AC RECEPTACLE MEDICAL STANDARDS EN60601-1/ UL2601-1 EMI MEET EN55011 / FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical. Input Connector: IEC320-3P DT7 AC receptacle. Input Frequency: 47-63Hz. Inrush Current: 30A @ 230Vac &15A @ 110Vac typical. Input Current: 0.60A @ 115Vac typical. 0.30A @ 230Vac typical. Dielectric Withstand: Meet IEC60601-1. EMI: Meet EN 55011 & FCC CLASS B. Hold-up Time: 16mS @115Vac typical. 64mS @230Vac typical. Earth Leakage: Less than 0.1 mA @264Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: 22-24Watts typical. Output Connector & Cord: Optional. Line Regulation: 0.1% typical. Load Regulation: 1.5-3.0 % typical. Noise & Ripple: 1.0% typical peak to peak. OVP: Built-in, by latched circuit. Adjustability: Factory set. Overload Protection (OLP): Fully protected against output overload and short circuit. OLP set at about 125-150% rating output wattage. Consult the factory for OLP setting. Operating Temperature: 0 to +25/35/40C without derating. (various with output voltage) Storage Temperature: -20 to +85C. Temperature Coefficient: 0.04% /C typical. Cooling: Free air convection. Construction: Impact resistant thermo- plastic enclosure case SE100 94V.0 Nylon. Desktop construction format.
GENERAL SPECIFICATION
Efficiency: 80% typical. Switching Frequency: 75K Hz typical. Circuit Topology: Fixed Frequency Flyback circuit. Transient Response: Output voltage returns in less than 3mS following a 50% load change. Safety Standard: Meet Medical standards EN 60601-1/ UL 2601-1 Class I. Power Density: 1.75Watts / Cubic inch.
NOTE: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load(%). (3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires. (4) Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory.
-1-
MODEL NO. DESCRIPTION: HES22 - X X X Y Y Y
OUTPUT CURRENT OUTPUT VOLTAGE SERIES NAME (HiTRON External Switcher) : About 22W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HES22-033400 HES22-050400 HES22-075300 HES22-090250 HES22-120200 HES22-150160 HES22-210115 HES22-240100 HES22-300080 AC PLUG DT7 DT7 DT7 DT7 DT7 DT7 DT7 DT7 DT7 O/P VOLTAGE 3.3Vdc 5.0Vdc 7.5Vdc 9.0Vdc 12.0Vdc 15.0Vdc 21.0Vdc 24.0Vdc 30.0Vdc O/P CURRENT 4.00A 4.00A 3.00A 2.50A 2.00A 1.60A 1.15A 1.00A 0.80A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 206.0g (6.23 Oz.).
-2-


▲Up To Search▲   

 
Price & Availability of HES22-240100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X