Part Number Hot Search : 
MAX8712 UPG2179T AP9487GM 10001 AM447 RGP10DE 2SC51 MBR1535
Product Description
Full Text Search
 

To Download HER151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
HER151 THRU HER158
HIGH EFFICIENCY PLASTIC RECTIFIER
VOLTAGE50-1000V CURRENT1.5A
FEATURES
*Low power loss, high efficiency *Low leakage *Low forward voltage *High current capability *High speed switching *High surge capability *High reliability
DO-15
1.0(25.4) MIN. .300(7.6) .230(5.8) 1.0(25.4) MIN.
.034(0.9) .028(0.7)
DIA.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 0.38 grams
.140(3.6) .104(2.6)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. HER HER SYMBOL 151 152 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current at TA=50C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 1.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA=25C VRRM VRMS VDC Io IFSM VF 1.0 50 35 50 100 70 100
HER 153 200 140 200
HER 154 300 210 300
HER 155 400 280 400
HER 156 600 420 600
HER 157 800 560 800
HER units 158 1000 700 1000 V V V A A
1.5 50 1.3 5.0 1.7
V
Maximum Full Load Reverse Current Full Cycle Average,.375"(9.5mm) lead length at TL=55C trr Maximum Reverse Recovery Time (Note 1) CJ Typical Junction Capacitance (Note 2) Notes: 1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0 volts
IR
A 100 50 30 75 20 nS pF
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of HER151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X