Part Number Hot Search : 
SBT603G TDA79 D222RW PS241 ZT751 RB751 PMN40LN AA541
Product Description
Full Text Search
 

To Download HER151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER151 THRU HER158
1.5 AMPS. HIGH EFFICIENT RECTIFIERS
Voltage Range 50 to 1000 Volts Current 1.5 Amperes
Features
*Low forward voltage drop *High current capability *High reliability *High surge current capability
DO-15
Mechanical Data
*Cases:Molded plastic DO-15 *Epoxy:UL 94V-O rate flame retardant *Lead:Axial leads,solderable per MIL-
.140(3.6) .104(2.6) DIA.
1.0(25.4) MIN.
STD-202,Method 208 guaranteed
*Polarity:Color band denotes cathode end *High temperature soldering guaranteed:
.300(7.6) .230(5.8)
2500C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension *Mounting position:Any *Weight:0.40 gram
1.0(25.4) MIN. .034(.9) .028(.7) DIA. Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
o
Type Number
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified o Current .375"(9.5mm) Lead Length @TA = 55 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) Maximum Instantaneous Forward Voltage @1.5A Maximun DC Reverse Current @ at Rated DC Blocking Voltage @ TA = 25 C o TA = 100 C
o
HER151 HER152 HER153 HER154 HER155 HER156 HER157 HER158 UNITS VRRM VRMS VDC IF(AV) IFSM VF IR TRR CJ TJ TSTG 50 50 -55 to+125 -55 to+150 1.0 50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 1.5 600 420 600 800 560 800 1000 700 1000 V V V A A 1.7 V uA uA 75 30 nS pF
o o
50 1.3 5.0 100
Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage Temperature Range
C C
NOTES: 1.Reverse Recovery Test Conditions: IF=0.5A,IR=1.0A,IRR=0.25A 2.Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
RATING AND CHARACTERISTIC CURVES HER151 THRU HER158
FIG.1- REVERSE RECOVER TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50* NONINDUCTIVE 10* NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) 1* NON INDUCTIVE PULSE GENERATOR (NOTE 2) OSCILLOSCOPE (NOTE1) (+) 0 -0.25A
FIG.2-MAXIMUM AVERAGE FORWARD CURRENT DERATING
AVERAGE FORWARD CURRENT. (A) trr 2.0 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
1.0
NOTES:1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
0 0 25 50 75 100 125 150 175
0
AMBIENT TEMPERATURE.( C)
FIG.3-TYPICAL REVERSE CHARACTERISTICS 1000 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT. ( A)
INSTANTANEOUS FORWARD CURRENT.(A)
10
Tj=25 0C
0.1
1.0
0.01
0.1 0 20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
0.001
.2 .4 .6 .8 1.0 1.2 1.4
FORWARD VOLTAGE.(V)
FIG.5-MAXIMUM NON-REPETITIVE SURGE CURRENT 80
PEAK FORWARD SURGE CYRRENT.(A) JUNCTION CAPACITANCE.(pF)
FIG.6-TYPICAL JUNCTION CHARACTERISTICS 175 150 125 100 75 50 25 0 .1 .5 1 2 5 10 20 50 100 200 500 800
REVERSE VOLTAGE.(V)
60 50 40 30 20 10 0
8.3ms Single Half Sine Wave JEDEC Method
HER 151 ~HE R15 HE 5 R15 6~H ER 158
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
HE R1 55 HE R1 56 ~H ER 1
HE R1 51
58
100
Tj=100 0C
1.0
~H ER 154


▲Up To Search▲   

 
Price & Availability of HER151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X