|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HE125XX50 1EXTERNAL DIMENSION AND DISPLAY PATTERN 128 X 64 Dots 2MECHANICAL DATA ITEM Module Size (WxHxT) Viewing Area (WxH) Number of Dots (WxH) Dot Pitch (WxH) Dot Size (WxH)) 3ELECTRICAL CHARACTERISTICS (Ta=25) UNIT mm mm dots mm mm SPECIFICATION 70.0x43.0x6.0 59.0x30.5 128x64 0.43x0.43 0.39x0.39 ITEM Supply Voltage (Logic) Supply Current (Logic) "HIGH" Input Voltage "LOW" "HIGH" Output Voltage "LOW" LCD Operating Voltage SYMBOL CONDITION VDD - VSS IDD VIH VIL VOH VOL VDD - Vo VDD=5V -IOH=0.205mA IOL=1.6mA VDD=5V, Ta=25 SPEC. VALUE MIN. TYP. MAX. UNIT V uA V V V V V 2.7 0.8VDD VSS 0.8VDD VSS - 3.0 120 9.0 3.3 180 VDD 0.2VDD VDD 0.2VDD - 4PIN CONFIGURATION PIN 1 2 3 4 5 6 7 8 9 10 SYMBOL NC V0 V4 V3 V2 V1 C2C2+ C1+ C1- SIGNAL DESCRIPTION No Connection LCD Driver Supply Voltage LCD Driver Supply Voltage LCD Driver Supply Voltage LCD Driver Supply Voltage LCD Driver Supply Voltage Cap. 2 Negative Connection Pin for Voltage Converter Cap. 2 Positive Connection Pin for Voltage Converter Cap. 1 Positive Connection Pin for Voltage Converter Cap. 1 Negative Connection Pin for Voltage Converter PIN 11 12 13 14 15 16 17 18 19 20 SYMBOL C3+ Vout VSS VDD SI SCL RS /RES /CS NC SIGNAL DESCRIPTION Cap. 3 Positive Connection Pin for Voltage Converter Voltage Converter Input/Output Pin GND (0V) Power Supply Serial Input Data Serial Input Clock Register Select Input Pin Reset Signal Chip Select Signal No Connection 5BLOCK DIAGRAM 6BACKLIGHTING CHARACTERISTICS (Ta=25) LED ITEM Supply Voltage Power Consumption Luminous SYMBOL VLED PLED IV CONDITION IF = 60 mA IF = 60 mA MIN TYP 0.27 50 MAX UNIT V W cd/m2 |
Price & Availability of HE125XX50 |