Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download HDH40-24D-D120I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
ON-BOARD DC-DC CONVERTER BASE PLATE POWER MODULE INDUSTRIAL GRADE 40 WATTS SINGLE & MULTIPLE OUTPUT HDH40-24D OR 48D-S, D, T SERIES
FEATURES:
SINGLE, DUAL & TRIPLE OUTPUT 4:1 ULTRA-WIDE INPUT VOLTAGE 1,500VDC ISOLATION HEATSINK MOUNT FORMAT INDUSTRIAL STANDARD PIN-OUT UNDER-VOLTAGE LOCKOUT
SPECIFICATION
INPUT SPECIFICATION
Input Range/Voltage: Ultra-wide 4:1 Range.9-36Vdc for 24Vdc nominal input. Range 18-72Vdc for 48Vdc nominal input. Input Current: Various with input range & load. See Ratings Chart. Input Fuse: Use external fuse. Input Filter: Pi-Network. Undervoltage Drop Out: 12Vdc typical. Isolation Resistor: 1,000 Mega Ohms. Isolation Voltage: 1,500Vdc for input to output. 1,500Vdc for input to case and output to case. Shielding: Five-sided. Remote On/Off: TTL/CMOS-Compatible input control. Positive Logic version for Standard set up: ON(Enable)=Open(or 2.5-5.0Vdc above-Vin) OFF(Disable)=Short(or 0-0.8Vdc above-Vin) Negative Logic version option available by adding a "N" suffix to the end of Model #.
Remark: [Voltage refer to -Input (-Vin)]
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Voltage Accuracy: Typ. main O/P 1.0%,Aux. O/P 2.0%. Line Regulation: Various with input & output voltage. 0.5% typical. Load Regulation: Various with output voltages Single O/P: VO11.0% typical. Dual O/P: VO1 1.0% & VO2 2.0% typical. Triple O/P: VO1 & VO3 2.0%, VO2 5.0% typical. Noise & Ripple: 100mV for 3.3V/5.0V & 1.0% typical for others output peak to peak. OVP: Built-in on main output. Adjustability: VO1 O/P may optionally be external trimmed 3.0% with a fixed resistors or trim-pot. Overload Protection (OLP): Fully protected against overload and short circuit. OLP set at about 125-150% max. load. Consult factory for special OLP setting. Operating Temperature: -40 to +100C. (Base plate). Power derating details, please refer to the Derating Chart. Storage Temperature: -55 to +125C. Temperature Coefficient: 0.02%/C. Cooling: At least 100LFM moving air is recommended for full load > +25C room temperature in a confined area. Air flow vs. Power derating details, please refer to the Derating Chart. Industrial Grade only.
GENERAL SPECIFICATION
Efficiency: 75-79% typical, various with input & output voltages. Switching Frequency: Fixed frequency 250K Hz. Circuit Topology: Forward Circuit. Transient Response: Peak deviation 200mV, Recovery time <3mSec. @ 25% step load change. Case: Aluminum base plate. Power Density: 7.5 Watts / Cubic inch. MTBF: 1,000,000 hours, Mil.Std.271, 25C.
NOTE: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Line Regulation measured from High to Low Lines at full load. (3) Load Regulation measured from Full-Load (F-L) to Half-Load(H-L)at nominal input. (4) Correct fuse size by calculating the max. DC current drain at low Line input & adding 20-25% for desired fuse size. Due to requests in market and advances in technology, specifications subject to change without notice.
-33-
INPUT/OUTPUT & VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HDH40-24D-S033076 HDH40-24D-S050080 HDH40-24D-S120034 HDH40-24D-S150027 HDH40-24D-S180023 HDH40-48D-S033076 HDH40-48D-S050080 HDH40-48D-S120034 HDH40-48D-S150027 HDH40-48D-S180023 INPUT Vdc Range Nom. 9-36Vdc 24Vdc 9-36Vdc 24Vdc 9-36Vdc 24Vdc 9-36Vdc 24Vdc 9-36Vdc 24Vdc 18-72Vdc 48Vdc 18-72Vdc 48Vdc 18-72Vdc 48Vdc 18-72Vdc 48Vdc 18-72Vdc 48Vdc VO1 TYP. 7.6A 8.0A 3.4A 2.7A 2.3A 7.6A 8.0A 3.4A 2.7A 2.3A
@#
VOLT. 3.3V 5.0V 12.0V 15.0V 18.0V 3.3V 5.0V 12.0V 15.0V 18.0V
DUAL OUTPUT
MODEL NO. HDH40-24D-D120I HDH40-24D-D150K HDH40-48D-D120I HDH40-48D-D150K INPUT Vdc Range Nom. 9-36Vdc 24Vdc 9-36Vdc 24Vdc 18-72Vdc 48Vdc 18-72Vdc 48Vdc MAIN VO1 @ TYP. VOLT. 1.67A +12.0V 1.35A +15.0V 1.67A +12.0V 1.35A +15.0V AUX. VO2 TYP. VOLT. 1.67A -12.0V 1.35A -15.0V 1.67A -12.0V 1.35A -15.0V
TRIPLE OUTPUT
MODEL NO. HDH40-24D-T050II HDH40-24D-T050KK HDH40-48D-T050II HDH40-48D-T050KK
Symbols: "" OVP built-in.
INPUT Vdc Range Nom. 9-36Vdc 24Vdc 9-36Vdc 24Vdc 18-72Vdc 48Vdc 18-72Vdc 48Vdc
"@" Adjustable.
MAIN VO1 @ TYP. VOLT. 4.0A 5.0V 4.0A 5.0V 4.0A 5.0V 4.0A 5.0V
AUX. VO2 TYP. VOLT. 0.84A +12.0V 0.67A +15.0V 0.84A +12.0V 0.67A +15.0V
AUX. VO3 TYP. VOLT. 0.84A -12.0V 0.67A -15.0V 0.84A -12.0V 0.67A -15.0V
"#" Remote sensing.
MECHANICAL DIMENSIONS: MM [INCHES]
PIN NO. PIN# 1. PIN# 2. PIN# 3. PIN# 4. PIN# 5. PIN# 6. PIN# 7. PIN# 8. PIN# 9. PIN# 10. SINGLE REMOTE ON/OFF CASE +Vin -Vin No Pin DC COM DC COM +VO1 +VO1 Trim
WEIGHT: 145.8g (5.13 Oz.)
DUAL REMOTE ON/OFF CASE +Vin -Vin No Pin N/C -VO2 DC COM +VO1 Trim TRIPLE REMOTE ON/OFF CASE +Vin -Vin No Pin -VO3 +VO2 DC COM +VO1 TRIM
PIN ASSIGNMENT
DERATING CHART
-34-


▲Up To Search▲   

 
Price & Availability of HDH40-24D-D120I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X