Part Number Hot Search : 
5KP28 AP1186T5 LA5006M MAX9718A AD7887BR LN518YK AM2809 ACS280K
Product Description
Full Text Search
 

To Download HDBS101G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDB(S)101G - HDB(S)107G
1.0 AMP. Glass Passivated Bridge High Efficient Rectifiers DB
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique High temperature soldering guaranteed: 260oC / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension Small size, simple installation Leads solderable per MIL-STD-202, Method 208 High surge current capability
DBS
.047(1.20) .040(1.02) .205(5.2) .195(5.0)
.404(10.3) .386(9.80) .335(8.51) .320(8.13) 45 0 .255(6.5) .245(6.2)
.013(0.33) .0088(0.22)
.130(3.30) .120(3.05)
.060(1.53) .040(1.02)
.013(0.33) .003(0.076)
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Maximum Ratings and Electrical Characteristics o
Type Number
Symbol 101G 102G 103G 104G 105G 106G 107G Units
HDBS HDBS HDBS HDBS HDBS HDBS HDBS 101G 102G 103G 104G 105G 106G 107G
HDB
HDB
HDB
HDB
HDB
HDB
HDB
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current o @TA = 40 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25 oC at Rated DC Blocking Voltage @ TA=125 oC Maximum Reverse Recovery Time ( Note 2 ) Typical Thermal Resistance ( Note 3 ) Operating Temperature Range
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 70 100
200 140 200
400 280 400 1.0 50
600 420 600
800 560 800
1000 700 1000
V V V A A
1.0
1.3 5.0 500 50 40 15 -55 to +150 -55 to +150
1.7
V uA uA nS
o
Trr
RJA RJL
TJ
75
C/W
o o
Storage Temperature Range TSTG 1. DBS for Surface Mount Package. Notes: 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A. 3. Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B. with 0.2" x 0.2"" (5 x 5mm) Copper Pads
C C
Version: A06
RATINGS AND CHARACTERISTIC CURVES (HDB(S)101G THRU HDB(S)107G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
1.0 .06" (1.5mm) PCB Copper Pauls .51" x .51" (13mm x 13mm)
FIG.2- TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT. (A)
B10 1G~
HD
1
B10 4G
HD B1 0
Tj=25 0C
0.5
HD
5G
20
40
100 80 60 120 o AMBIENT TEMPERATURE. ( C)
140 150
0.01
PEAK FORWARD SURGE CURRENT. (A)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
70 60 50 40 30 20 10 0 1 2 5 10 20 NUMBER OF CYCLES AT 60Hz 50 100 8.3ms Single Half Sine Wave JEDEC Method
0.001 0.2
0.4
0.6
0.8
1.0
HD
0
B1
60Hz RESISTIVE OR INDUCTIVE LOAD
1.2
06
1.4
0.1
G~ H
DB
10
1.6 FORWARD VOLTAGE. (V) 1000 100 Tj=125 0C 10 1 Tj=25 0C 0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) trr 0 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.5- TYPICAL REVERSE CHARACTERISTICS
FIG.4- TYPICAL JUNCTION CAPACITANCE
70
JUNCTION CAPACITANCE.(pF)
60 50 40 30 20 10 0 0.1 0.5
HD B10 1G~
Tj=25 0C
HD
B10 5
G
HDB
106
G~H
DB1
07G
2 5 10 20 50 100 200 500 800
1
REVERSE VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+)
-0.25A
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A
INSTANTANEOUS REVERSE CURRENT. (mA)
Version: A06
7G


▲Up To Search▲   

 
Price & Availability of HDBS101G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X