Part Number Hot Search : 
SG237 07500 CJ303NL 6FL5S02 W30N60 W30N60 MC10113 KRC407
Product Description
Full Text Search
 

To Download GUYX5D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
GUYX5D
www.SunLED.com
BAR GRAPH 5 SEGMENT
PRELIMINARY SPEC Features
SUITABLE FOR LEVEL INDICATORS. LOW CURRENT OPERATION. EXCELLENT ON/OFF CONTRAST. END STACKABLE. MECHANICALLY RUGGED. DIFFERENT COLORS IN ONE UNIT AVAILABLE. STANDARD: GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UY (GaAsP/GaP) 5 30 140 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
UY Unit (GaAsP/GaP) 1.95 2.5 10 V V uA
P
590
nm
D
588
nm
35
nm
260C For 3~5 Seconds
C
20
pF
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 6105
Wavelength nm P
Description
GUYX5D
Yellow
GaAsP/GaP
1200
590
5 Segments Bargraph-Display
Published Date : MAR 13,2008
Drawing No : SDSA6509
V1
Checked : Shin Chi
P.1/4
Part Number:
GUYX5D
www.SunLED.com
BAR GRAPH 5 SEGMENT
UY
Published Date : MAR 13,2008
Drawing No : SDSA6509
V1
Checked : Shin Chi
P.2/4
Part Number:
GUYX5D
www.SunLED.com
BAR GRAPH 5 SEGMENT
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 13,2008
Drawing No : SDSA6509
V1
Checked : Shin Chi
P.3/4
Part Number:
GUYX5D
www.SunLED.com
BAR GRAPH 5 SEGMENT
PACKING & LABEL SPECIFICATIONS
GUYX5D
Published Date : MAR 13,2008
Drawing No : SDSA6509
V1
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of GUYX5D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X