Part Number Hot Search : 
M9512807 TLWY8600 D1719G CA102 ZMY100G CA102 2SB1025 ISL29002
Product Description
Full Text Search
 

To Download GPL12880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Powered by
GPL 12880 is a general purpose battery up to 10 years in standby service or more than 260 cycles at 100% discharge in cycle service . As with all CSB batteries, all are rechargeable , highly efficient , leak proof and maintenance free.
GPL 12880
12V 88Ah
Specification
Cells Per Unit Voltage Per Unit Capacity Weight Maximum Discharge Current Internal Resistance Operating Temperature Range 6 12 88 Ah @ 20hr-rate to 1.75V per cell @25 Approx. 29.7 kg(65.48 lbs) 800A(5sec) Approx. 4.5 m
Discharge: -15 ~50 ( 5 ~122 ) Charge: -15 ~40 ( 5 ~104 ) Storage: -15 ~40 ( 5 ~104 ) 3 (77 5) 25 13.5 to 13.8 VDC/unit Average at 25 (77 26.4A
(77
)
Nominal Operating Temperature Range Float Charging Voltage Recommended Maximum Charging Current Limit Equalization and Cycle Service Self Discharge
)
14.4 to 15.0 VDC/unit Average at 25 (77 ) CSB Batteries can be stored for more than 6 months at 25 (77 ) . Please charge batteries before using . For higher temperatures the time interval will be shorter.
I2-Thread lead alloy recessed terminal to accept M6 bolt Polypropylene(UL 94-V0/File E50955)*Flammability resistance of (UL 94-HB/File E216959) can be available upon request.
CSB-manufactured VRLA batteries are ULrecognized components under UL924 and UL1989. CSB is also certified by ISO 9001 and ISO 14001.
Terminal Container Material
Dimensions :
Unit: mm (inch)
Overall Height (H) 214.32.5 (8.440.1)
Container height (h) 211.32.5 (8.320.1)
Length (L) 308.72.5 (12.150.1)
Width (W) 1692 (6.650.08)
Constant Current Discharge Characteristics
Unit:A (25
,77
)
F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.85V
5MIN 349 321 311 274 246 215
10MIN 232 225 219 199 186 170
15MIN 175 171 169 163 154 138
30MIN 103 102 101 99.0 96.1 90.3
1HR 62.8 62.4 61.4 60.3 58.8 55.8
2HR 36.3 36.0 35.7 35.1 34.6 32.9
3HR 25.6 25.5 25.2 25.1 24.6 23.8
4HR 20.3 20.2 20.1 19.9 19.7 18.8
5HR 17.0 16.9 16.8 16.6 16.2 15.8
8HR 11.2 11.0 11.0 10.9 10.8 10.4
,77
10HR 9.21 9.13 9.11 8.96 8.86 8.52
)
20HR 4.88 4.85 4.83 4.74 4.67 4.49
Constant Power Discharge Characteristics
Unit:W (25
F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.85V
5MIN 3,535 3,307 3,202 2,995 2,782 2,434
10MIN 2,496 2,417 2,373 2,261 2,129 1,955
15MIN 1,941 1,919 1,888 1,828 1,734 1,581
30MIN 1,177 1,169 1,166 1,145 1,113 1,061
1HR 720 719 716 707 694 671
2HR 434 428 426 424 418 400
3HR 306 306 304 301 298 287
4HR 243 242 240 238 236 229
5HR 203 202 201 200 198 190
8HR 136 135 134 132 130 125
10HR 110 109 109 108 107 103
20HR 58.3 57.9 57.8 57.5 57.1 55.3
RA: 0812
GPL12880
12V 88Ah
140 120 100 80 60 40 20
0.20 0.17 0.14 0.11 0.08 0.05 0.02
2.60 2.40 2.20 2.00 1.80 1.60 13.65V 1.40 (2.275V/Cell)
)Ratio
0
4
8
12
16
20
24
140 120 100 80 60 40 20
0.20 0.17 0.14 0.11 0.08 0.05 0.02
2.60 2.40 2.20 2.00 1.80 1.60 1.40
)Ratio
68
0
4
8
12
16
20
24
Application Cycle Use Standby
Charge Voltage(V/Cell) Temperature 25 (77 ) 25 (77 ) Set Point 2.45 2.275 Allowable Range 2.40~2.50 2.25~2.30
Max.Charge Current 0.3C
Final Discharge Voltage V/Cell Discharge Current(A)
1.75 0.2C>(A)
1.70 0.2C<(A)<0.5C
1.60 0.5C<(A)<1.0C
1.30 (A)>1.0C
GLOBAL HQ CSB BATTERY CO., LTD. (TAIWAN) Tel : +886-2-2555-5600 Fax : +886-2-2555-3300 mail : service@csb-battery.com.tw BEIJING OFFICE. (CHINA) CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD. Tel : +86-10-59621300/1301/1302/1303 Fax : +86-10-59621304 mail : chinasls@csb-battery.com
AMERICA HQ CSB BATTERY TECHNOLOGIES INC. (U.S.A) Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872) Fax : +1-817-244-4445 mail : csb@csb-battery.com SHANGHAI OFFICE. (CHINA) CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD. Tel : +86-21-5046-1622/5046-0833 Fax : +86-21-5064-3314 mail : chinasls@csb-battery.com
EUROPE HQ CSB Battery Europe BV. Tel : +31(0)-180-418-140 Fax : +886-2-2555-3300 mail : eurosales@csb-battery.eu SHENZHEN OFFICE.( CHINA ) CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD. Tel : +86-755-8831-6488/6396/6356 Fax : +86-755-8831-6548 mail : she@csb-battery.com.cn


▲Up To Search▲   

 
Price & Availability of GPL12880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X