Part Number Hot Search : 
0RFEN 0RFEN GSYBA BD241C W6811ISG LVC245A 0RFEN 810A505
Product Description
Full Text Search
 

To Download FTM-3128C-SL15EG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Apr 05, 2007
155M2.67Gbps Spring-latch SFP Transceiver
(With monitoring function, industrial or extended case temperature for 2~80km transmission, RoHS compliant)
Members of FlexonTM Family
Compatible with Telcordia GR-253-CORE Compatible with FCC 47 CFR Part 15, Class B Compatible with FDA 21 CFR 1040.10 and 1040.11, Class I RoHS compliant
Description
Fiberxon 155M2.67Gbps Spring-latch i-temp or
Features
Support 155M2.67Gbps multi-rate data links 1310nm FP laser and PIN photodiode for 2km transmission 1310nm 1310nm 1550nm uncooled uncooled uncooled DFB DFB DFB laser laser laser and and and PIN APD APD photodiode for 15km transmission photodiode for 40km transmission photodiode for 80km transmission Digital diagnostic monitor interface compliant with SFF-8472 SFP MSA package with duplex LC connector With Spring latch for high density application Class I laser product Hot-pluggable capability Operating case temperature: Extended: -5 to +85 or -20 to +85 Industrial : -40 to +85
E-temp SFP transceiver is high performance, cost effective module that supports data-rate up to 2.67Gbps and transmission distance from 2km to 80km. The transceiver consists of two sections: The transmitter section incorporates a FP or uncooled DFB laser, and the receiver section consists of a PIN photodiode or APD integrated with a trans-impedance preamplifier (TIA). All modules satisfy class I laser safety requirements. The optical output can be disabled by a TTL logic high-level input of Tx Disable. Tx Fault is provided to indicate degradation of the laser. Loss of signal (LOS) output is provided to indicate the loss of an input optical signal of receiver. The transceiver provides an enhanced monitoring interface, which allows real time access to the transceiver transceiver operating temperature, parameters laser bias such as current,
Applications
1x/2x Fiber Channel Gigabit Ethernet SDH/SONET/ATM Other optical links
transmitted optical power, received optical power and transceiver supply voltage by reading a built-in memory with I2C interface. For further information, please refer to SFF-8472 Rev 9.5. Fiberxon 155M2.67Gbps i-temp or E-temp SFP transceiver is compliant with RoHS
Standard
Compatible with SFP MSA Compatible with SFF-8472 Rev 9.5 Compatible with ITU-T G.957 and G.958
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 1 of 13
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant Preliminary Datasheet April. 05, 2007
Regulatory Compliance
The transceivers have been tested according to American and European product safety and electromagnetic compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to FlexonTM regulatory specification and safety guidelines, or contact Fiberxon, Inc. America sales office listed at the end of the documentation. Table 1 - Regulatory Compliance Feature Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to the Duplex LC Receptacle Electromagnetic Interference (EMI) Immunity Laser Eye Safety Component Recognition RoHS Note: In light of item 5 in Annex of 2002/95/EC, "Pb in the glass of cathode ray tubes, electronic components and fluorescent tubes." and item 13 in Annex of 2005/747/EC , " Lead and cadmium in optical and filter glass." ,the two exemptions are being concerned for Fiberxon's transceivers, because Fiberxon's transceivers use glass, which may contain Pb, for components such as lenses, windows, isolators, and other electronic components. Standard MIL-STD-883E Method 3015.7 IEC 61000-4-2 GR-1089-CORE FCC Part 15 Class B EN55022 Class B (CISPR 22B) VCCI Class B IEC 61000-4-3 FDA 21CFR 1040.10 and 1040.11 EN60950, EN (IEC) 60825-1,2 UL and CSA 2002/95/EC 4.1&4.2 2005/747/EC Compatible with standards Compatible with Class 1 laser product. Compatible with standards Compliant with standards note Compatible with standards Performance Class 2(>2000 V) Compatible with standards
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the devices may occur. Table 2 - Absolute Maximum Ratings Parameter Storage Temperature Supply Voltage Operating Humidity FTM-3128C-SL2E(i)G Input Optical Power FTM-3128C-SL15E(i)G FTM-3128C-SL40iG FTM-5128C-SL80EG Pmax Symbol TS VCC Min. -40 -0.5 5 Max. +85 3.6 95 +3 +3 -3 -3 dBm Unit C V %
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 2 of 13
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant Preliminary Datasheet April. 05, 2007
Recommended Operating Conditions
Table 3 - Recommended Operating Conditions Parameter Operating Temperature Case Extended Industrial Symbol Tc VCC ICC 155 2488 Min. -5/-20 -40 3.13 Typical Max. +85 +85 3.47 300 2670 Unit C V mA Mbps
Power Supply Voltage Power Supply Current Data Rate
Optical and Electrical Characteristics
All parameters are specified at overall operating case temperature and power supply range, and with a PRBS 223-1 test pattern @2.488Gbps unless otherwise stated.
FTM-3128C-SL2E(i)G
(1310nm FP and PIN, I-16/OC48 SR, Monitoring function)
Table 4 -Optical and Electrical Characteristics Parameter Centre Wavelength Spectral Width (RMS) Average Output Power Extinction Ration P0ut@TX Disable Asserted Jitter Generation (RMS) Jitter Generation (pk-pk) Output Optical Eye Data Input Differential Swing Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal C VIN ZIN 2.0 0 2.0 0 Receiver Centre Wavelength Receiver Sensitivity Receiver Overload Reflection LOS De-Assert LOS Assert LOS Hysteresis Data Output Differential Swing VOUT LOSD LOSA -35 0.5 400 4.5 1200 -3 -27 -20 1260 1580 -18 nm dBm dBm dB dBm dBm dB mV
Page 3 of 13
Symbol C P0ut EX
Min. Transmitter 1266
Typical
Max. 1360
Unit nm nm dBm dB dBm UI UI
Notes
2 -10 8.2
4 -3 -45 0.01 0.1
1
ITU-T G.957 compatible 500 100 Vcc+0.3 0.8 Vcc+0.3 0.8 2400 mV V V V V
2 3
4
5
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant High Low 2.0 0 Preliminary Datasheet Vcc+0.3 0.8 April. 05, 2007 V V
LOS Notes:
1. The optical power is launched into 9/125 SMF. 2. Measured with a PRBS 223-1 test pattern @2.488Gbps. 3. Internally AC-coupled and terminated to 100 differential load. 4. Measured with a PRBS 223-1 test pattern, BER better than or equal to 1x10-10 5. AC-coupled CML logic family
FTM-3128C-SL15E(i)G
(1310nm DFB and PIN, S-16.1/OC48 IR-1, Monitoring function)
Table 5 -Optical and Electrical Characteristics Parameter Centre Wavelength Spectral Width (-20dB) Average Output Power Side Mode Suppression Ratio Extinction Ration P0ut@TX Disable Asserted Jitter Generation (RMS) Jitter Generation (pk-pk) Output Optical Eye Data Input Differential Swing Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal C VIN ZIN 2.0 0 2.0 0 Receiver Centre Wavelength Receiver Sensitivity Receiver Overload Reflection LOS De-Assert LOS Assert LOS Hysteresis Data Output Differential Swing LOS High Low VOUT LOSD LOSA -35 0.5 400 2.0 0 4.5 1200 Vcc+0.3 0.8 0 -27 -20 1260 1580 -18 nm dBm dBm dB dBm dBm dB mV V V 5 4 ITU-T G.957 compatible 500 100 Vcc+0.3 0.8 Vcc+0.3 0.8 2400 mV V V V V Symbol C P0ut SMSR EX -5 30 8.2 -45 0.01 0.1 Min. Transmitter 1260 1360 1 0 nm nm dBm dB dB dBm UI UI 2 3 1 Typical Max. Unit Notes
Notes: 1. The optical power is launched into 9/125 SMF. 2. Measured with a PRBS 223-1 test pattern @2.488Gbps.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 4 of 13
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant Preliminary Datasheet April. 05, 2007
3. Internally AC-coupled and terminated to 100 differential load. 4. Measured with a PRBS 223-1 test pattern, BER better than or equal to 1x10-10 5. AC-coupled CML logic family
FTM-3128C-SL40iG
(1310nm DFB and APD, L-16.1/OC48 LR-1, Monitoring function)
Table 6 -Optical and Electrical Characteristics Parameter Centre Wavelength Spectral Width (-20dB) Average Output Power Side Mode Suppression Ratio Extinction Ration P0ut@TX Disable Asserted Jitter Generation (RMS) Jitter Generation (pk-pk) Output Optical Eye Data Input Differential Swing Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal C VIN ZIN 2.0 0 2.0 0 Receiver Centre Wavelength Receiver Sensitivity Receiver Overload Reflection LOS De-Assert LOS Assert LOS Hysteresis Data Output Differential Swing LOS Notes: 1. The optical power is launched into 9/125 SMF. 2. Measured with a PRBS 223-1 test pattern @2.488Gbps. 3. Internally AC-coupled and terminated to 100 differential load. 4. Measured with a PRBS 223-1 test pattern, BER better than or equal to 1x10-10 5. AC-coupled CML logic family High Low VOUT LOSD LOSA -45 0.5 400 2.0 0 4.5 1200 Vcc+0.3 0.8 -9 -27 -29 1260 1580 -27 nm dBm dBm dB dBm dBm dB mV V V 5 4 ITU-T G.957 compatible 500 100 Vcc+0.3 0.8 Vcc+0.3 0.8 2400 mV V V V V Symbol C P0ut SMSR EX -2 30 8.2 -45 0.01 0.1 Min. Transmitter 1280 1335 1 +3 nm nm dBm dB dB dBm UI UI 2 3 1 Typical Max. Unit Notes
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 5 of 13
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant Preliminary Datasheet April. 05, 2007
FTM-5128C-SL80EG (1550nm DFB and APD, L-16.2/OC48 LR-2, Monitoring function)
Table 7 -Optical and Electrical Characteristics Parameter Centre Wavelength Spectral Width (-20dB) Average Output Power Side Mode Suppression Ratio Extinction Ration P0ut@TX Disable Asserted Optical path penalty Jitter Generation (RMS) Jitter Generation (pk-pk) Output Optical Eye Data Input Differential Swing Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal C VIN ZIN 2.0 0 2.0 0 Receiver 1260 -9 -27 LOSD LOSA VOUT -45 0.5 400 2.0 0 High Low 4.5 1200 Vcc+0.3 0.8 -29 ITU-T G.957 compatible 500 100 Vcc+0.3 0.8 Vcc+0.3 0.8 1580 -28 2400 mV V V V V nm dBm dBm dB dBm dBm dB mV V V 6 4 Symbol C P0ut SMSR EX -2 30 8.2 -45 2 0.01 0.1 Min. Transmitter 1500 1580 1 +3 nm nm dBm dB dB dBm dB UI UI 2 3 5 1 Typical Max. Unit Notes
Centre Wavelength Receiver Sensitivity Receiver Overload Reflection LOS De-Assert LOS Assert LOS Hysteresis Data Output Differential Swing LOS
Notes: 1. The optical power is launched into 9/125 SMF. 2. Measured with a PRBS 223-1 test pattern @2.488Gbps. 3. Internally AC-coupled and terminated to 100 differential load. 4. Measured with a PRBS 223-1 test pattern @2.488Gbps, BER better than or equal to 1x10-10 5. Measured with a PRBS 223-1 test pattern @2.488Gbps, maximum dispersion 1600nm/ps , BER 1x 10-10. 6. AC-coupled CML logic family
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 6 of 13
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant Preliminary Datasheet April. 05, 2007
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver's capabilities, standard interfaces, manufacturer, and other information, which is accessible over a two-wire serial interface at the 8-bit address 1010000X (A0h). The memory contents refer to Table 8 Table 8 - EEPROM Serial ID Memory Contents (A0h) Addr. 0 1 2 3--10 11 12 13 14 15 16 17 18 19 20--35 36 37--39 40--55 56--59 60-61 62 63 64--65 66 67 68--83 84--91 92 93 94 95 96--255 Field Size (Bytes) 1 1 1 8 1 1 1 1 1 1 1 1 1 16 1 3 16 4 2 1 1 2 1 1 16 8 1 1 1 1 160 Name of Field Identifier Ext. Identifier Connector Transceiver Encoding BR, nominal Reserved 03 04 07 00 xx 00 00 00 00 00 00 03 xx 00 2km/15km/40km/80km (02/0F/28/50) 2km/15km/40km/80km (14/96/FF/FF) Hex Description SFP MOD4 LC OC 48 short/intermediate/long distance NRZ 155~2670Mbps
Length (9um)-km xx Length (9um) xx Length (50um) 00 Length (62.5um) 00 Length (copper) 00 Reserved Vendor name Reserved Vendor OUI Vendor PN Vendor rev Wavelength Reserved CC BASE Options BR, max BR, min Vendor SN 00 46 49 42 45 52 58 4F 4E 20 49 4E 43 2E 20 20 20 00 00 00 00 46 54 4D 2D xx 31 32 38 43 2D 53 4C xx xx xx 47 xx xx 20 20 05 1E/06 0E 00 xx 00 1A 00 00 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx
"FIBERXON INC. "(ASC)
"FTM-x128C-SLxxxG " (ASC) ASC( "31 30 20 20" means 1.0 revision) 1310nm/1550nm Check sum of bytes 0 - 62 LOS, TX_FAULT, and TX_DISABLE
ASC, Year (2 bytes), Month (2 bytes), Day (2 bytes) Diagnostics Diagnostics (Optional Alarm/warning flags, Soft TX_FAULT , Soft TX_LOS monitoring) Diagnostics (SFF-8472 Rev 9.4) Check sum of bytes 64 - 94
Vendor date codexx xx xx xx xx xx 20 20 Diagnostic type xx Enhanced option SFF-8472 CC EXT Vendor specific B0 02 xx
Note: The "xx" byte should be filled in according to practical case. For more information, please refer to the related document of SFF-8472 Rev 9.5.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 7 of 13
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant Preliminary Datasheet April. 05, 2007
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which makes use of the 8 bit address 1010001X (A2h). Please see Figure 1. For detail EEPROM information, please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is described in Table 9
Figure 1, EEPROM Memory Map Specific Data Field Descriptions Table 9 - Monitoring Specification Parameter FTM-3128C-SL2E(i)G Temperature FTM-3128C-SL15E(i)G FTM-3128C-SL40iG FTM-5128C-SL80EG FTM-3128C-SL2E(i)G Voltage FTM-3128C-SL15E(i)G FTM-3128C-SL40iG FTM-5128C-SL80EG FTM-3128C-SL2E(i)G Bias Current FTM-3128C-SL15E(i)G FTM-3128C-SL40iG FTM-5128C-SL80EG FTM-3128C-SL2E(i)G TX Power FTM-3128C-SL15E(i)G FTM-3128C-SL40iG FTM-5128C-SL80EG RX Power FTM-3128C-SL2E(i)G FTM-3128C-SL15E(i)G -11 to -2dBm -6 to 1dBm -3 to 4dBm -3 to 4dBm -20 to -2dBm -20 to 1dBm
Page 8 of 13
Range -20/-40 to +95C -40 to +95C -30 to +95C
Accuracy
Calibration* Internal Internal External External Internal
3C
3.0 to 3.6V
3%
Internal External External Internal Internal External External Internal Internal External External Internal Internal
0 to 100mA
10%
3dB
3dB
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant FTM-3128C-SL40iG FTM-5128C-SL80EG Preliminary Datasheet -29 to -8dBm -30 to -8dBm April. 05, 2007 External External
Recommended Host Board Power Supply Circuit
Figure 2 shows the recommended host board power supply circuit.
Figure 2, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
Figure 3 shows the recommended interface circuit.
Host Board
Vcc (+3.3V)
2x4.7K to 10K
TX Disable TX Fault SerDat Out +
SFP Module
VccT
10K
Z=50
TD +
SerDat Out -
Z=50
TD -
Laser driver
Protocol IC
SERDES IC
SerDat In +
Z=50
RD +
SerDat In -
Z=50
Amplifier
RD -
LOS
Vcc (+3.3V)
3x4.7K to 10K
MOD-DEF2 MOD-DEF1 MOD-DEF0
EEPROM
RGND
Figure 3, Recommended Interface Circuit
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 9 of 13
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant Preliminary Datasheet April. 05, 2007
Pin Definitions
Figure 4 below shows the pin numbering of SFP electrical interface. The pin functions are described in Table 10 and the accompanying notes.
P in 2 0 T O P V IE W OF BOARD P in 1 1
P in 1 0 B O T T O M V IE W OF BOARD P in 1
Figure 4, Pin View
Table 10 - Pin Function Definitions Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Notes: 1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 10 of 13
Name VeeT TX Fault TX Disable MOD-DEF2 MOD-DEF1 MOD-DEF0 Rate Select LOS VeeR VeeR VeeR RDRD+ VeeR VccR VccT VeeT TD+ TDVeeT
Function Transmitter Ground Transmitter Fault Indication Transmitter Disable Module Definition 2 Module Definition 1 Module Definition 0 Not Connected Loss of Signal Receiver Ground Receiver Ground Receiver Ground Inv. Received Data Out Received Data Out Receiver Ground Receiver Power Transmitter Power Transmitter Ground Transmit Data In Inv. Transmit Data In Transmitter Ground
Plug Seq. 1 3 3 3 3 3 3 3 1 1 1 3 3 1 2 2 1 3 3 1 Note 6 Note 6 Note 5 Note 5 Note 4 Note 1 Note 2 Note 3 Note 3 Note 3
Notes
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant Preliminary Datasheet April. 05, 2007
laser fault of some kind. In the low state, the output will be pulled to less than 0.8V. 2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the module with a 4.7k~10k resistor. Its states are: Low (0~0.8V): (>0.8V, <2.0V): High (2.0~3.465V): Open: Transmitter on Undefined Transmitter Disabled Transmitter Disabled
3. MOD-DEF 0,1,2 are the module definition pins. They should be pulled up with a 4.7k~10k resistor on the host board. The pull-up voltage shall be VccT or VccR. MOD-DEF 0 grounded by the module indicates that the module is present MOD-DEF 1 is the clock line of two-wire serial interface for serial ID MOD-DEF 2 is the data line of two-wireserial interface for serial ID 4. LOS is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of signal. In the low state, the output will be pulled to less than 0.8V. 5. These are the differential receiver outputs. They are AC-coupled 100 differential lines which should be terminated with 100 (differential) at the user SERDES. 6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100 differential termination inside the module.
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 5.
Figure 5, Mechanical Design Diagram of SFP with Spring Latch
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 11 of 13
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant Preliminary Datasheet April. 05, 2007
Ordering Information
Part No. FTM-3128C-SL2iG FTM-3128C-SL2EG FTM-3128C-SL15iG FTM-3128C-SL15EG FTM-3128C-SL40iG FTM-5128C-SL80EG
Product Description 1310nm, 155M 2.67Gbps, 2km, SFP with Spring latch, Monitoring function, -40C~+85C, RoHS compliant 1310nm, 155M 2.67Gbps, 2km, SFP with Spring latch, Monitoring function, -5C~+85C, RoHS compliant 1310nm, 155M 2.67Gbps, 15km, SFP with Spring latch, Monitoring function, -40C~+85C, RoHS compliant 1310nm, 155M 2.67Gbps, 15km, SFP with Spring latch, Monitoring function, -5C~+85C, RoHS compliant 1310nm, 155M 2.67Gbps, 40km, SFP with Spring latch, Monitoring function, -40C~+85C, RoHS compliant 1550nm, 155M 2.67Gbps, 80km, SFP with Spring latch, Monitoring function, -20C~+85C, RoHS compliant
Related Documents
For further information, please refer to the following documents: FlexonTM SFP Installation Guide FlexonTM SFP Application Notes SFP Multi-Source Agreement (MSA) SFF-8472 Rev 9.5
Obtaining Document
You can visit our website: http://www.fiberxon.com Or contact Fiberxon, Inc. America Sales Office listed at the end of the documentation to get the latest documents.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 12 of 13
155M2.67Gbps i/E-temp Spring-latch SFP Transceiver 2~80km transmission, RoHS compliant Preliminary Datasheet April. 05, 2007
Revision History
Revision Rev. 1a Initiate Univer. Yang Review Bell. Huang Approve Walker. Wei Subject Initial datasheet Release Date Apr. 05, 2007
(c) Copyright Fiberxon Inc. 2007 All Rights Reserved. All information contained in this document is subject to change without notice. The products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. The information contained in this document does not affect or change Fiberxon's product specifications or warranties. Nothing in this document shall operate as an express or implied license or indemnity under the intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained in specific environments, and is presented as an illustration. The results obtained in other operating environment may vary. THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN "AS IS" BASIS. In no event will Fiberxon be liable for damages arising directly from any use of the information contained in this document. Contact U.S.A. Headquarter: 5201 Great America Parkway, Suite 340 Santa Clara, CA 95054 U. S. A. Tel: 408-562-6288 Fax: 408-562-6289 Or visit our website: http://www.fiberxon.com
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 13 of 13


▲Up To Search▲   

 
Price & Availability of FTM-3128C-SL15EG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X