![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
June 11, 2007 155M2.67Gbps Spring-latch SFP Transceiver ( With monitoring function, for 15km transmission, RoHS compliant ) Members of FlexonTM Family Compatible with FCC 47 CFR Part 15, Class B Compatible with FDA 21 CFR 1040.10 and 1040.11, Class I RoHS compliant Description FTM-3128C-SL15BG 155M 2.67Gbps Spring-latch SFP transceiver is high performance, Features Support 155M2.67Gbps multi-rate data links uncooled DFB laser and PIN photodiode With isolator on the transmitter. Digital diagnostic monitor interface compatible with SFF-8472 SFP MSA package with duplex LC connector With Spring latch for high density application Class I laser product Hot-pluggable capability Operating case temperature: 0 to +70 cost effective module that supports data-rate up to 2.67Gbps and transmission distance of 15km. The transceiver consists of two sections: The transmitter section incorporates an uncooled DFB laser, and the receiver section consists of a PIN photodiode integrated with a trans-impedance preamplifier (TIA). All modules satisfy class I laser safety requirements. The optical output can be disabled by a TTL logic high-level input of Tx Disable. Tx Fault is provided to indicate degradation of the laser. Loss of signal (LOS) output is provided to indicate the loss of an input optical signal of receiver. The transceiver provides an enhanced monitoring interface, which allows real time access to the transceiver transceiver operating temperature, parameters laser bias such as current, Applications 1x/2x Fiber Channel Gigabit Ethernet SDH/SONET/ATM Other optical links transmitted optical power, received optical power and transceiver supply voltage by reading a built-in memory with I2C interface. For further information, please refer to SFF-8472 Rev 9.5. FTM-3128C-SL15BG is compliant with RoHS. Standard Compatible with SFP MSA Compatible with SFF-8472 Rev 9.5 Compatible with ITU-T G.957 and G.958 Compatible with Telcordia GR-253-CORE Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 1 of 10 155M2.67Gbps Spring-latch SFP Transceiver 15km transmission with monitoring function, RoHS compliant June 11, 2007 Regulatory Compliance The transceivers have been tested according to American and European product safety and electromagnetic compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to FlexonTM regulatory specification and safety guidelines, or contact Fiberxon, Inc. America sales office listed at the end of the documentation. Table 1 - Regulatory Compliance Feature Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to the Duplex LC Receptacle Electromagnetic Interference (EMI) Immunity Laser Eye Safety Component Recognition RoHS Note: In light of item 5 in Annex of 2002/95/EC, "Pb in the glass of cathode ray tubes, electronic components and fluorescent tubes." and item 13 in Annex of 2005/747/EC , " Lead and cadmium in optical and filter glass." ,the two exemptions are being concerned for Fiberxon's transceivers, because Fiberxon's transceivers use glass, which may contain Pb, for components such as lenses, windows, isolators, and other electronic components. Standard MIL-STD-883E Method 3015.7 IEC 61000-4-2 GR-1089-CORE FCC Part 15 Class B EN55022 Class B (CISPR 22B) VCCI Class B IEC 61000-4-3 FDA 21CFR 1040.10 and 1040.11 EN60950, EN (IEC) 60825-1,2 UL and CSA 2002/95/EC 4.1&4.2 2005/747/EC Compatible with standards Compatible with Class 1 laser product. Compatible with standards Compliant with standards note Compatible with standards Performance Class 2(>2000 V) Compatible with standards Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the devices may occur. Table 2 - Absolute Maximum Ratings Parameter Storage Temperature Supply Voltage Operating Humidity Input Optical Power Symbol TS VCC Pmax Min. -40 -0.5 5 Max. +85 3.6 95 +3 Unit C V % dBm Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 2 of 10 155M2.67Gbps Spring-latch SFP Transceiver 15km transmission with monitoring function, RoHS compliant June 11, 2007 Recommended Operating Conditions Table 3 - Recommended Operating Conditions Parameter Operating Case Temperature Power Supply Voltage Power Supply Current Data Rate Symbol TC VCC ICC 155 2488 Min. 0 3.13 Typical Max. +70 3.47 300 2670 Unit C V mA Mbps Optical and Electrical Characteristics All parameters are specified at overall operating case temperature and power supply range, and with a PRBS 223-1 test pattern @2.488Gbps unless otherwise stated. Table 4 -Optical and Electrical Characteristics Parameter Centre Wavelength Spectral Width (-20dB) Average Output Power Side Mode Suppression Ratio Extinction Ration P0ut@TX Disable Asserted Jitter Generation (RMS) Jitter Generation (pk-pk) Output Optical Eye Data Input Differential Swing Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal C VIN ZIN 2.0 0 2.0 0 Receiver Centre Wavelength Receiver Sensitivity Receiver Overload Reflection LOS De-Assert LOS Assert LOS Hysteresis Data Output Differential Swing LOS Notes: Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 3 of 10 Symbol C P0ut SMSR EX Min. Transmitter 1260 -5 30 8.2 Typical Max. 1360 1 0 Unit nm nm dBm dB dB Notes 1 -45 0.01 0.1 ITU-T G.957 compliant 500 100 Vcc+0.3 0.8 Vcc+0.3 0.8 1570 -18 0 -27 LOSD LOSA VOUT -35 0.5 400 2.0 0 4.5 1200 Vcc+0.3 0.8 -20 2400 dBm UI UI 2 mV V V V V nm dBm dBm dB dBm dBm dB mV V V 5 4 3 1260 High Low 155M2.67Gbps Spring-latch SFP Transceiver 15km transmission with monitoring function, RoHS compliant 1. The optical power is launched into 9/125 SMF. 2. Measured with a PRBS 223-1 test pattern @2.488Gbps. 3. Internally AC-coupled and terminated to 100 differential load. 4. Measured with a PRBS 223-1 test pattern, BER better than or equal to 1x10-10 5. AC-coupled CML logic family June 11, 2007 EEPROM Information The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver's capabilities, standard interfaces, manufacturer, and other information, which is accessible over a two-wire serial interface at the 8-bit address 1010000X (A0h). The memory contents refer to Table 5 Table 5 - EEPROM Serial ID Memory Contents (A0h) Addr. 0 1 2 3--10 11 12 13 14 15 16 17 18 19 20--35 36 37--39 40--55 56--59 60-61 62 63 64--65 66 67 68--83 84--91 92 Field Size (Bytes) 1 1 1 8 1 1 1 1 1 1 1 1 1 16 1 3 16 4 2 1 1 2 1 1 16 8 1 Name of Field Identifier Ext. Identifier Connector Transceiver Encoding BR, nominal Reserved 03 04 07 00 12 00 00 00 00 00 00 03 19 00 15km 15km Hex Description SFP MOD4 LC OC48 intermediate distance NRZ 2.488Mbps Length (9um)-km 0F Length (9um) 96 Length (50um) 00 Length (62.5um) 00 Length (copper) 00 Reserved Vendor name Reserved Vendor OUI Vendor PN Vendor rev Wavelength Reserved CC BASE Options BR, max BR, min Vendor SN 00 46 49 42 45 52 58 4F 4E 20 49 4E 43 2E 20 20 20 00 00 00 00 46 54 4D 2D 33 31 32 38 43 2D 53 4C 31 35 42 47 xx xx 20 20 05 1E 00 xx 00 1A 00 00 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx "FIBERXON INC. "(ASC) "FTM-3128C-SL15BG " (ASC) ASC( "31 30 20 20" means 1.0 revision) 1310nm Check sum of bytes 0 - 62 LOS, TX_FAULT, and TX_DISABLE ASC, Year (2 bytes), Month (2 bytes), Day (2 bytes) Diagnostics (Internal.) Page 4 of 10 Vendor date codexx xx xx xx xx xx 20 20 Diagnostic type 68 Fiberxon Proprietary and Confidential, Do Not Copy or Distribute 155M2.67Gbps Spring-latch SFP Transceiver 15km transmission with monitoring function, RoHS compliant June 11, 2007 Diagnostics (Optional Alarm/warning flags, B0 02 xx Soft TX_FAULT , Soft TX_LOS monitoring) Diagnostics (SFF-8472 Rev 9.4) Check sum of bytes 64 - 94 93 94 95 96--255 1 1 1 160 Enhanced option SFF-8472 CC EXT Vendor specific Note: The "xx" byte should be filled in according to practical case. For more information, please refer to the related document of SFF-8472 Rev 9.5. Monitoring Specification The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which makes use of the 8 bit address 1010001X (A2h). Please see Figure 1. For detail EEPROM information, please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is described in Table 6 Figure 1, EEPROM Memory Map Specific Data Field Descriptions Table 6 - Monitoring Specification Parameter Temperature Voltage Voltage Bias Current TX Power RX Power Range -10 to +80C 3.0 to 3.6V 0 to 60 mA -6 to +1 dBm -20 to 1dBm Accuracy 3C 3% 10% 3dB 3dB Calibration* Internal Internal Internal Internal Internal Recommended Host Board Power Supply Circuit Figure 2 shows the recommended host board power supply circuit. Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 5 of 10 155M2.67Gbps Spring-latch SFP Transceiver 15km transmission with monitoring function, RoHS compliant June 11, 2007 Figure 2, Recommended Host Board Power Supply Circuit Recommended Interface Circuit Figure 3 shows the recommended interface circuit. Host Board Vcc (+3.3V) 2x4.7K to 10K TX Disable TX Fault SerDat Out + SFP Module VccT 10K Z=50 TD + SerDat Out - Z=50 TD - Laser driver Protocol IC SERDES IC SerDat In + Z=50 RD + SerDat In - Z=50 Amplifier RD - LOS Vcc (+3.3V) 3x4.7K to 10K MOD-DEF2 MOD-DEF1 MOD-DEF0 EEPROM RGND Figure 3, Recommended Interface Circuit Pin Definitions Figure 4 below shows the pin numbering of SFP electrical interface. The pin functions are described in Table 7 and the accompanying notes. Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 6 of 10 155M2.67Gbps Spring-latch SFP Transceiver 15km transmission with monitoring function, RoHS compliant June 11, 2007 P in 2 0 T O P V IE W OF BOARD P in 1 1 P in 1 0 B O T T O M V IE W OF BOARD P in 1 Figure 4, Pin View Table 7 - Pin Function Definitions Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Notes: 1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a laser fault of some kind. In the low state, the output will be pulled to less than 0.8V. 2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the module with a 4.7k~10k resistor. Its states are: Low (0~0.8V): Transmitter on Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 7 of 10 Name VeeT TX Fault TX Disable MOD-DEF2 MOD-DEF1 MOD-DEF0 Rate Select LOS VeeR VeeR VeeR RDRD+ VeeR VccR VccT VeeT TD+ TDVeeT Function Transmitter Ground Transmitter Fault Indication Transmitter Disable Module Definition 2 Module Definition 1 Module Definition 0 Not Connected Loss of Signal Receiver Ground Receiver Ground Receiver Ground Inv. Received Data Out Received Data Out Receiver Ground Receiver Power Transmitter Power Transmitter Ground Transmit Data In Inv. Transmit Data In Transmitter Ground Plug Seq. 1 3 3 3 3 3 3 3 1 1 1 3 3 1 2 2 1 3 3 1 Note 6 Note 6 Note 5 Note 5 Note 4 Note 1 Note 2 Note 3 Note 3 Note 3 Notes 155M2.67Gbps Spring-latch SFP Transceiver 15km transmission with monitoring function, RoHS compliant (>0.8V, <2.0V): High (2.0~3.465V): Open: Undefined Transmitter Disabled Transmitter Disabled June 11, 2007 3. MOD-DEF 0,1,2 are the module definition pins. They should be pulled up with a 4.7k~10k resistor on the host board. The pull-up voltage shall be VccT or VccR. MOD-DEF 0 grounded by the module indicates that the module is present MOD-DEF 1 is the clock line of two-wire serial interface for serial ID MOD-DEF 2 is the data line of two-wireserial interface for serial ID 4. LOS is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of signal. In the low state, the output will be pulled to less than 0.8V. 5. These are the differential receiver outputs. They are AC-coupled 100 differential lines which should be terminated with 100 (differential) at the user SERDES. 6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100 differential termination inside the module. Mechanical Design Diagram The mechanical design diagram is shown in Figure 5. Figure 5, Mechanical Design Diagram of SFP with Spring Latch Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 8 of 10 155M2.67Gbps Spring-latch SFP Transceiver 15km transmission with monitoring function, RoHS compliant June 11, 2007 Ordering Information FTM Wavelength 3: 1310nm Function 1: Monitoring 3 1 2 8 C SL 1 5 B G Receptacle C: LC Distance 15: 15km Package SL: SFP with spring latch Others B: with isolator G: RoHS compliant Data rate 28: 155M to 2.67G Part No. FTM-3128C-SL15BG Product Description 1310nm, 155M2.67Gbps, 15km, SFP with Spring latch, Monitoring function, with isolator, RoHS compliant, 0C~+70C Related Documents For further information, please refer to the following documents: FlexonTM SFP Installation Guide FlexonTM SFP Application Notes SFP Multi-Source Agreement (MSA) SFF-8472 Rev 9.5 Obtaining Document You can visit our website: http://www.fiberxon.com Or contact Fiberxon, Inc. America Sales Office listed at the end of the documentation to get the latest documents. Revision History Revision Rev. 1a Initiate Univer.Yang Review Bell.Huang Approve Walker.Wei Initial datasheet Subject Release Date June 11, 2007. Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 9 of 10 155M2.67Gbps Spring-latch SFP Transceiver 15km transmission with monitoring function, RoHS compliant (c) Copyright Fiberxon Inc. 2007 All Rights Reserved. All information contained in this document is subject to change without notice. The products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. The information contained in this document does not affect or change Fiberxon's product specifications or warranties. Nothing in this document shall operate as an express or implied license or indemnity under the intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained in specific environments, and is presented as an illustration. The results obtained in other operating environment may vary. THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN "AS IS" BASIS. In no event will Fiberxon be liable for damages arising directly from any use of the information contained in this document. Contact U.S.A. Headquarter: 5201 Great America Parkway, Suite 340 Santa Clara, CA 95054 U. S. A. Tel: 408-562-6288 Fax: 408-562-6289 Or visit our website: http://www.fiberxon.com June 11, 2007 Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 10 of 10 |
Price & Availability of FTM-3128C-SL15BG
![]() |