Part Number Hot Search : 
X3241EA MPC9120 ACTR9001 S1021 00LVEL ZS4737A FDU85 12F67
Product Description
Full Text Search
 

To Download F0503AS-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F_AS-1W Series
1W, FIXED INPUT ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS FEATURES
Efficiency up to 80% SIP Package Single Output Voltage 3kVDC Isolation Temperature Range: -40C to +85C Internal SMD construction Industry Standard Pinout No Heat sink Required No External Component Required RoHS Compliance
PRODUCT PROGRAM
Input Part Number F0305AS-1W F0503AS-1W F0505AS-1W F0509AS-1W F0512AS-1W F0515AS-1W F1205AS-1W F1209AS-1W 12 10.8-13.2 5 4.5-5.5 Voltage (VDC) Nominal 3.3 Range 3.0-3.6 Voltage (VDC) 5 3.3 5 9 12 15 5 9 12 15 15 13.5-16.5 5 5 24 21.6-26.4 9 12 15 Output Current (mA) Max 200 303 200 111 83 67 200 111 83 67 200 200 111 83 67 Min 20 30 20 12 9 7 20 12 9 7 20 20 12 9 7 74 73 72 76 79 78 70 75 78 79 69 71 76 78 80 Efficiency (%, Typ)
APPLICATIONS
The F_AS-1W Series are specially designed for applications where a single power supply is highly isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 3000VDC); 3) Where the regulation of the output voltage and the output ripple and noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits and IGBT power device driven circuits, etc.
F1212AS-1W F1215AS-1W F1505AS-1W F2405AS-1W F2409AS-1W F2412AS-1W F2415AS-1W
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Isolation capacitance Test condition Tested for 1 minute and 1mA max Test at 500VDC Min 3000 1000 60 Typ Max Units VDC M pF
OUTPUT SPECIFICATIONS
Item Output power Test condition Min 0.1 For Vin change of 1%(3.3V output) For Vin change of 1%(others) Typ Max 1 1.5 1.2 12 10 8.3 6.8 6.3 20 15 15 15 15 % Units W
MODEL SELECTION
Line regulation
F0505AS-1W
Rate Power Package Style Output Voltage Input Voltage Product Series
10% to 100% full load(3.3V output) 10% to 100% full load(5V output) Load regulation 10% to 100% full load(9V output) 10% to 100% full load(12V output) 10% to 100% full load(15V output) Output voltage accuracy Temperature drift 100% full load 20MHz bandwidth Full load, nominal input voltage
See tolerance envelope graph 0.03 50 100 100 %/C mVp-p KHz
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
Ripple & Noise* Switching frequency
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes.
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details.
MORNSUN reserves the copyright
Specifications subject to change without notice.
F_AS-1W
A/0-2008
Page 1 of 2
COMMON SPECIFICATION
Item Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature Short circuit protection* Cooling Case material MTBF Weight *Supply voltage must be discontinued at the end of short circuit duration. 3500 2.1 1.5mm from case for 10 seconds -40 -55 15 Test condition Min Typ Max 95 85 125 25 300 1 Free air convection Plastic (UL94-V0) K hours g s C Units %
Recommended circuit If you want to further
decrease
the
input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
L L
Vin
Cin
+Vo
DC DC
(Figure 1)
Cout
GND
0V
It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the recommended capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (Table 1)
TYPICAL CHARECTERISTICS
Vin (VDC) 3.3/5 12
Operating Temp.(oC)
Cin (uF) 4.7 2.2 2.2 1
Single Vout (VDC) 3.3/5 9 12 15
Cout (uF) 10 4.7 2.2 1
15 24
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
First Angle Projection
9.50 (0.374)
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
(0.161)
Side View
RECOMMENDED FOOTPRINT Top view,grid:2.54*2.54mm(0.1*0.1inch), diameter:1.00mm(0.039inch)
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
0.50 (0.020) 12
(0.035) (0.236)
4
6
Vin GND
REG
+Vout
DC DC
0V
REG
12
4
6
Bottom View
(0.079)
Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0.012inch) Pin section tolerances: +0.10mm( +0.004inch) General tolerances: +0.25mm( +0.010inch)
FOOTPRINT DETAILS Pin Function Vin 1 2 GND 4 +Vo 6
Vin GND
+Vout
DC DC
0V
(Figure 2) Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. No parallel connection or plug and play.
APPLICATION NOTE
Requirement On Output Load To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a maximum load (nam ely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power.
MORNSUN reserves the copyright
Specifications subject to change without notice.
F_AS-1W
A/0-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of F0503AS-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X