Part Number Hot Search : 
BF3510TV SB280 OM5233ST DAC20CP 854919 AN2615 NCP1570D X4645V8
Product Description
Full Text Search
 

To Download EQXP-PC52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
EQXP-PC52 SERIES
Features * * * * * * Extremely low jitter Low cost Express delivery Stability from 20ppm, -40 to +85C RoHS compliant Serial ID with comprehensive traceability
LVPECL 5x3.2mm 2.5V OSCILLATOR
Freq: 0.75MHz to 1.0GHz
OUTLINE & DIMENSIONS
Description The XPRESSO range of fully configurable oscillators utilizes a family of proprietary ASICs developed for noise reduction to provide oscillators with noise levels comparable to traditional bulk-produced quartz and SAW-based oscillators. XPRESSO oscillators are low-cost, low-noise, with a wide frequency range, excellent ambient performance and available on very short leadtimes. All XPRESSO oscillators are 100% final tested . Electrical Specification Frequency Range: Frequency stability: Operating Temperature Range: Storage Temperature Range: Supply Voltage: Input Current 0.75 ~ 20.0MHz: 20+ ~ 220.0MHz: 220+ ~ 630.0MHz: 630+ ~ 1.0GHz: Output Load: Start-up Time: Output Enable/Disable Time: Moisture Sensitivity Level: Termination Finish: Output Low Voltage: Output High Voltage: Output Symmetry: Output Enable Voltage: Output Disable Voltage: Rise/Fall Time: Maximum Soldering Parameters: 0.750MHz ~ 1.0GHz from 20ppm to 100ppm -40 ~ +85C -55 ~ +125C +2.5 Volts 5% 33mA 41mA 63mA 72mA 50W into Vdd-2VDC, typical 10ms 100ns 1 Au 0.68V typical 1.4 Volts typical 45/55% >70% Vdd <30% Vdd 400ps 260C for 10 seconds
Typical applications * Any application requiring an oscillator. * SONET * Ethernet * Storage Area Networks * Broadband Access * Microprocessors/DSP/FPGA * Industrial Controllers * Test and measurement * Fibre Channel
Supply Format Tape and Reel, 12mm tape, 8.0mm pitch, 1k reel = 178mmO 2k reel = 255mmO
Model Selection Guide
EQXP - P C 5 2 6 R - 622.080000
P = LVPECL C = Ceramic 5 = 5x3.2mm 2 = 2.5V Jitter Measurements Rj/Dj Composition Frequency Phase Jitter Time Interval Error Random Deterministic Total Jitter (Tj) (14*Rj)+Dj Jitter (Dj) (MHz) (12kHz~20MHz) s of jitter distribution Jitter (Rj) (ps) (ps p-p) (ps RMS) (ps RMS) (ps RMS) 62.5 156.25 212.50 622.08 2.10 1.20 1.27 1.68 3.1 3.5 4.2 3.7 1.35 1.36 1.33 1.06 10.5 10.0 11.8 8.3 30.5 29.3 30.8 23.4 0 5 6 8 Frequency Blank = -20~+70C R = -40 ~ +85C = + = = 100ppm 50ppm 25ppm 20ppm (-20~+70 only)
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of EQXP-PC52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X