Part Number Hot Search : 
SN67010 D74HC08C ST100 HI5808 1N4741B M03623FC OVM4B HMC799
Product Description
Full Text Search
 

To Download EIA1415-8P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Excelics
* * * * * 14.4-15.35GHz BANDWIDTH AND INPUT/OUTPUT IMPEDANCE MATCHED TO 50 OHM HIGH PAE( 20% TYPICAL) +39dBm TYPICAL P1dB OUTPUT POWER 6.5dB TYPICAL G1dB POWER GAIN NON-HERMETIC METAL FLANGE PACKAGE
EIA1415-8P
Not recommended for new designs. Contact factory. Effective 03/2003 14.4-15.35GHz, 8W Internally Matched Power FET
ELECTRICAL CHARACTERISTICS (Ta = 25 OC)
EIA1415-8P SYMBOLS PARAMETERS/TEST CONDITIONS Output Power at 1dB Compression f=14.4-15.35GHz Vds=8V, Idsq=0.5 Idss Gain at 1dB Compression Vds=8V, Idsq=0.5 Idss f=14.4-15.35GHz MIN 38 5.5 TYP 39 6.5 20 3520 46 4400 5760 6000 -1.0 -13 -15 2.3
o
MAX
UNIT dBm dB % mA dBm
P1dB G1dB PAE Id1dB IP3 Idss Gm Vp BVgd Rth
Power Added Efficiency at 1dB compression f=14.4-15.35GHz Vds=8V, Idsq=0.5 Idss Drain Current at 1dB Compression Output 3 Order Intercept Point Vds=8V, Idsq=0.5 Idss
rd
f=14.4-15.35GHz
Saturated Drain Current Vds=3V, Vgs=0V Transconductance Pinch-off Voltage Vds=3V, Vgs=0V Vds=3V, Ids=48mA
6800
mA mS
-2.5
V V C/W
Drain Breakdown Voltage Igd=19.2mA Thermal Resistance (Au-Sn Eutectic Attach)
MAXIMUM RATINGS AT 25OC
SYMBOLS Vds Vgs Ids Igsf Pin Tch Tstg Pt PARAMETERS Drain-Source Voltage Gate-Source Voltage Drain Current Forward Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 12V -8V Idss 720mA 38dBm 175oC -65/175oC 60W 8V -3V 6240mA 120mA @ 3dB Compression 150oC -65/150oC 50W CONTINUOUS2
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 310 De Guine Drive, Sunnyvale, CA 94085
Phone: (408) 737-1711 Fax: (408) 737-1868 Web Site: www.excelics.com om


▲Up To Search▲   

 
Price & Availability of EIA1415-8P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X