Part Number Hot Search : 
TC74H B0922BT1 2SD1915 330M166 N6121 00DT1 FMMV2105 RJP4301
Product Description
Full Text Search
 

To Download DTSPU16B-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTSPU16 Series
15 Watt Single Output AC/DC Desktop Power Supply
FEATURES
Splash Proof Single Output 2 Year Warranty Energy Star Compliant Optional Output Connectors A & C Types: Class I Insulation 3 Types of Inlet Connectors Available Wide Input Voltage 90 to 264VAC, 47~63Hz B Type: Class II Insulation (Double Insulation) Output Voltages Available from 3VDC thru 48VDC
Approval not for B Type
SPECIFICATIONS: DTSPU16 Series o All specifications are based on 25 C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances.
SPECIFICATION
INPUT (Vin) Operating Voltage Range Input Frequency Input Current (Low Line) Input Current (High Line) Inrush Current (Low Line) Inrush Current (High Line) Safety Ground Leakage Current Start-Up Time OUTPUT (Vo) Output Voltage Range Load Regulation Line Regulation Output Power Range Output Current Range *Ripple & Noise (peak to peak) Transient Response Hold-Up Time Minimum Load PROTECTION Over Voltage Protection Over Current Protection GENERAL Efficiency Dielectric Withstanding Voltage For Primary to Secondary Dielectric Withstanding Voltage Primary to Ground (For A & C Types Only) Isolation Resistance Power Consumption (No Load) ENVIRONMENTAL Operating Temperature Storage Temperature Relative Humidity Temperature Coefficient PHYSICAL Weight Dimensions Input Inlet Warranty SAFETY CISPR (EMI Requirements for CISPR-22) FCC (EMI Requirements for FCC Part-15)
TEST CONDITIONS
Min
90 47
Nom
Max
264 63 0.4 0.26 15 30 0.75 2
Unit
VAC Hz A A A A mA s VDC % % W A % ms ms % % % % VDC VDC
Io = Full Load, Vin = 115VAC Io = Full Load, Vin = 230VAC Io = Full Load, 25C, Cool Start, Vin = 115VAC Io = Full Load, 25C, Cool Start, Vin = 230VAC Io = Full Load, Vin = 240VAC Io = Full Load, Vin = 100VAC
0.3
12 26 0.5 1
Vin = 230VAC Io = Full Load Vin = 90 to 264VAC Full Load, Vin = 90VAC Io = Full Load to Half Load, Vin = 100VAC Io = Full Load, Vin = 110VAC
See Rating Chart 3 10 0.5 1 15 See Rating Chart 0.5 1 4 5 0 Nil Nil. Output protected to short circuit conditions
Io = Full Load, Vin = 230VAC Primary to Secondary Primary to Ground Test Voltage = 500VDC No Load, Vin = 240VAC Derate linearly from 100% Load at 40C to 50% load at 70C
80 4242 2121 50 0 0 -40 5 -0.04 0.4
85
0.5 70 85 95 +0.04
M W C C % %/C
All Outputs
Approximately 165 grams 3.58(L) x 1.50(W) x 1.42(H) inches IEC-320-C14, IEC-320-C8, IEC-320-C6 2 years Vin = 220VAC Vin = 110VAC B B Class Class
*Note: The Ripple & Noise for output voltages under 3.3VDC is 2% max. Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
DTSPU16 Series
15 Watt Single Output AC/DC Desktop Power Supply
OUTPUT VOLTAGE/ CURRENT RATING CHART
Model Number *DTSPU16A-101 *DTSPU16A-102 *DTSPU16A-103 *DTSPU16A-104 *DTSPU16A-105 *DTSPU16A-106 *DTSPU16A-107 *DTSPU16A-108 *DTSPU16A-109 DTSPU16A-110 DTSPU16A-111 *DTSPU16B-101 *DTSPU16B-102 *DTSPU16B-103 DTSPU16B-104 DTSPU16B-105 DTSPU16B-106 DTSPU16B-107 DTSPU16B-108 DTSPU16B-109 DTSPU16B-110 DTSPU16B-111 *DTSPU16C-101 *DTSPU16C-102 *DTSPU16C-103 *DTSPU16C-104 *DTSPU16C-105 *DTSPU16C-106 *DTSPU16C-107 *DTSPU16C-108 *DTSPU16C-109 DTSPU16C-110 DTSPU16C-111 Preset Voltage 5 VDC 6 VDC 8 VDC 11 VDC 13 VDC 16 VDC 21 VDC 27 VDC 33 VDC 40 VDC 48 VDC 5 VDC 6 VDC 8 VDC 11 VDC 13 VDC 16 VDC 21 VDC 27 VDC 33 VDC 40 VDC 48 VDC 5 VDC 6 VDC 8 VDC 11 VDC 13 VDC 16 VDC 21 VDC 27 VDC 33 VDC 40 VDC 48 VDC Output Voltage Range 3 ~ 5 VDC 5 ~ 6 VDC 6 ~ 8 VDC 8 ~ 11 VDC 11 ~ 13 VDC 13 ~ 16 VDC 16 ~ 21 VDC 21 ~ 27 VDC 27 ~ 33 VDC 33 ~ 40 VDC 40 ~ 48 VDC 3 ~ 5 VDC 5 ~ 6 VDC 6 ~ 8 VDC 8 ~ 11 VDC 11 ~ 13 VDC 13 ~ 16 VDC 16 ~ 21 VDC 21 ~ 27 VDC 27 ~ 33 VDC 33 ~ 40 VDC 40 ~ 48 VDC 3 ~ 5 VDC 5 ~ 6 VDC 6 ~ 8 VDC 8 ~ 11 VDC 11 ~ 13 VDC 13 ~ 16 VDC 16 ~ 21 VDC 21 ~ 27 VDC 27 ~ 33 VDC 33 ~ 40 VDC 40 ~ 48 VDC Output Current 2.50A max 2.40 ~ 2.00A 2.00 ~ 1.50A 1.87 ~ 1.36A 1.36 ~ 1.15A 1.15 ~ 0.94A 0.94 ~ 0.72A 0.72 ~ 0.55A 0.55 ~ 0.45A 0.45 ~ 0.37A 0.37 ~ 0.31A 2.50A max 2.40 ~ 2.00A 2.00 ~ 1.50A 1.87 ~ 1.36A 1.36 ~ 1.15A 1.15 ~ 0.94A 0.94 ~ 0.72A 0.72 ~ 0.55A 0.55 ~ 0.45A 0.45 ~ 0.37A 0.37 ~ 0.31A 2.50A max 2.40 ~ 2.00A 2.00 ~ 1.50A 1.87 ~ 1.36A 1.36 ~ 1.15A 1.15 ~ 0.94A 0.94 ~ 0.72A 0.72 ~ 0.55A 0.55 ~ 0.45A 0.45 ~ 0.37A 0.37 ~ 0.31A Total Regulation 7% 5% 5% 5% 5% 5% 5% 5% 5% 3% 3% 7% 5% 5% 5% 5% 5% 5% 5% 5% 3% 3% 7% 5% 5% 5% 5% 5% 5% 5% 5% 3% 3% Maximum Output Power 12W 12W 12W 15W 15W 15W 15W 15W 15W 15W 15W 12W 12W 12W 15W 15W 15W 15W 15W 15W 15W 15W 12W 12W 12W 15W 15W 15W 15W 15W 15W 15W 15W AC Inlet Connector
IEC-320-C14
IEC-320-C8
IEC-320-C6
NOTES
1. The DTSPU16 Series is designated as DTSPU16x-y where x represents the type of AC input inlet connector, which can either be A (IEC-320-C14), B (IEC-320-C8), or C (IEC-320-C6); y can be 101, 102, 103, 104, 105, 106, 107, 108, 109, 110 or 111. 2. The output voltage is specified as a range (Ex: 40 ~ 50VDC); the preset voltage will be set as standard models if nothing different is requested. Please contact factory for ordering details. 3. The " * " symbol means PSE approval. 4. A & C Types Only: Models with output voltages under 30VDC have been approved by TUV/PSE. 5. Optional output connectors are available (see "DC Output Plug Selector List" link located at the bottom of the "Desktop" category page). Please call factory for ordering details.
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
DTSPU16 Series
15 Watt Single Output AC/DC Desktop Power Supply
DERATING CURVE
MECHANICAL DRAWING
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of DTSPU16B-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X