![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DTA12-Y Series Rev. B 10-12 Watts Single Output AC/DC Desktop Power Supply FEATURES Single Output Energy Star Compliant Short Circuit Protected Output Current from 0.8~2A IEC-320-C8 AC Inlet Connector Output Voltages from 5~15VDC DESCRIPTION The DTA12-Y Series offers 10 to 12 Watts in a universal input single output desktop power supply. Output voltages are available from 5VDC to 15VDC. This series is Energy Star Compliant and also has short circuit protection. All models come with an IEC-320-C8 AC inlet connector. SPECIFICATIONS: DTA12-Y Series All specifications apply @ 25C ambient unless otherwise noted INPUT SPECIFICATIONS Input Range ............................................................ 100 - 240VAC Input Frequency ............................................................... 50-60Hz Leakage Current ....................................................... 0.25mA max ENVIRONMENTAL SPECIFICATIONS Operating Temperature .................................................. 0 ~ +40C Storage Temperature................................................... -25 ~ +85C PHYSICAL SPECIFICATIONS Weight ................................................................................... 84.2g Dimensions ..............................................2.36 x 1.48 x 1.02 inches 60 x 37.5 x 26 mm AC Inlet ........................................................................ IEC-320-C8 OUTPUT SPECIFICATIONS Output Current ................................................................ see table Line Regulation ...................................................................... 1% Load Regulation ..................................................................... 5% Ripple/Noise (20 MHz BW) ..................................................... 1% Hold Up Time ..................................................... 10ms @ 115VAC SAFETY EMI Conduction ................................................... CISPR22 class B PROTECTION Short Circuit Protection ............................................... Continuous Over Voltage Protection ...................................................... Option Due to advances in technology, specifications subject to change without notice Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797 DTA12-Y Series Rev. B 10-12 Watts Single Output AC/DC Desktop Power Supply OUTPUT VOLTAGE / CURRENT RATING CHART Model DTAF1205-Y DTAF1206-Y DTAF1207-Y DTAF1275-Y DTAF1208-Y DTAG1209-Y DTAG1210-Y DTAG1211-Y DTAH1212-Y DTAH1213-Y DTAH1214-Y DTAH1215-Y Output Voltage 5 VDC 6 VDC 7 VDC 7.5 VDC 8 VDC 9 VDC 10 VDC 11 VDC 12 VDC 13 VDC 14 VDC 15 VDC Output Current 0 ~ 2.00A 0 ~ 1.66A 0 ~ 1.42A 0 ~ 1.50A 0 ~ 1.25A 0 ~ 1.30A 0 ~ 1.20A 0 ~ 1.09A 0 ~ 1.00A 0 ~ 0.92A 0 ~ 0.85A 0 ~ 0.80A Ripple & Noise 50mV 60mV 70mV 70mV 80mV 90mV 100mV 110mV 120mV 130mV 140mV 150mV Line Regulation Load Regulation 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% NOTES 1. The DTA12-Y Series is designated as DTAx12z-Y where x represents the different output voltage sections: F (5-8V), G (9-11V), H (12-15V). Z can be 05, 06, 07, 75, 08, 09, 10, 11, 12, 13, 14, or 15 for output voltage and Y represents the AC inlet connector (IEC-320-C8). 2. Powered by an ENERGY STAR(R) qualified adaptor for a better environment. Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797 |
Price & Availability of DTAG1210-Y
![]() |