Part Number Hot Search : 
AS170 D2424 00950 23A10 LH5268A V607TE03 UH4PCC 00393
Product Description
Full Text Search
 

To Download DST5-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSFORMER
1. CONFIGURATION & DIMENSIONS :
1.041 (0.041) Clearance hole for optional mtg screw and nut W ML
DST5-20 (F) SERIES
C
35.31 (1.390)
8
4
A
3
A B PC terminal 7.11 (0.28)
L
2
A
1
H
PCB Pattern
UNIT : mm (inch) SIZE 5 VA 12 L 48.50 (1.91) W 40.30 (1.59) H 36.80 (1.45) ML 31.75 (1.250) A 7.62 (.300) B 10.16 (.400) C 35.81 (1.410) Optional mtg. screw & nut* 101.6-1016.0 x 34.93 (4-40 x 1.375) gram 317.5
2. SCHEMATIC :
8 PIN TYPE DST 4 5
115/230V 3 50/60Hz 2
6 7
1 " " indicates polarity
8
3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. No Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size AC 115/230 V 50/60 Hz . Less Than 20mA . Less Than 25mA . Series AC 23.20V . Parallel AC 11.60V . Series 0.6A . Parallel 1.2A . Less Than 75mA . Less Than 145mA . Series 20.00V . Parallel 10.00V . Primary = 112.70 Ohm . = 134.50 Ohm . Secondary = - Ohm . = - Ohm . DC 500V 100Meg Ohm Of More . AC 2500V 60Hz 1 Minutes . Less Than 60 Deg C . EI-48 x 20.00 m/m .
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.01.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
A 5
B 6
7


▲Up To Search▲   

 
Price & Availability of DST5-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X