Part Number Hot Search : 
CY62128 X7R22 101KA11 AD8137 SFA1608G 50RIA20 BZX84C 84C30
Product Description
Full Text Search
 

To Download DNR-QDN003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 18 Channel Schottky Diode Termination Network
QDN003 Series
* RoHS compliant and Sn/Pb terminations available * Reduces overshoot and undershoot for all data line types * 15KV HBM ESD protection, 8KV ESD contact discharge protection * Effective termination for both controlled/uncontrolled line terminations * 36 Schottky diodes integrated in a QSOP package for fast turn-on/reverse recovery characteristics
Electrical Data
Parameter Operating Voltage (VDD - VSS) Diode Forward Voltage Forward current = 1mA Forward current = 12mA Channel Input Capacitance (@1MHz) (5.5pF typical) Channel Leakage Current (T = 25C) (0 VIN VDD) Channel Clamp Current Package Power Rating Operating Temperature Range Storage Temperature Range N/A N/A N/A N/A N/A N/A 0C -65C 0.55V 1.0V 12pF Min Value -0.3V Max Value 7.0V
0.1A 50mA 1.0W +70C +150C
Schematic Data
15 Vss 20 19 18 17 16 14 13 12 11
1
2
3
4 5 Vdd
6
7
8
9
10
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc QDN003 Series Issue January 2009 Sheet 1 of 2
18 Channel Schottky Diode Termination Network
Physical Data
Note: All dimesions exclude mold flash and end flash which shall not exceed 0.006" per side. Drawing proportions not to scale.
Note: Lead Coplanarity 0.004" Max.
Ordering Data
Prefix Model DNR QDN003LF
QDN003LF = 20-pin, high speed, 18-line termination network with 100% matte tin, Pb-free terminations QDN003 = 20-pin, high speed, 18-line termination network with Sn/Pb terminations
Packaging
Specify tubes or tape & reel.
For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
QDN003 Series Issue January 2009 Sheet 2 of 2


▲Up To Search▲   

 
Price & Availability of DNR-QDN003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X