Part Number Hot Search : 
ST104 UPB425D D75P116 NJM592D8 S272J1 MB84V A1822 SSF3401
Product Description
Full Text Search
 

To Download DNR-QDN001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Diode Termination Network
QDN001 Series
* Suitable for high speed memory bus applications * RoHS compliant and Sn/Pb terminations available * Reduces overshoot and undershoot for all data line types * Effective termination for both controlled/uncontrolled line terminations * 36 Schottky diodes integrated in a QSOP package for fast turn-on/reverse recovery characteristics
Electrical Data
Parameter Operating Voltage (VDD) Diode Forward Voltage Forward Current = 10mA Forward Current = 50mA Channel Input Capacitance (VIN = 2.5V, VDD = 5V, T = 25C) ESD Protection MIL-STD-883 Method 3015 Channel Leakage Current (T = 25C) (0 VIN VDD) Channel Clamp Current Package Power Rating Operating Temperature Range Storage Temperature Range N/A N/A 0.5V 0.8V 5pF Min Value -0.3V Max Value 7.0V
N/A
4KV 0.1A 50mA 1.0W +70C +150C
N/A N/A N/A 0C -65C
Schematic Data
VDD 24 23 22 21 20 VDD 19 18 17 16 15 14 Gnd 13
1 Gnd
2
3
4
5
6 Gnd
7
8
9
10
11
12 VDD
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc QDN001 Series Issue January 2009 Sheet 1 of 2
Schottky Diode Termination Network
Physical Data
Note: All dimesions exclude mold flash and end flash which shall not exceed 0.006" per side. Drawing proportions not to scale
Note: Lead Coplanarity 0.004" Max.
Ordering Data
Prefix Model DNR QDN001LF
QDN001LF = 24-pin, high speed, 18-line termination network with 100% matte tin, Pb-free terminations QDN001 = 24-pin, high speed, 18-line termination network with Sn/Pb terminations
Packaging
Specify tubes or tape & reel.
For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
QDN001 Series Issue January 2009 Sheet 2 of 2


▲Up To Search▲   

 
Price & Availability of DNR-QDN001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X