Part Number Hot Search : 
AN3317 TDA725 21M10 D1803DFH JANTXV1 SA2002 P6KE200A BC12429A
Product Description
Full Text Search
 

To Download DA15PE1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D-SUBMINIATURE
Adam Technologies, Inc.
INTRODUCTION: Adam Tech Straight PCB tail D-Sub connectors are a popular interface for many I/O applications. Offered in 9, 15, 25, 37 and 50 positions they are an excellent choice for a low cost, sturdy, full metal body industry standard connection. These connectors are manufactured with precision stamped or machined turned contacts offering a choice of contact plating and a wide selection of mating and mounting options. FEATURES: Industry standard compatibility Durable metal shell design Precision formed contacts Variety of Mating and mounting options MATING CONNECTORS: Adam Tech D-Subminiatures and all industry standard D-Subminiature connectors. SPECIFICATIONS: Material: Standard insulator: PBT, 30% glass reinforced, rated UL94V-0 Optional Hi-Temp insulator: Nylon 6T Insulator Colors: Black (White optional) Contacts: Phosphor Bronze Shell: Steel, Tin or Zinc plated Hardware: Brass, Nickel plated Contact Plating: Gold Flash (15 and 30 in Optional) over Nickel underplate overall Electrical: Operating voltage: 250V AC / DC max. Current rating: 5 Amps max. Contact resistance: 20 m max. initial Insulation resistance: 5000 M min. Dielectric withstanding voltage: 1000V AC for 1 minute Mechanical: Insertion force: 0.75 lbs max Extraction force: 0.44 lbs min Temperature Rating: Operating temperature: -65C to +125C Soldering process temperature: Standard insulator: 235C Hi-Temp insulator: 260C PACKAGING: Anti-ESD plastic trays APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
STRAIGHT & WIRE WRAP PCB TAIL
DPT, DST, DPE & DSE SERIES
ORDERING INFORMATION DB25 ST 1 SL
MOUNTING OPTIONS Blank = .120"Mounting Holes SL = Bottom side riveted #4-40 Clinch Nuts JS = Top side riveted #4-40 Jackscrews CONTACT TYPE BL = Riveted #4-40 PT = Plug, Straight PCB Internal Threaded Tail, Standard Profile Standoffs with ST = Socket, Straight Boardlocks PCB Tail, Standard R = Riveted Round Profile Jack Screws PE = Plug, Straight PCB JSL = Bottom side Tail, High Profile riveted #4-40 SE = Socket, Straight Clinch Nuts with PCB Tail, High Jack Screws Profile installed TERMINAL LENGTH 1 = Standard tail length for .062" thru .125" PCB's (E = .189") 2 = Wire wrap tail (E = .512") SHELL SIZE/ POSITIONS DE09 = 9 Position DA15 = 15 Position DB25 = 25 Position DC37 = 37 Position DD50 = 50 Position OPTIONS: Add designator(s) to end of part number 15 = 15 in gold plating in contact area 30 = 30 in gold plating in contact area EMI = Ferrite filtered version for EMI / RFI suppression (Page 72) HT = Hi-Temp insulator for hi-temp soldering processes up to 260C
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
78
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
D-SUBMINIATURE
Adam Technologies, Inc.
STRAIGHT & WIRE WRAP PCB TAIL
DPT & DST SERIES
MOUNTING OPTIONS PLUG
C B A .2 109 [ .77] 84] [2. 112 . #4-40 THREAD #4 -0 4 2X THREAD
.[ 41 94
.5 5] 2
.329 3. 8 [
6]
.157 [4.0]
. 57 1 [ 0] . 4
SL Option
X 2 o. [ 8 1 3] .0
Bottom side riveted #4-40 #4-40 THREAD Clinch Nuts 2X
SL OPTION #4 -0 4 THREAD
.0 031 [
] .8 .433 1 [ .0] 1
.157 [4.0]
. 3[ 5 2 2 .9]
E D [1 421 . .70 ] 0
8 2 . 58 [.
]
*E = .189" or .512"
JS Option
#4-40 THREAD Top side riveted #4-40 Jack 2X Screws
SOCKET
C B A 109 .2 [ .77] 84] [2. 112 .
JS OPTION #4 -0 4 THREAD 36 2 . 60 ] [. .236 [6.0]
41 .[ 94
.5 5] 2
.311 [7. 90
]
BL Option
#4-40 Threaded Boardlocks
X 2 o. [ 8 1 3] .0 B BLO PTION o. 39 [ 0 .031 0 [ ] .8 .433 1 [ .0] 1 3[ 5 2 2 .9] . .112 [2.84] 0 9[ .77] 1 . 2 E o. 18 [ 1 D [1 421 . .70 ] 0 o3 ] .0 2Option Wire Wrap TailX o1 ] .0
51 2 . 3 00] 1. [
*E = .189" or .512"
Unit: Inch [mm] PLUG Positions A 9 15 25 37 50 .666 [16.92] .994 [25.25] 1.534 [38.96] 2.182 [55.43] 2.079 [52.81] A .643 [16.33] .971 [24.66] 1.511 [38.38] 2.159 [54.84] 2.064 [52.43] B .984 [24.99] 1.312 [33.32] 1.852 [47.04] 2.500 [63.50] 2.406 [61.11] C 1.213 [30.81] 1.541 [39.14] 2.088 [53.04] 2.729 [69.32] 2.637 [67.00] D .756 [19.20] 1.091 [27.70] 1.618 [41.10] 2.256 [57.30] 2.169 [55.10] SOCKET DIMENSIONS
o. 1 1 3.0] [
Terminal length -2 wire wrap tail
8
B o.039[ o1] 0 .
.112 [2.84]
.109 [2.77]
Recommended PCB Layout
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
79


▲Up To Search▲   

 
Price & Availability of DA15PE1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X