Part Number Hot Search : 
BT101 133BG 133BG BF423 133BG 133BG 133BG CDB4329
Product Description
Full Text Search
 

To Download CTSPWF-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transformers - Low Profile
ctparts.com
CTSPW Low Profile
2.5 VA - 12.0 VA
Not shown at actual size.
SPECIFICATIONS
CTSPWF Please specify "F" for RoHS compliant
Part Numbers 115V/230 Dual Primaries CTSPW_-050 CTSPW_-051 CTSPW_-052 CTSPW_-053 CTSPW_-054 CTSPW_-055 CTSPW_-056 CTSPW_-057 CTSPW_-058 CTSPW_-059 CTSPW_-060 CTSPW_-061 CTSPW_-100 CTSPW_-101 CTSPW_-102 CTSPW_-103 CTSPW_-104 CTSPW_-105 CTSPW_-106 CTSPW_-107 CTSPW_-108 CTSPW_-109 CTSPW_-110 CTSPW_-111
VA PARALLEL 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 12.0 12.0 12.0 12.0 12.0 12.0 12.0 12.0 12.0 12.0 12.0 12.0 5V @ 500 mA 6.3V @ 400 mA 8V @ 300 mA 10V @ 250 mA 12V @ 200 mA 17V @ 150 mA 20V @ 120 mA 28V @ 90 mA 44V @ 56 mA 60V @ 40 mA 115V @ 20 mA 15V @ 170 mA 5V @ 1.2A 6.3V @ 900 mA 8V @ 700 mA 10V @ 600 mA 12V @ 500 mA 17V @ 340 mA 20V @ 300 mA 28V @ 200 mA 44V @ 130 mA 60V @ 100 mA 115V @ 50 mA 15V @ 400 mA
Secondary SERIES 10V CT @250 mA 12.6V CT @ 200 mA 16V CT @ 150 mA 20V CT @ 125 mA 24V CT @ 100 mA 34V CT @ 75 mA 40V CT @ 60 mA 56V CT @ 45 mA 88V CT @ 28 mA 120V CT @ 20 mA 230V CT @ 10 mA 30V CT @ 85 mA 10V CT @600 mA 12.6V CT @ 450 mA 16V CT @ 350 mA 20V CT @ 300 mA 24V CT @ 250 mA 34V CT @ 170 mA 40V CT @ 150 mA 56V CT @ 100 mA 88V CT @ 65 mA 120V CT @ 50 mA 230V CT @ 25 mA 30V CT @ 200 mA 10V CT @ 1.2A 12.6V CT @ 900 mA 16V CT @ 700 mA 20V CT @ 600 mA 24V CT @ 500 mA 34V CT @ 340 mA 40V CT @ 300 mA 56V CT @ 200 mA 88V CT @ 130 mA 120V CT @ 100 mA 230V CT @ 50 mA 30V CT @ 400 mA
Compliant Available
RoHS
CHARACTERISTICS
Description: Power Transformers (Low Profile) Applications: Linear Power Supplies, Equipments such as monitors and TV Power Transformers, AC/DC adaptor, Radiogram recorder, Sounder, Other home electric Dual Primaries: 115/ 230V ,50/60Hz HI-POT: 1500V rms Packaging: Bulk Miscellaneous: RoHS Compliant available. Additional Information: Additional electrical & physical information available upon request Features: Low Profile design allows low PCB clearance : 3/4" for 2.5VA units, 1" for 6VA units and 1.25" for 12VA units. Non concentric winding where the secondary is wound alongside rather than directly over primary. This lowers the interwinding capacitance thereby eliminating the need for an electrostatic shield. Hum Bucking (Semi-Toroidal) construction diminishes radiated magnetic field and balanced windings. Samples available. See website for ordering information.
CTSPW_-300 CTSPW_-301 CTSPW_-302 CTSPW_-303 CTSPW_-304 CTSPW_-305 CTSPW_-306 CTSPW_-307 CTSPW_-308 CTSPW_-309 CTSPW_-310 CTSPW_-311
5V @ 2.4A 6.3V @ 1.8A 8V @ 1.4A 10V @ 1.2A 12V @ 1.0A 17V @ 680 mA 20V @ 600 mA 28V @ 400 mA 44V @ 260 mA 60V @ 200 mA 115V @ 100 mA 15V @ 800 mA
PHYSICAL DIMENSIONS
C 1.0mm
1 5 6 8 7
E
B
2 4 3
E
PHYSICAL DIMENSIONS
CTSPW-050~061 VA A B C D E F 2.5 48.10mm 38.10mm 17.00mm 6.00mm 9.50mm 40.00mm CTSPW-100~111 6.0 48.10mm 38.10mm 21.50mm 6.00mm 9.50mm 40.00mm CTSPW-300~311 12.0 64.70mm 50.00mm 26.30mm 6.00mm 12.70mm 50.30mm
A Bottom View
D
F E
1 PRIMARIES 2 115V/230V 3 50/60Hz 4 Indicates Polarity
5 6 7 8
WEIGHT
CTSPW-050~061 VA 2.5 141.75g/pc CTSPW-100~111 6.0 198.45g/pc CTSPW-300~311 12.0 311.85g/pc 03.28.06
E PBC Pattern
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTSPWF-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X