|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power Inductors - Shielded ctparts.com CTCDRH104F Series From 1.0 H to 470 H Not shown at actual size. SPECIFICATIONS Parts are only available in 20% inductance tolerance. L Test Freq. (kHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 DCR Max. () .014 .017 .024 .029 .032 .044 .050 .054 .069 .084 .094 0.11 0.15 0.17 0.21 0.23 0.29 0.36 0.41 0.45 0.64 0.84 0.86 1.07 1.37 1.55 1.74 Rated DC (A) 8.50 8.00 7.50 7.00 6.00 5.00 2.40 2.25 2.00 1.80 1.65 1.45 1.35 1.20 1.10 1.00 0.93 0.84 0.76 0.70 0.63 0.57 0.52 0.47 0.43 0.39 0.36 Part Number CTCDRH104F-1R0M CTCDRH104F-1R5M CTCDRH104F-2R2M CTCDRH104F-3R3M CTCDRH104F-4R7M CTCDRH104F-6R8M CTCDRH104F-100M CTCDRH104F-120M CTCDRH104F-150M CTCDRH104F-180M CTCDRH104F-220M CTCDRH104F-270M CTCDRH104F-330M CTCDRH104F-390M CTCDRH104F-470M CTCDRH104F-560M CTCDRH104F-680M CTCDRH104F-820M CTCDRH104F-101M CTCDRH104F-121M CTCDRH104F-151M CTCDRH104F-181M CTCDRH104F-221M CTCDRH104F-271M CTCDRH104F-331M CTCDRH104F-391M CTCDRH104F-471M Inductance (H) 1.0 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 Compliant RoHS CHARACTERISTICS Description: SMD (shielded) power inductor Applications: VTR power supplies, OA equipment, LCD televisions, PC notebooks, portable communication equipment, DC/DC converters Inductance Tolerance: 20% Operating Temperature: -30C to +100C Testing: Inductance is tested on an HP4285A at 100kHz Packaging: Tape & Reel Marking: Marked with inductance code Rated DC: Maximum allowable DC current is that which causes a 25% inductance reduction from the initial value, or coil temperature to rise by 40C, whichever is smaller. (Reference ambient temperature 25C). Miscellaneous: RoHS Compliant Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. PHYSICAL DIMENSIONS Size mm inches A Max. 9.2 0.362 B Max. 10.1 0.398 C Max. 5.0 0.197 D Typ. 2.0 0.079 E Typ. 8.3 0.327 F Typ. 5.3 0.209 A C B XXX Inductance Code D RECOMMENDED LAND PATTERN Unit: mm 2.5 S F E F 2.3 5.0 2.3 08.16.07 Technologies Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL |
Price & Availability of CTCDRH104F-6R8M |