Part Number Hot Search : 
0102A SN74L BD896 A143Z 75M00 HD66728 SCL4511 DTA144W
Product Description
Full Text Search
 

To Download CHUMG5PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT NPN Digital Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHUMG5PT
CURRENT 70 mAmpere
FEATURE
* Small surface mounting type. (SC-88A/SOT-353) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. two CHDTC114Y chips in one package. Built in bias resistor(R1=10k, Typ. )
(1) (5)
SC-88A/SOT353
1.2~1.4
(2) (3)
0.65 0.65
2.0~2.5
0.15~0.35 1.15~1.35
0.08~0.15 0.1 Min.
0.8~1.1 0~0.1 2.15~2.45
CIRCUIT
3 R1 R2
2 R1 R2
1
4
5
Dimensions in millimeters
SC-88A/SOT353
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCC VIN IO DC Output current IC(Max.) PTOT TSTG Total power dissipation Storage temperature Tamb 25 OC, Note 1 PARAMETER Supply voltage Input voltage CONDITIONS - -6 - - - -55 - MIN. MAX. 50 +40 70 mA 100 150 +150 mW
O
UNIT V V
C
TJ Note
Junction temperature
150
O
C
1. Transistor mounted on an FR4 printed-circuit board.
2004-04
RATING CHARACTERISTIC ( CHUMG5PT)
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL VIoff) VI(on) VO(on) II IC(off) hFE R1 R2/R1 fT PARAMETER Input off voltage Input on voltage Output voltage Input current Output current DC current gain Input resistor Resistor ratio Transition frequency IE=-5mA, VCE=10.0V f =100MHz CONDITIONS IO=100uA; VCC=5.0V IO=1mA; VO=0.3V IO=5mA; II=0.25mA VI=5V VI=0V; VCC=50V IO=5mA; VO=5.0V - - - - 68 7.0 3.7 - MIN. 0.3 - - 0.1 - - - 10 4.7 250 TYP. - 1.4 0.3 0.88 0.5 - 13 5.7 - K MHz MAX. V V V mA uA UNIT
Note 1.Pulse test: tp300uS; 0.02.
RATING CHARACTERISTIC CURVES ( CHUMG5PT)
Typical Electrical Characteristics
Fig.1 Input voltage vs. output current (ON characteristics)
100 50 20 10 5 2 1 500m 200m 100m 100 200 500 1m 2m 5m 10m 20m 50m 100m Ta =- 40OC 25OC = 100OC VO=0.3V
Fig.2 Output current vs. input voltage (OFF characteristics)
10m 5m
OUTPUT CURRENT : Io (A)
VCC=5V
INPUT VOLTAGE : VI(on) (V)
2m 1m 500 200 100 50 20 10 5 2 1 0 0.5 1.0 1.5 2.0 2.5 3.0 INPUT VOLTAGE : VI(off) (V) Ta=100OC 25OC -40 OC
OUTPUT CURRENT : IO (A)
Fig.3 DC current gain vs. output current
1k 500
DC CURRENT GAIN : GI
Fig.4 Output voltage vs. output current
1 500m
OUTPUT VOLTAGE : VO(on) (V)
VO =5V Ta=100OC 25OC -40OC
lO/lI=20 Ta=100 C 25OC -40 OC
O
200 100 50 20 10 5 2
200m 100m 50m 20m 10m 5m 2m
1 100 200
500 1m 2m
5m 10m 20m 50m100m
1m 100
200
500 1m
2m
5m 10m 20m 50m 100m
OUTPUT CURRENT : IO (A)
OUTPUT CURRENT : IO (A)


▲Up To Search▲   

 
Price & Availability of CHUMG5PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X