Part Number Hot Search : 
D4KB1 100GP SMF12 SMF12 DLO7135 2N5046 SC246 431BC
Product Description
Full Text Search
 

To Download BR1203-20-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Edal SERIES BR1203 with Wire Leads 35 AMP SILICON FAST RECOVERY BRIDGE RECTIFIER
(PLASTIC CASE WITH METAL HEAT SINK) INCHES MIN. MAX. 1.12 0.692 1.12 0.692 0.43 0.28 0.038 1.2 1.13 0.732 1.13 0.732 0.47 0.31 0.042 MILLIMETERS MIN. MAX 28.4 17.6 28.4 17.6 10.9 7.3 0.97 30.5 28.7 18.6 28.7 18.6 11.9 7.9 1.07
DIM . A B C D E F G H
PART NUMBER
MAX AVG. RECT CURRENT If (AV) @ TAR LOAD
INPUT VOLTAGE RECOMMENDED Vrms
PIV
Vrrm
MAX. FORWARD PEAK SURGE CURRENT Ifsm
MAX. FORWARD VOLTAGE @ Ta = 25o C Ir
MAX. REV CURRENT @ Ta = 25o C Ir
MAX. REVERSE RECOVERY TIME Trr
(A)
BR1203-5-1-W BR1203-10-1W BR1203-20-1W BR1203-40-1W BR1203-60-1W BR1203-80-1W BR1203-100-1W 35 35 35 35 35 35 35
(C)
55 55 55 55 55 55 55
(V)
20 40 80 125 250 380 440
(V)
50 100 200 400 600 800 1000
(A)
400 400 400 400 400 400 400
(V)
1.3 1.3 1.3 1.3 1.3 1.3 1.3
(A)
17.5 17.5 17.5 17.5 17.5 17.5 17.5
(uA)
10 10 10 10 10 10 10
(nS)
150 150 150 150 250 500 500
THE PLASTIC MATERIAL CARRIES U/L RECOGNITION 94 V-O
(203) 467-2591 TEL (203) 469-5928 FAX Email: Info@ edal.com Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


▲Up To Search▲   

 
Price & Availability of BR1203-20-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X