Part Number Hot Search : 
ADV7510 PST3138 20BFH 2MBI15 T421004 MAX9888 C114E 56FBGA
Product Description
Full Text Search
 

To Download BH084 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BATTERY HOLDERS & SNAPS
Adam Technologies, Inc.
INTRODUCTION: Adam Tech BH and BS series battery holders and Battery snaps are designed to contain batteries in electronic equipment. This series includes battery holders and coin cell holders for a complete range of AAA, AA, C, D, 9V and Coin Cells. Adam Tech produces this series in a variety of terminations such as thru-hole PCB leads, SMT leads, wire leads and solder lugs. Custom lead lengths on wired configurations are also available. Our superior retention holders are molded of UL94-VO or UL94-HB material with spring steel contacts and perform extremely well under normal or adverse environment conditions. FEATURES: Lightweight and compact Multiple termination options Various battery configurations Alkaline and Lithium types BATTERY HOLDER SPECIFICATIONS: Material: Insulator: Impact resistant Polypropylene, rated UL94-HB 9V Holder, ABS, Glass filled rated UL94-HB Coin Cell: PBT, rated UL94V-0 Insulator Color: Black Spring: Spring Steel, Nickel plated Contacts: Spring steel, Nickel plated Snap terminals: Brass, Nickel plated Wire: 26 Awg, PVC BATTERY SNAPS SPECIFICATIONS: Material: Soft PVC or rigid PP or PE Snap terminals: Brass, nickel plated Wire: 26 Awg stranded, UL1007, PVC insulation Electrical: Operating voltage: 9V max. Temperature Rating: Operating temperature: -10C to +180C Electrical: Operating voltage: 1.5V & 9V DC max. Temperature Ratings: Operating temperature: -10C to +80C 9V holder: -30C to +105C Coin Cell: -55C to + 205C SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
AA, AAA, C, D & COIN CELL
BH & BS SERIES
ORDERING INFORMATION BATTERY HOLDER BH
SERIES INDICATOR BH = Battery Holder
01
TYPE 01 thru 23
3
TERMINATION 1 = PC Board Tails 2 = Male/Female Snaps 3 = Solder Terminals 4 = Wire Leads 5.90 [150.00] 5 = SMT (Coin Cell Types)
ORDERING INFORMATION BATTERY SNAPS BS
SERIES INDICATOR BS = Battery Snap
1
1
LEADS
Pb
UL
(R)
TYPE 01 thru 6
(R)
(R)
DE
V
RoHS
COMPLIANT 2002 / 95 / EC
1 = Standard 5.90 [150.00] length leads with stripped ends 2 = Special lead length specified in inches as total length/stripped length (ie: 7/.250 7" leads with .250" strip length)
358
909 Rahway Avenue * Union, New Jersey 07083 RoHS * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
COMPLIANT


▲Up To Search▲   

 
Price & Availability of BH084

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X