Part Number Hot Search : 
AD7824 P8P08 TEVAL MBR3045 PP1DD MA3J745D AT54C OP20BJ
Product Description
Full Text Search
 

To Download BFIHAD00000111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Band Pass Filter/ Isolator Hybrid Combination
BFIH Series
Features * Wide Operating
Wavelength Range
BAND PASS FILTER/ISOLATOR HYBRID COMBINATION
Oplink's BFIH is a compact combination of a bandpass filter and a polarization insensitive optical isolator. The built-in bandpass filter blocks the amplifiers spontaneous emission (ASE) in the erbium doped fiber amplifier (EDFA), thus significantly improving the amplifier's performance.
* Compact Size * High Isolation * Ultra Low PDL & PMD * Highly Stable & Reliable * Epoxy-Free Optical Path Applications * Fiberoptic Amplifiers * CATV Fiberoptic Links * WDM Systems * Fiberoptic Instruments * Transmitters and Fiber
Lasers Sensors
* Laboratory R&D
Performance Specifications
BFIH Series Type A Type B
Isolator Stage Single Stage Pass Channel Wavelength Range 1528-1563 Rejection channel Wavelength Range 1450-1495 Isolation(Min.) 21 (over Pass Channel wavelength range 0 ~ 70C, all SOP) Pass Channel Insertion Loss(Max.) (over wavelength range, 0 to +70C, all SOP) Rejection Channel Insertion Loss(Max.) (over wavelength range and 0 to +70C, all SOP) WDL (Max.) Return Loss(Min.) (input/output ports) PDL (Max.) PMD(Max.) Maximum Power Handling Operation Temperature Storage Temperature Package Dimension* 0.3 0.15 0.25 0.8
Dual Stage
36 1.0 30 0.4 0.2 0.05 500 0 to +70 -40 to +85 P1:(o)5.5 x (L)34
Single Stage 1547 .5-1563.5 1450-1540 21 0.9
Dual Stage
36 1.1 25
Unit nm nm dB dB dB dB dB dB dB mW C C mm
0.3 55 0.15 0.25
0.4 0.2 0.05
Oplink Fiber Optic Product Lines
Amplifier Components Amplifier Modules DW DMs Switching/Routing/ Monitoring/ Conditioning Transmission RGB Laser Modules
Values are referenced without connector loss * The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Oplink Communications, Inc.
Band Pass Filter/Isolator Hybrid Combination
Pack age Dimensions: Configuration:
Ordering Information
Oplink custom designs and manufactures high performance fiber optic networking components and integrated optical modules. Oplink can provide a remarkable range of customized optical solutions to meet your specific design needs. By combining our technical expertise with our extensive micro-optic manufacturing and packaging capability, your volume requirements for components and customized integrated products can be met. We are happy to discuss your requirements. Please contact Oplink's OEM Design Team or Sales Representative for ordering and price information (510) 933-7200.
BFIH
Wavelength Type A=A Type B=B
0
Stage Single Stage=S Dual Stage=D
0
0
0
0
1
Fiber Length 1.0 Meter=1* 1.5 Meters=5 2.0 Meters=2 Fiber Type 250 m SMF-28=1 900 m tight buffer=5 Connector Type None=1 FC/PC=2 FC/SPC=3 FC/APC=4 SC/PC=5 SC/SPC=6 SC/APC=7 ST=8 LC=9 MU=A
* 1 meter is standard. The lead time for special fiber length will be longer.
Package Type P1=1
46335 Landing Parkway Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com


▲Up To Search▲   

 
Price & Availability of BFIHAD00000111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X