Part Number Hot Search : 
MM74C90 04598 FM105 16800 MEH14ZBA N5234D TMC2000 LA4905
Product Description
Full Text Search
 

To Download B72214T2141K101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIOV metal oxide varistors
Housed (ThermoFuse) varistors, AdvanceD series
Series/Type: Date:
ETFV14 December 2007
Data Sheet
EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Housed varistors ThermoFuse varistors, ETFV14 series
Construction

Round varistor element, leaded Coating: epoxy resin, flame-retardant to UL 94 V-0 Terminals: tinned copper wire, metal compound wire Housing: thermoplastic, flame-retardant to UL 94 V-0
Features
Wide operating voltage range 130 ... 420 VRMS Self-protected under abnormal overvoltage conditions High-energy AdvanceD series E2
Approvals
UL
Applications
Air conditioner, refrigerator, TV, etc. Power meter, inverter, telecom equipment, etc. Transient voltage surge suppressors (TVSS)
Delivery mode
Bulk (standard)
Typical applications
Line Line fuse
ThermoFuse
D To protected device LED R
Neutral
VAR0602-S-E
General technical data Climatic category Operating temperature Storage temperature Electric strength Response time to IEC 60068-1 to CECC 42 000 to CECC 42 000 40/85/56 - 40 ... + 85 - 40 ... +125 2.5 <25 C C kVRMS ns
Please read Cautions and warnings and Important notes at the end of this document.
2
11/07
Housed varistors ThermoFuse varistors, ETFV14 series
Maximum ratings (TA = 85 C) Ordering code Type (untaped) SIOVETFV14K130E2 ETFV14K140E2 ETFV14K150E2 ETFV14K175E2 ETFV14K210E2 ETFV14K230E2 ETFV14K250E2 ETFV14K275E2 ETFV14K300E2 ETFV14K320E2 ETFV14K350E2 ETFV14K385E2 ETFV14K420E2 VRMS V 130 140 150 175 210 230 250 275 300 320 350 385 420 VDC V 170 180 200 225 270 300 320 350 385 420 460 505 560 imax (8/20 s) A 6000 6000 6000 6000 6000 6000 6000 6000 6000 6000 6000 6000 6000 Wmax (2 ms) J 50 55 60 70 80 90 100 110 125 136 136 136 136 Pmax W 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6
B72214T2131K101 B72214T2141K101 B72214T2151K101 B72214T2171K101 B72214T2211K101 B72214T2231K101 B72214T2251K101 B72214T2271K101 B72214T2301K101 B72214T2321K101 B72214T2351K101 B72214T2381K101 B72214T2421K101
Characteristics (TA = 25 C) Ordering code Type (untaped) SIOVETFV14K130E2 ETFV14K140E2 ETFV14K150E2 ETFV14K175E2 ETFV14K210E2 ETFV14K230E2 ETFV14K250E2 ETFV14K275E2 ETFV14K300E2 ETFV14K320E2 ETFV14K350E2 ETFV14K385E2 ETFV14K420E2 Vv (1 mA) V 205 220 240 270 330 360 390 430 470 510 560 620 680 Vv (1 mA) % 10 10 10 10 10 10 10 10 10 10 10 10 10 vc, max (ic) V 340 360 395 455 545 595 650 710 775 840 910 1025 1120 ic A 50 50 50 50 50 50 50 50 50 50 50 50 50 Ctyp (1 kHz) pF 650 610 570 490 410 380 350 320 300 280 260 240 220
B72214T2131K101 B72214T2141K101 B72214T2151K101 B72214T2171K101 B72214T2211K101 B72214T2231K101 B72214T2251K101 B72214T2271K101 B72214T2301K101 B72214T2321K101 B72214T2351K101 B72214T2381K101 B72214T2421K101
Please read Cautions and warnings and Important notes at the end of this document.
3
11/07
Housed varistors ThermoFuse varistors, ETFV14 series
Dimensional drawing Weight Nominal diameter VRMS V mm 14 130 ... 420 Weight g 4.3 ... 5.3
1.40.5
20.5 19.2 max.
10.5
50.5
11.2 max.
2 50.5 7.50.5
3
1
50.5
22 max.
o0.80.05
VAR0587-A-E
Lead configuration
3
ThermoFuse
2
Monitor lead
Metal oxide varistor
1
VAR0592-X-E
Please read Cautions and warnings and Important notes at the end of this document.
4
11/07
Housed varistors ThermoFuse varistors, ETFV14 series
Reliability data Test Varistor voltage Test methods/conditions Requirement
Clamping voltage
Surge current derating, 8/20 s
The voltage between two terminals with To meet the specified value. the specified measuring current applied is called Vv (1 mADC @ 0.2 ... 2 s). The maximum voltage between two To meet the specified value. terminals with the specified standard impulse current (8/20 s) applied. CECC 42 000, test C 2.1 |V/V (1 mA)| 10% 100 surge currents (8/20 s), unipolar, (measured in direction interval 30 s, amplitude corresponding of surge current) to derating curve for 100 impulses No visible damage at 20 s CECC 42 000, test C 2.1 |V/V (1 mA)| 10% 100 surge currents (2 ms), unipolar, (measured in direction interval 120 s, amplitude corresponding of surge current) to derating curve for 100 impulses No visible damage at 2 ms UL1449, limited current abnormal overvoltage test. Apply a high AC voltage to ThermoFuse varistor, the amplitude of overvoltage and current limit will be adopted from UL1449 general instruction in section 37. The specimen will be tested on a softwood surface covered with a double layer of white tissue paper. The specimen is to be loosely draped with a double layer of cheesecloth. The cheesecloth shall cover openings where flame, molten or other particles may be expelled as a result of the test. The test result will be visually inspected. Any of these phenomena shall not be observed, or this specimen will be judged as failed part. 1. Emission of flame, molten metal, glowing or flaming particles through any openings (pre-existed or created as a result of the test) in the product. 2. Charring, glowing, or flaming of the supporting surface, tissue paper, or cheesecloth. 3. Ignition of the enclosure. 4. Creation of any openings in the enclosure that result in accessibility of live parts, when judged in accordance with accessibility of live parts, UL1449 section 13.
Surge current derating, 2 ms
Abnormal overvoltage test
Please read Cautions and warnings and Important notes at the end of this document.
5
11/07
Housed varistors ThermoFuse varistors, ETFV14 series
v/i characteristics v = f (i) - for explanation of the characteristics refer to "General technical information", 1.6.3
5000 V v 2000 1000 800 600 400 200 210 175 150 140 130 10
_4
A = Leakage current B = Protection level
for worst-case varistor tolerances
VAR0627-U
A 420 385 350 320 300 275 250 230 300 275 250 230 210
B 420 385 350 320
100 80 60 50 _ 5 10
175 150 140 130
_2 _1
10
_3
10
10
10 0
10 1
10 2
10 3 i
A 10 4
SIOV-ETFV14 ... E2
Please read Cautions and warnings and Important notes at the end of this document.
6
11/07
Housed varistors ThermoFuse varistors, ETFV14 series
Derating curves Maximum surge current imax = f (tr, pulse train) For explanation of the derating curves refer to "General technical information", section 1.8.1
10 4 A
VAR0435-Z
i max
tr 1x 2 10
i max
10 3 5
10 5
2
10 2 10 3 10 4 10 5 10 6
10 1 5
10 0 1 10
5
10 2
5
10 3
5
s 10 4 tr
SIOV-ETFV14 ... E2
Please read Cautions and warnings and Important notes at the end of this document.
7
11/07
Housed varistors ThermoFuse varistors, ETFV14 series
Cautions and warnings General 1. EPCOS metal oxide varistors (SIOVs) are designed for specific applications and should not be used for purposes not identified in our specifications, application notes and data books unless otherwise agreed with EPCOS during the design-in-phase. 2. Ensure suitability of SIOVs through reliability testing during the design-in phase. SIOVs should be evaluated taking into consideration worst-case conditions. 3. For applications of SIOVs in line-to-ground circuits based on various international and local standards there are restrictions existing or additional safety measures required. Storage 1. Store SIOVs only in original packaging. Do not open the package before storage. 2. Storage conditions in original packaging: Storage temperature: Relative humidity: Dew precipitation: -25 C ... +45 C <75% annual average, <95% on maximum 30 days a year. Is to be avoided.
3. Avoid contamination of an SIOV's surface during storage, handling and processing. 4. Avoid storage of SIOVs in harmful environments that can affect the function during long-term operation (examples given under operation precautions). 5. The SIOV type series should be soldered within the time specified: SIOV-S, -Q, -LS ETFV and SFS types Handling 1. SIOVs must not be dropped. 2. Components must not be touched with bare hands. Gloves are recommended. 3. Avoid contamination of the surface of SIOV electrodes during handling, be careful of the sharp edge of SIOV electrodes. Soldering (where applicable) 1. Use rosin-type flux or non-activated flux. 2. Insufficient preheating may cause ceramic cracks. 3. Rapid cooling by dipping in solvent is not recommended. 4. Complete removal of flux is recommended. 24 months 12 months.
Please read Cautions and warnings and Important notes at the end of this document.
8
11/07
Housed varistors ThermoFuse varistors, ETFV14 series
Mounting 1. Potting, sealing or adhesive compounds can produce chemical reactions in the SIOV ceramic that will degrade the component's electrical characteristics. 2. Overloading SIOVs may result in ruptured packages and expulsion of hot materials. For this reason SIOVs should be physically shielded from adjacent components. Operation 1. Use SIOVs only within the specified temperature operating range. 2. Use SIOVs only within the specified voltage and current ranges. 3. Environmental conditions must not harm SIOVs. Use SIOVs only in normal atmospheric conditions. Avoid use in the presence of deoxidizing gases (chlorine gas, hydrogen sulfide gas, ammonia gas, sulfuric acid gas, etc), corrosive agents, humid or salty conditions. Avoid contact with any liquids and solvents.
Please read Cautions and warnings and Important notes at the end of this document.
9
11/07
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
10
11/07


▲Up To Search▲   

 
Price & Availability of B72214T2141K101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X